Part Number Hot Search : 
5233B EIN12 UF104G HD74AC PS11422 PSRL9827 LTC1865L AP4959GM
Product Description
Full Text Search
 

To Download KTA1271A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH CURRENT APPLICATION. FEATURES
High hFE : hFE=100 320. Complementary to KTC3203A.
KTA1271A
EPITAXIAL PLANAR PNP TRANSISTOR
B
C
A
N K
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IE PC Tj Tstg RATING -35 -30 -5 -800 800 400 150 -55 150 UNIT V V V
L
G
E
H F F
mA mA mW
M
1
2
3
C
J
D
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
1. EMITTER 2. COLLECTOR 3. BASE
TO-92 (F)
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance Note : hFE(1) Classification 0:100 200, Y:160
)
TEST CONDITION VCB=-35V, IE=0 VEB=-5V, IC=0 IC=-10mA, IB=0 VCE=-1V, IC=-100mA VCE=-1V, IC=-700mA IC=-500mA, IB=-20mA VCE=-1V, IC=-10mA VCE=-5V, IC=-10mA VCB=-10V, IE=0, f=1MHz MIN. -30 100 35 -0.5 TYP. 120 19 MAX. -100 -100 320 -0.7 -0.8 V V MHz pF UNIT nA nA V
SYMBOL ICBO IEBO V(BR)CEO hFE(1) (Note) hFE(2) VCE(sat) VBE fT Cob 320
2010. 1. 28
Revision No : 1
1/2
KTA1271A
I C - V CE
-1k COLLECTOR CURRENT I C (mA) -800 -600 -400 -200 0
COMMON EMITTER Ta=25 C -8 -7 -6 -5 -4 -3 -2 IB =-1mA 0
h FE - I C
2k DC CURRENT GAIN h FE 1k 500 300 100 50 30 10 -1 -3 -10 -30 -100 -300
-1k
COMMON EMITTER VCE =-1V
Ta=100 C Ta=25 C Ta=-25 C
0
-1
-2
-3
-4
-5
-6
COLLECTOR-EMITTER VOLTAGE V CE (V)
COLLECTOR CURRENT I C (mA)
VCE(sat) - I C
COLLECTOR-EMITTER SATURATION VCE(sat) (V) -3 -1 -0.5 -0.3 -0.1 -0.05 -0.03 -0.01 -1 -3 -10 -30 -100 -300 -1k COLLECTOR CURRENT I C (mA)
Ta=100 C Ta=25 C Ta=-25 C
I C - V BE
COLLECTOR CURRENT I C (mA) -1k -500 -300 -100 -50 -30 -10 -5 -3 -1 -0.2
COMMON EMITTER VCE =-1V
COMMON EMITTER I C /I B =25
25 C
C
100
-0.4
-0.6
Ta= -25
Ta=
Ta=
C
-0.8
-1.0
BASE-EMITTER VOLTAGE V BE (V)
Pc - Ta
COLLECTOR POWER DISSIPATION P C (mW) 700 600 500 400 300 200 100 0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE Ta ( C)
2010. 1. 28
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KTA1271A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X