|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TOKO TYPE 5VST LC Filters for TV, VCR and Video Camera TYPE 5VST Features l LC block filters based on 5mm square coil units. l Adjustable and non-adjustable types available. Up to four units may be used in combination. l Shield case fitted. l Basic units will take up to 2 built-in capacitors. l Highly adaptability allows use in 1~4 unit series. l Suitable for highpass, lowpass, and bandpass filters, delay lines, and equalizers. l Superior temperature and humidity response. Applications l Small, low-profile video frequency LC filters for VCR, video cameras, etc. Specifications Effective bandwidth Maximum inductance Approx. Q value under no load Internal capacitor Max. no. combinable 0.1 ~ 15MHz 700H 40 4~750pF up to 2 int. 4 Filters for Digital Encoder Toko part no. TH288LNMS-15251 Impedance 75 ohm Toko part no. H288LSMS-3245 G288ENMS-3126TCD G288ENMS-3101TCD Bandwidth or cutoff freq. 6MHz (-3dB) 10MHz (-3dB) 8MHz (-3dB) Input / Output impedance 1kohm 1kohm 1kohm Notes LPF 300ns (6MHz) EQT 400ns (4MHz) EQT 500ns (3.5MHz) 1 |
Price & Availability of H288LSMS-3245 |