Part Number Hot Search : 
HTG12G0 LTC2757 0ETTTS GPZ15M ZTX314 P1240 KAS40W SF305
Product Description
Full Text Search
 

To Download H1043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100BASE-T SINGLE PORT TRANSFORMER MODULES
With Various Transmit Turns Ratios
Meets all IEEE 802.3 and ANSI X3.263 standards including 350 H OCL with 8 mA bias Designed for use with transceivers from AMD, Kendin Semiconductor, and Quality Semiconductor IC grade transfer-molded package suitable for reflow soldering temperatures up to 235C Patented Interlock base construction for high reliability
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
Part Number H1013 H1015 H1033 H1035 H1043 H1081 H1093 H1119 Turns Ratio (5%) Receive 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 Transmit 2:1 2:1 2:1 2:1 1.25:1 1: 2 2:1 1: 2 Insertion Loss 100 KHz-100 MHz (dB MAX) -1.0 -1.0 -1.0 -1.0 -1.0 -2.0 -1.0 -2.0 Return Loss (db MIN) 30 MHz -16 -16 -16 -16 -16 -18 -16 -16 60 MHz -12 -12 -12 -12 -12 -12 -12 -11 80 MHz -10 -10 -10 -10 -10 -11 -10 -10 30 MHz -45 -45 -45 -45 -45 -45 -45 -45 Crosstalk (dB MIN) 60 MHz -38 -38 -38 -38 -38 -38 -38 -38 100 MHz -34 -34 -34 -34 -34 -34 -34 -34
Hipot (Vrms MIN) 1500 1500 1500 1500 1500 1500 1500 1500
NOTE: The H1093 has been optimized for use with the Kendin KS8761.
U.S. Patent No. 5,015,981
Mechanical
H1013, H1015, H1033, H1035, H1043, H1081, H1093, H1119
.700 17,78 .100 2,54
H1XXX
Date Code Country of Origin
.395 .500 10,03 12,70
.100 2,54
.540 13,72
NOTE 1.000 .005 25,40 0,13
.018 TYP 0,46 Suggested Pad Layout
.040 1,02
.230 5,84
.004/0,10 16 SURFACES
0-8 .025 MIN 0,64
.100 TYP 2,54 .700 17,78
.005 0,13
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
NOTE: Pin 4 is omitted on the H1015.
U.S: 619 674 8100 * U.K: 44 1483 401700 * France: 33 3 84 35 04 04 * Taiwan: 886 2 2698 0228 * Singapore: 65 287 8998 * http://www.pulseeng.com
PRELIMINARY H314.P (4/99)
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
With Various Transmit Turns Ratios
Schematics
H1013, H1033, H1043, H1093 H1015 H1035, H1081, H1119
TRANSMIT 1 2 3 RECEIVE 6 7 8 10 9 11
1 3 2
TRANSMIT 16
16 14 12 11 10
TRANSMIT 16 14 15 RECEIVE
7
10 12 12 11 7 3 5 6 NOTE: The H1081 incorporates an autotransformer, so there is no connection to the TX transformer center tap.
15 14
15
RECEIVE 1
5 6
2
Tape and Reel Specifications
o .059 1,50 .004 0,10 .000 0,00 .157 3,99 .079 2,01
8 .069 1,75 .795 20,19
5 MAX. DRAFT ANGLE
1.59 1.73 .012 40,39 43,94 0,30
1.13 28,70
.740 18,80
.945 24,00
.230 5,84 .270 6,86
Weight . . . . . . . . . . .3.00 grams Tape & Reel . . . . . . . . .350/reel Tube . . . . . . . . . . . . . . .20/tube NOTE: Modules are packaged in tubes, unless Tape & Reel is specified. Please add the suffix "T" such as H1013T for Tape & Reel orders.
For More Information :
Corporate (U.S.A.)
12220 World Trade Drive San Diego, CA 92128 Tel: 619 674 8100 FAX: 619 674 8262 Quick-Facts: 619 674 9672 http://www.pulseeng.com
U.K. (Northern Europe)
1 & 2 Huxley Road The Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom Tel: 44 1483 401700 FAX: 44 1483 401701
France (Southern Europe)
Zone Industrielle F-39270 Orgelet France Tel: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41
Taiwan (Northern Asia)
3F-4, No. 81, Sec. 1 HsinTai Wu Road Hsi-Chih, Taipei Hsien Taiwan Tel: 886 2 2698 0228 FAX: 886 2 2698 0948
Singapore (Southern Asia)
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 Tel: 65 287 8998 FAX: 65 280 0080
Distributor
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. Printed on recycled paper. (c)1999, Pulse Engineering, Inc.
PRELIMINARY H314.P (4/99)


▲Up To Search▲   

 
Price & Availability of H1043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X