Part Number Hot Search : 
SD4870A SA605 NX7460LE MAX1473 P6KE200 T2080 39108 APU3037
Product Description
Full Text Search
 

To Download G200CB1K-14V-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Energy Efficient Direct Incandescent Replacement
470nm Super Blue Based LED Lamps
Features Options
* Maintenance Free, Easy Installation * Direct Mount in Industry Standard * * *
Sockets Without Modification Solid-State, High Shock/Vibration Resistant Built-in Current Limiting Resistors Long Life 100,000+ hrs (10 Years)
* Low Power, High Intensity * Major Power Savings * Major Reduction in Heat * *
Generation Wide Angle 120 Illumination Indium Gallium Nitride (InGaN)
* 430nm Ultra Blue Available * Special Voltages * High Power Multichip Configurations * Narrow Beam (20) Illumination * Red, Amber, Yellow, Green, White, IR
Angle of Illumination
Subminiature Packages T1 (3mm) Sub-Midget Flange
Replaces Incandescent
Part Number
Electrical-Optical Characteristics (Ta = 25C) Voltage Current Intensity Intensity V typ mA typ Ft.Cd mcd
Special Features Center Contact Polarity P = Positive N = Negative Replace FF120 With F120 Std. (15) Beam Intensity 1.5K mcd/32 Ft.Cd @15 mA
EXT. RES. REQD FF120CB1K-3.5Vf-P
.429 .180 .157 Dia
3.5Vf 5V 18V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V 28V 5V 12V 12/14V 24V 28V
15 15 15 10 10 15 15 15 10 10 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15
16 16 16 11 11 16 16 16 11 11 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30
60 60 60 45 45 60 60 60 45 45 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 120 120 120 120 120 120 120 120
682,685,714,718 FF120CB1K-5V-P 7241 6839
Center Contact
FF120CB1K-18V-P FF120CB1K-24V-P
F121
Ceramic Base
FF120
T1 (3mm) Sub-Midget Bi-Pin
.130
.40
.250
6839 FF120CB1K-28V-P EXT. RES. REQD BPF120CB1K-3.5Vf 7265,7680,7714 BPF120CB1K-5V BPF120CB1K-14V 7839 BPF120CB1K-24V BPF120CB1K-28V WF150CB1K-5V WF150CB1K-14V WF150CB1K-24V 7839 56,79,84,86
+
.100 Positive
BP121
Ceramic Base
BPF120
.150 Dia
Replace BPF120 With BP120 Std (15) Beam Intensity 1.5K mcd/32 Ft.Cd @15 mA
T1-1/2 (4.5mm) Midget Wedge
.23
EXT. RES. REQD WF150CB1K-3.5Vf
.80 MAX .185
+
.200 Dia
18,37,73,74 17, 85
Replace WF150 With W150 Std. Beam (15) Intensity 2K mcd/60 Ft.Cd @15 mA
WF150
Positive
T1-3/4 (5mm) Midget Wedge
17, 85 WF150CB1K-28V EXT. RES. REQD WF200CB1K-3.5Vf 56,79,84,86 WF200CB1K-5V WF200CB1K-14V WF200CB1K-24V WF200CB1K-28V FF200CB1K-5V-P FF200CB1K-14V-P FF200CB1K-24V-P 18,37,73,74 17, 85
.80 MAX .200
+
WF200
.230 Dia
Replace WF200 With W200 Std. Beam (15) Intensity 2K mcd/60 Ft.Cd @15 mA
Positive
17, 85 328,345,350
T1-3/4 (5mm) Midget Flange
.20
.65 MAX
EXT. RES. REQD FF200CB1K-3.5Vf-P 330,382,394 327,376,387
Center Contact Polarity BP = BiPolar P = Pos N = Neg Replace FF200 With F200 Std. (15) Beam Intensity 2K mcd/60 Ft.Cd Center Contact Polarity BP = BiPolar P = Pos N = Neg Replace GF200 With G200 Std. (15) Beam Intensity 2K mcd/60 Ft.Cd Center Contact Polarity P = Positive N = Negative Replace SF200 With S200 Std. (15) Beam Intensity 2K mcd/60 Ft.Cd
Log # 092A Rev 2-00
.28
FF200
.240 Dia
Center Contact
T1-3/4 (5mm) Midget Groove
.20
FF200CB1K-28V-P 327,376,387 EXT. RES. REQD GF200CB1K-3.5Vf-P 337,379,398 GF200CB1K-5V-P GF200CB1K-14V-P GF200CB1K-24V-P GF200CB1K-28V-P SF200CB1K-5V-P SF200CB1K-14V-P SF200CB1K-24V-P 386 334,388 334,388 378,1768,1775
.63 MAX .22
GF200
.226 Dia
Center Contact
T1-3/4 (5mm) Midget Screw
.20
.63 MAX .207
EXT. RES. REQD SF200CB1K-3.5Vf-P 336,383 342
SF200
Center Contact
335,342,369,399 SF200CB1K-28V-P 7328 BPF200CB1K-5V BPF200CB1K-12V BPF200CB1K-14V BPF200CB1K-24V BPF200CB1K-28V 7371
T1-3/4 (5mm) Midget Bi-Pin
.20
.58 MAX
.25
.120
7330,7382 7327,7387 7327,7387
+
BPF200
.25 Dia Positive
Replace BPF200 With BP200 Std. (15) Beam Intensity 2K mcd/60 Ft.Cd
All dimensions in inches. For millimeters multiply by 25.4
Caution: The Blue LED is sensitive to static electricity. Handle it with care. Damage occurs to the Blue LED if a voltage exceeding the specified absolute maximum is applied.
23105 Kashiwa Court, Torrance, CA 90505 Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424 E-mail: webmaster@ledtronics.com Website: http://www.ledtronics.com


▲Up To Search▲   

 
Price & Availability of G200CB1K-14V-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X