Part Number Hot Search : 
TEPT4400 AUP1T NTE17 SPVQ4 2A250 XC641A BM324 SP8713
Product Description
Full Text Search
 

To Download G200CAG6K-14V-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
525nm Super Green Based LEDs
Energy Efficient Direct Incandescent Replacement
Features
Options
* Maintenance Free, Easy Installation * Low Power, High Intensity * Long Life 100,000+ hrs (10 Years) * Major Power Savings * Solid-State, High Shock/Vibration * Major Reduction in Heat
Resistant Generation
* Built-in Current Limiting Resistors
Subminiature Packages T1 (3mm) Sub-Midget Flange
* Wide Angle 120 Illumination
Replaces Incandescent Part Number
* Warm & Incandescent White Available * Special Voltages * Industry Standard Bases * Narrow Beam (20) Illumination * Red, Amber, Yellow, Blue, White, IR
Angle of Illumination
Electrical-Optical Characteristics (Ta = 25C) Voltage Current Intensity Intensity V typ mA typ Ft.Cd mcd
Special Features Center Contact Polarity P = Positive N = Negative Replace FF120 With F120 Narrow (15) Beam Intensity 5K mcd/145 Ft.Cd
EXT. RES. REQD FF120CAG6K-3.5Vf-P
.429 .180 .157 Dia Center Contact
3.5Vf 5V 18V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V 28V 3.5Vf 5V 12/14V 24V
15 15 15 10 10 15 15 15 10 10 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15
70 70 70 50 50 70 70 70 50 50 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120
200 200 200 150 150 200 200 200 150 150 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 120 120 120 120 120 120 120 120
682,685,714,718 FF120CAG6K-5V-P 7241 6839 FF120CAG6K-18V-P FF120CAG6K-24V-P
F121
Ceramic Base
FF120
T1 (3mm) Sub-Midget Bi-Pin
.130
.40
.250
6839 FF120CAG6K-28V-P EXT. RES. REQD BPF120CAG6K-3.5Vf 7265,7680,7714 BPF120CAG6K-5V BPF120CAG6K-14V 7839 7839 EXT. RES. REQD BPF120CAG6K-24V BPF120CAG6K-28V WF150CAG6K-3.5Vf WF150CAG6K-5V WF150CAG6K-14V WF150CAG6K-24V
+
.100
BP121
Ceramic Base
BPF120
.150 Dia
Positive
Replace BPF120 With BP120 Narrow (15) Beam Intensity 5K mcd/145 Ft.Cd @15 mA
T1-1/2 (4.5mm) Midget Wedge
.23
.80 MAX
56,79,84,86 +
.200 Dia .185
18,37,73,74 17, 85
Replace WF150 With W150 Narrow Beam (15) Intensity 7K mcd/250 Ft.Cd @15 mA
WF150
Positive
T1-3/4 (5mm) Midget Wedge
17, 85 WF150CAG6K-28V EXT. RES. REQD WF200CAG6K-3.5Vf 56,79,84,86 WF200CAG6K-5V WF200CAG6K-14V WF200CAG6K-24V WF200CAG6K-28V FF200CAG6K-5V-P FF200CAG6K-14V-P FF200CAG6K-24V-P 18,37,73,74 17, 85
.80 MAX .200
+
WF200
.230 Dia
Replace WF200 With W200 Narrow Beam (15) Intensity 7K mcd/250 Ft.Cd @15 mA Center Contact Polarity P = Positive N = Negative Replace FF200 With F200 Narrow (15) Beam Intensity 7K mcd/250 Ft.Cd Center Contact Polarity P = Positive N = Negative Replace GF200 With G200 Narrow (15) Beam Intensity 7Kmcd/250 Ft.Cd Center Contact Polarity P = Positive N = Negative Replace SF200 With S200 Narrow (15) Beam Intensity 7Kmcd/250 Ft.Cd
Log # 089A Rev 6 -99
Positive
17, 85 328,345,350
T1-3/4 (5mm) Midget Flange
.20
.65 MAX
EXT. RES. REQD FF200CAG6K-3.5Vf-P 330,382,394 327,376,387
.28
FF200
.240 Dia
Center Contact
T1-3/4 (5mm) Midget Groove
.20
FF200CAG6K-28V-P 28V 327,376,387 EXT. RES. REQD GF200CAG6K-3.5Vf-P 3.5Vf 337,379,398 GF200CAG6K-5V-P 5V 24V 28V 5V 12/14V 24V 28V 5V 12V 12/14V 24V 28V 386 334,388 334,388 378,1768,1775 GF200CAG6K-14V-P 12/14V GF200CAG6K-24V-P GF200CAG6K-28V-P SF200CAG6K-5V-P SF200CAG6K-14V-P SF200CAG6K-24V-P
.63 MAX .22
GF200
.226 Dia
Center Contact
T1-3/4 (5mm) Midget Screw
.20
.63 MAX .207
EXT. RES. REQD SF200CAG6K-3.5Vf-P 3.5Vf 336,383 342
SF200
Center Contact
335,342,369,399 SF200CAG6K-28V-P 7328 BPF200CAG6K-5V BPF200CAG6K-12V BPF200CAG6K-14V BPF200CAG6K-24V BPF200CAG6K-28V 7371
T1-3/4 (5mm) Midget Bi-Pin
.20
.58 MAX
.25
.120
7330,7382 7327,7387 7327,7387
+
BPF200
.25 Dia Positive
Replace BPF200 With BP200 Narrow (15) Beam Intensity 7Kmcd/250 Ft.Cd
All dimensions in inches. For millimeters multiply by 25.4
Caution: The Green LED is sensitive to static electricity. Handle it with care. Damage occurs to the green LED if a voltage exceeding the specified absolute maximum is applied.
23105 Kashiwa Court, Torrance, CA 90505 Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424 E-mail: webmaster@ledtronics.com Website: http://www.ledtronics.com


▲Up To Search▲   

 
Price & Availability of G200CAG6K-14V-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X