Part Number Hot Search : 
A1005 5KE10 MBR15 3X06M IW4520BN MC340 B3300 SP13T
Product Description
Full Text Search
 

To Download ELS-635-193 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD-LED
16.11.2007 Radiation Red Type SMD Technology AlInGaP/AlGaAs
ELS-635-193
rev. 04 Case SMD 1206
Description
2
all dimensions: m m all tolerances: 0,1
0,5
pad 1,15 x 1,0
cathode
High-power, high speed LED in standard SMD package, compact design allows for easy circuit board mounting and assembling of arrays
1,2
Applications
Illumination, indicators, measurement applications and security systems, automation
1,2
R
0, 3
1,6
3,2
Absolute Maximum Ratings
at Tamb = 25C, unless otherwise specified Parameter DC forward current Peak forward current Power dissipation Operating temperature range Storage temperature range tp 100 s, tp/T 0.1 Test onditions Symbol IF IFM P Tamb Tstg Value 20 50 50 -20 to +85 -55 to +100 Unit mA mA mW C C
Electrical and Optical Characteristics
at Tamb = 25C, unless otherwise specified Test Parameter conditions Forward voltage Reverse voltage Radiant power Peak wavelength Spectral bandwidth at 50% Viewing angle Switching time IF = 20 mA IF = 100 A IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA Symbol VF VR e p 0.5 tr , t f 5 1,1 625 1,4 635 18 120 10 645 Min Typ 2,0 Max 2,5 Unit V V mW nm nm deg. ns
Note: All measurements carried out with EPIGAP equipment
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 1 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1,0


▲Up To Search▲   

 
Price & Availability of ELS-635-193

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X