Part Number Hot Search : 
TX150 F2026 BAS516 GA100 MAX1080 RJP6065 IRF730 0B001
Product Description
Full Text Search
 

To Download BU407-X-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD BU407
NPN EXPITAXIAL PLANAR TRANSISTOR
DESCRIPTION
The UTC BU407 is a NPN epitaxial planar transistor, designed for use in TV Horizontal output and switching applications. 1
NPN SILICON TRANSISTOR
FEATURES
* High breakdown voltage
TO-220
Lead-free: BU407L Halogen-free: BU407G
ORDERING INFORMATION
Normal BU407-X-TA3-T Ordering Number Lead Free Plating BU407L-x-TA3-T Halogen Free BU407G-x-TA3-T Package TO-220 Pin Assignment 1 2 3 B C E Packing Tube
www.unisonic.com.tw Copyright (c) 2009 Unisonic Technologies Co., Ltd
1 of 3
QW-R203-020.B
BU407
NPN EPITAXIAL SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25, unless otherwise specified)
PARAMETER SYMBOL RATINGS UNIT Collector Base Voltage VCBO 330 V Collector to Emitter Voltage VCEO 150 V Emitter to Base Voltage VEBO 6 V Collector Current IC 7 A Base Current IB 4 A Collector Dissipation (Ta =25) PC 60 W Junction Temperature TJ 150 Storage Temperature TSTG -55 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Junction to Ambient Junction to Case SYMBOL JA JC MIN TYP MAX 70 2.08 UNIT /W /W
ELECTRICAL CHARACTERISTICS (Ta=25, unless otherwise specified)
PARAMETER Collector Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collect Cutoff Current' Emitter Cutoff Current DC Current Gain Current Gain Bandwidth Product SYMBOL BVCEO VCE(SAT) VBE(SAT) ICES IEBO hFE1 hFE2 hFE3 fT TEST CONDITIONS IC =100 mA, IB = 0 IC = 5 A, IB = 0.5 A VCE =400 V VBE = 6 V, IC = 0 IC = 500 mA, VCE = 5 V IC = 2 A, VCE = 5 V IC = 5 A, VCE = 5 V IC= 500 mA, VCE = 10 V, f =1 MHz MIN 150 TYP MAX UNIT V 1 V 1.2 V 5 mA 1 mA 200 MHZ
25 35 10 10
CLASSIFICATION OF hFE2
RANK RANGE B 35-85 C 75-125 D 115-200
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R203-020.B
BU407
TYPICAL CHARACTERISTICS
NPN EPITAXIAL SILICON TRANSISTOR
Emitter Current,IE (A)
Collector Current,IC (A)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
Collector Current,IC (A)
3 of 3
QW-R203-020.B


▲Up To Search▲   

 
Price & Availability of BU407-X-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X