Part Number Hot Search : 
FA221 6025115 MMBZ5244 18068 MBR052 JC547B DU28120T T2510N
Product Description
Full Text Search
 

To Download BC807-XX-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC807-16/ -25/ -40
PNP SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * * Ideally Suited for Automatic Insertion Epitaxial Planar Die Construction For Switching, AF Driver and Amplifier Applications Complementary NPN Types Available (BC817) Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 3 and 4) Qualified to AEC-Q101 Standards for High Reliability
A C B B E
TOP VIEW
SOT-23 Dim
C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B C D E
E
*
D G H K J L M
Mechanical Data
* * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Pin Connections: See Diagram Ordering Information: See Page 3 Marking Information: See Page 3 - BC807-16 5A, K5A - BC807-25 5B, K5B - BC807-40 5C, K5C Weight: 0.008 grams (approximate) @TA = 25C unless otherwise specified
G H J K L
C
M
All Dimensions in mm
B E
*
Maximum Ratings
Characteristic Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current Power Dissipation at TSB = 50C (Note 1) Thermal Resistance, Junction to Substrate Backside (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Symbol VCEO VEBO IC ICM IEM Pd RJSB RJA Tj, TSTG
Value -45 -5.0 -500 -1000 -1000 310 320 403 -65 to +150
Unit V V mA mA mA mW C/W C/W C
Electrical Characteristics
@TA = 25C unless otherwise specified Min 100 160 250 60 100 170 -- -- -- -- 100 -- Typ Max 250 400 600 -- -- -- -0.7 -1.2 -100 -5.0 -100 -- 12 Unit Test Condition VCE = -1.0V, IC = -100mA -- VCE = -1.0V, IC = -300mA
Characteristic (Note 2) Symbol Current Gain Group -16 -25 -40 DC Current Gain hFE Current Gain Group -16 -25 -40 Collector-Emitter Saturation Voltage VCE(SAT) Base-Emitter Voltage VBE Collector-Emitter Cutoff Current Emitter-Base Cutoff Current Gain Bandwidth Product Collector-Base Capacitance
Notes: 1. 2. 3. 4.
--
-- -- -- -- -- --
ICES IEBO fT CCBO
V V nA A nA MHz pF
IC = -500mA, IB = -50mA VCE = -1.0V, IC = -300mA VCE = -45V VCE = -25V, Tj = 150C VEB = -4.0V VCE = -5.0V, IC = -10mA, f = 50MHz VCB = -10V, f = 1.0MHz
Device mounted on ceramic substrate 0.7mm; 2.5cm2 area. Short duration pulse test used to minimize self-heating effect. No purposefully added lead. Halogen and Antimony Free. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS11208 Rev. 17 - 2
1 of 3 www.diodes.com
BC807-16/-25/-40
(c) Diodes Incorporated
400
See Note 1
1,000 fT, GAIN BANDWIDTH PRODUCT (MHz)
TA = 25C f = 20MHz
Pd, POWER DISSIPATION (mW)
300
-VCE = 5.0V 1.0V
200
100
100
0 0 100 50 150 TSB, SUBSTRATE TEMPERATURE (C) Fig. 1, Power Derating Curve
typical limits at TA = 25 C
10
200
10 100 1,000 -IC, COLLECTOR CURRENT (mA) Fig. 2, Typical Gain-Bandwidth Product vs Collector Current
1,000
1
-VCE(SAT), COLLECTOR SATURATION VOLTAGE (V)
0.5
0.4
-IC / -IB = 10
0.3
0.2
25C
0.1
150C -50C
hFE, DC CURRENT GAIN
100 -IC, COLLECTOR CURRENT (mA) 80 60 40 20 0
100
1 10 1,000 100 -IC, COLLECTOR CURRENT (mA) Fig. 3, Typical Collector Sat. Voltage vs Collector Current
0 0.1
10 0.1
1 10 100 1,000 -IC, COLLECTOR CURRENT (mA) Fig. 4, Typical DC Current Gain vs Collector Current
500
-IC, COLLECTOR CURRENT (mA)
400
300
200
100
0 0
2 1 -VCE, COLLECTOR-EMITTER VOLTAGE (V) Fig. 5, Typical Emitter-Collector Characteristics
0
10 20 -VCE, COLLECTOR-EMITTER VOLTAGE (V) Fig. 6, Typical Emitter-Collector Characteristics
DS11208 Rev. 17 - 2
2 of 3 www.diodes.com
BC807-16/-25/-40
(c) Diodes Incorporated
Ordering Information
Device* BC807-XX-7-F
* Notes:
(Note 5) Packaging SOT-23 Shipping 3000/Tape & Reel
xx = gain group, eg. BC807-16-7-F. 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1): e.g. K5A = BC807-16 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
YM
1998 J Jan 1
1999 K Feb 2
2000 L
2001 M Mar 3
2002 N Apr 4
2003 P May 5
2004 R Jun 6
2005 S
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS11208 Rev. 17 - 2
3 of 3 www.diodes.com
BC807-16/-25/-40
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BC807-XX-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X