|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FEATURES AND SPECIFICATIONS Features and Benefits s Sizes 2 to 15 circuits s Molded friction lock s Optional locking ramp version s Stackable end-to-end Electrical Voltage: 250V Current: 3.0A Contact Resistance: 20m max. Dielectric Withstanding Voltage: 1000V AC/1 min. Insulation Resistance: 1000 M min. Physical Housing: 6/6 nylon, UL 94V-0 Operating Temperature: -40 to +105C 2.50mm (.098") Pitch KK(R) Crimp Terminal Housing 5051-N Polarized B 2.00 to 2.50mm (.079 to .098") Pitch Reference Information Packaging: Bulk UL File No.: E29179 CSA File No.: LR19980 Mates With: KK 2.50mm (.098") headers or 0.64mm (.025") staked pins, 5045-NA and 5046-NA Use With: 2759 and 5159 terminals Designed In: Millimeters CATALOG DRAWING (FOR REFERENCE ONLY) ORDERING INFORMATION AND DIMENSIONS Circuits 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Order No. 22-01-1022 22-01-1032 22-01-1042 22-01-1052 22-01-1062 22-01-1072 22-01-1082 22-01-1092 22-01-1102 22-01-1112 22-01-1122 22-01-1132 22-01-1142 22-01-1152 Dimension A 5.50 (.216) 8.00 (.315) 10.50 (.413) 13.00 (.512) 15.50 (.611) 18.00 (.709) 20.50 (.807) 23.00 (.906) 25.50 (1.004) 28.00 (1.102) 30.50 (1.201) 33.00 (1.299) 35.50 (1.398) 38.00 (1.496) 2.50 5.00 7.50 10.00 12.50 15.00 17.50 20.00 22.50 25.00 27.50 30.00 32.50 35.00 B (.098) (.197) (.295) (.394) (.492) (.591) (.689) (.787) (.886) (.984) (1.083) (1.181) (1.280) (1.378) B-114 MX01 |
Price & Availability of 5051-2P |