Part Number Hot Search : 
G40CQ SKY65119 ACS764 AP9452G DP7045 C1512 20301 SC100
Product Description
Full Text Search
 

To Download 2208E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2208E
2208E
OP1
OP2
CE AN H "EN DEL W MO NE
SP2 REM
D"
Temperature Controller or Valve Controller
The 2208E is a 1/8 DIN controller that may be configured either as a precision PID temperature controller or a velocity mode motorized valve positioning controller. The two control modes are co-resident and may be selected through factory or field configuration. The 2208E features modular hardware, two control outputs, two digital inputs, self-tuning, a simple ramp-dwell setpoint programming feature and optional relay alarms and communications port. The control outputs may be configured for heat/alarm, heat/cool or for valve open/close control without depending on vulnerable valve position slidewire feedback.
MODEL
* Employs INSTANT ACCURACYTM technology * Heating and Cooling with two modular outputs *Motorized valve positioning * Heater current display * Load diagnostics * Up to three alarm relays * Self-tuning with overshoot inhibition * Optimized fan, water and oil cooling * Two digital inputs for second setpoint or auto/manual select * Simple Ramp Dwell setpoint programming * Digital communications * Plug-in from front * IP 65 panel sealing * Compliant with European EMC and low voltage safety directives
Universal Input
A universal input circuit with an advanced A-D converter samples the input at 9Hz and continuously corrects it for drift, giving high stability and rapid response to process changes. A filtered input covers all thermocouple types, Pt100 3-wire RTD and linear inputs. The patented Instant AccuracyTM feature allows precise input measurement and control to be achieved from the moment of start up, independent of warm-up drift, and even during periods of ambient temperature upset.
Precise Control
Advanced PID or valve positioning algorithms give stable straight-line control of the process. A power feedback feature automatically compensates the output to stabilize the temperature of electrically heated loads during supply voltage fluctuations. Proprietary cooling algorithms ensure optimum control of fan, oil and water-cooled systems. Velocity mode valve control algorithms allow precise valve
Easy Operation
Bright, clear front-panel LED's display the process variable and a configurable lower display for setpoint or other important parameters. Tactile pushbuttons ensure positive operation. All instrument parameters are easy to access and may be presented to the operator or hidden from view under password protection.
2208E Temperature Controller
UL and cUL pending
A Siebe Group Company
Patented PDSIO(R) Load Diagnostics
PDSIO(R) (Pulse Density Signaling Input/Output) is a patented innovation in the 2208E. When used in combination with the Eurotherm TE10S Solid State Contactor, the same wires from the 2208E that transmit the logic output to the SSC can be used to read back load faults, SSC status and load RMS on-current. SSC failure (open or short circuit) or load
failure (fuse blown, heater open circuit, missing line voltage) alarms can be detected, flash on the front panel and trip alarm relays. Amperage information can be read, displayed, and alarmed. PDSIO(R) information is also available on serial communications. PDSIO(R) is not available on the Valve Positioner.
full scale high or low, deviation, rate of change or PDSIO(R) load failure. Alarms may be latching or non-latching and will flash on the front panel. Blocking alarms, which only become enabled after first entering a safe state, are also available.
Digital Communications
EIA-485 2-wire, EIA-422 4-wire or EIA-232 serial communications is optionally available with industry standard Modbus(R) or proprietary EI-Bisynch protocol.
Alarms
Up to four process alarms may be combined to a single alarm output. Alarms may be
Load diagnostic using Pulse Density Signaling Input/Output (PDSIO(R))
Supply
2408e
OP1
OP2
PDSIO(R) 2-wire Connection
SP2 REM
TE10S solid state contactor
Heater
Sensor inputs and display ranges (Temperature scales conform to the ITS90 standard)
Celsius Standard Sensor Inputs J thermocouple K thermocouple T thermocouple L thermocouple N thermocouple C thermocouple - W5%Re/W26%Re (Hoskins) R thermocouple S thermocouple B thermocouple Platinell II thermocouple RTD/PT100DIN 43760 Custom Sensor Inputs (Replaces type C thermocouple) E thermocouple Ni/Ni18%Mo thermocouple Pt10%Rh/P140%Rh thermocouple Pt20%Rh/Pt40%Rh thermocouple W/W26%Re (Englehard) thermocouple W/W26%Re (Hoskins) thermocouple W5%Re/W26%Re (Englehard) thermocouple W5%Re/W26%Re (Bucose) thermocouple D thermocouple - W3%Re/W25%Re Linear Inputs Min -210 -200 -200 -200 -250 0 -50 -50 0 0 -200 -270 0 200 0 0 0 10 0 0 -999 Max 1200 1372 400 900 1300 2319 1768 1768 1820 1369 850 1000 1100 1800 2000 2000 2010 2300 2000 2400 9999 Min -350 -325 -325 -325 -420 32 -60 -60 32 32 -325 -450 32 392 32 32 32 50 32 32 Fahrenheit Max 2192 2500 750 1650 2370 4200 3200 3200 3310 2500 1560 1830 2012 3272 3632 3632 3650 4172 3632 4352
2208E TECHNICAL SPECIFICATION Inputs
General Range Sample rate Calibration accuracy Resolution Linearizaton accuracy Input filter Zero offset Types Cold junction compensation 100mV and 0 to 10Vdc (auto ranging) 9Hz (110mS) 0.25% of reading, 1 LSD or 1C/F <1V for 100mV range, <0.2mV for 10Vdc range <0.1% of reading 1.0 to 999.9secs User adjustable over the fully display range Refer to Sensor inputs and display ranges table Automatic compensation typically >30 to 1 rejection of ambient temperature change External references 32, 113 and 122F (0, 45 and 50C). Incorporates INSTANT ACCURACYTM cold junction sensing technology. 3-wire, Pt100 DIN43760 0.2mA No error for 22 ohms in all 3 leads 100mV, 0 to 20mA or 0 to 10Vdc (configurable between limits) Contact closure Manual select, 2nd setpoint, keylock and setpoint rate limit enable Mode 5 Smart Digital InputTM (SDI), only on Digital LA input
Thermocouple
RTD/PT100
Process Digital
Type Bulb current Lead compensation Linear Type Application
Outputs
Relay Rating: 2-pin relay Rating: change-over, alarm relays Application Rating Application Min: 12V, 100mA dc Max: 2A, 264Vac resistive Min: 6V, 1mA dc Max: 2A, 264Vac resistive Heating, cooling or alarms 18Vdc at 24mA (non-isolated) Heating, cooling or alarms The logic output is field configurable as a standard logic output, PDSIO(R) Mode 1 or PDSIO(R) Mode 2. PDSIO(R) Mode 1: Logic heating with load failure alarm (also called SSRx Load DoctorTM) PDSIO(R) Mode 2: Logic heating with load/SSC failure alarm and load current display (also called SSRx Enhanced Load DoctorTM) 1A, 30 to 264Vac resistive Heating or cooling Isolated 0 to 20mA (into 600 max) or 0 to 10Vdc (configurable between limits) Heating or cooling
Logic
Triac Analog
Rating Application Range Application
Communications
Digital PDSIO(R) Transmission standard Protocols Setpoint input Modes Application Auto/manual Setpoint rate limit Cooling algorithms One-shot tune Automatic droop compensation Types Modes EIA-485 2-wire, EIA-422 4 wire or EIA-232 at 1200, 2400, 4800, 9600, 19,200 baud Modbus(R) or EI-Bisynch Setpoint input from master PDSIO(R) controller, also called Smart Setpoint TransmissionTM (SST) PID or PI with overshoot inhibition, PD, P only or On/Off Heating and cooling Bumpless transfer 0.01 to 99.99 degrees or display units per minute Linear; Water (non-linear); Fan (minimum on time), Oil, proportional only Automatic calculation of PID and overshoot inhibition parameters Automatic calculation of manual reset value when using PD control Full scale high or low. Deviation high, low, band or any new alarm. Latching or non-latching. Normal or blocking action Up to four process alarms can be combined onto a single output
Control functions
Control
Tuning Alarms
General
Display Dimensions and weight Supply Temperature and RH Panel sealing Electromagnetic compatibility Safety standards Atmospheres Dual, 4 digit x 7 segment high intensity LED 1.89W x 3.78H x 4.06D in (48W x 96H x 103Dmm) 14.1oz (400g) 85 to 264Vac -15%, +10%. 48 to 62Hz. 10watts max Operating: 32 to 131F (0 to 55C), RH: 5 to 90% non-condensing. Storage: 14 to 158F (-10 to 70C) IP 65 Meets generic emissions standard EN50081-2 for industrial environments Meets general immunity requirements of EN50082-2(95) for industrial environments EN61010, installation category 2 (voltage transients must not exceed 2.5kV) Electrically conductive pollution must be excluded from the cabinet in which this controller is mounted. This product is not suitable for use above 6,562ft (2000m) or in corrosive or explosive atmospheres without further protection.
2208E Outline Dimensions
4.06in (103mm) 1.89in (48mm)
2208E
OP1
OP2
Panel cut-out
3.78in (96mm)
3.62in x 1.77in (92mm x 45mm)
SP2 REM
-0.0 +0.8
-0.0 +0.8
2208E Rear Terminal Connections
+ + DC or Logic or -
or
Output 1
1A 1B 1C 1D
O U T U P U T 1 O U T P U T 2 C HD O M HE M S HF
L N E LA LB LC AA AB AC VI V+ V-
Line 85 to 264Vac Neutral Earth Input 1 Input 2
or
2A Output 2 2B 2C 2D 3A Alarm 2 relay 3B 3C 3D
Alarm 1 relay
Thermocouple
+ RTD/ PV PT100 -
Ordering Code
Basic Product Function
CC
Controller
Output 1
XX
Not used
Output 2
XX
Not used Relay: 2-pin Triac
Alarm 1
XX
Not used
Alarm 2
XX
Not used
Comms*
2XX
Not used
Manual
XXX ENG FRA GDR ITA
No Manual English French German Italian
Default
AO EO
American European
2208E
L1 Logic: non-isolated R1 R1 T1 D3
Relay: 2-pin Triac DC: isolated
RF Relay:change over
RF Relay:change over
2-wire EIA 485
2YM
Modbus(R)
T1
L1 Logic: non-isolated
4-wire EIA 422
2AM
Modbus(R)
EIA 232
2FM
Modbus(R)
The above ordering code specifies only the hardware build. The input type and output control functions must then be configured on-site to suit a particular application. If preconfiguration is required, ask for details on the full ordering code.
PDSIO(R) Input
2M4
fitted
EUROTHERM CONTROLS INC
A member of the Eurotherm plc Group of Companies 11485 Sunset Hills Road Reston, Virginia 20190-5286 Phone: 703-471-4870 Fax: 703-787-3436 BBS: 703-787-3444 Fax-On-Demand Service: 703-787-3441 www.eurotherm.com
(c) Copyright Eurotherm Controls Inc 1998 INSTANT ACCURACYTM, SSRx Load DoctorTM and SSRx Enhanced Load DoctorTM are trademarks of Eurotherm. PDSIO(R) is a registered trademark of Eurotherm. Modbus(R) is a registered trademark of Modicon. All rights strictly reserved. No part of this document may be stored in a retrieval system, or any form or by any means without prior written permission from Eurotherm Controls Inc. Every effort has been taken to ensure the accuracy of this specification. However, in order to maintain our technological lead we are continuously improving our products which could, without notice, result in amendments or omissions to this specification. We cannot accept responsibility for damage, injury, loss or expenses resulting therefrom.
For more information contact your local representative:
HA136439


▲Up To Search▲   

 
Price & Availability of 2208E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X