Part Number Hot Search : 
364102 WP711 KP4010S 1N2441 KP4010S AWT6168R 307014 H2N4124
Product Description
Full Text Search
 

To Download TOP101AI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TOP100-4
TOPSwitch(R) Family
Three-terminal Off-line PWM Switch
Product Highlights
Low Cost Replacement for Discrete Switchers * 20 to 50 fewer components - cuts cost, increases reliability * Source-connected tab and Controlled MOSFET turn-on reduce EMI and EMI filter costs * Allows for a 50% smaller and lighter solution * Cost competitive with linears above 5 W Up to 90% Efficiency in Flyback Topology * Built-in start-up and current limit reduce DC losses * Low capacitance 350 V MOSFET cuts AC losses * CMOS controller/gate driver consumes only 6 mW * 70% maximum duty cycle minimizes conduction losses Simplifies Design - Reduces Time to Market * Supported by many reference designs * Integrated PWM Controller and 350 V MOSFET in a industry standard three pin TO-220 package * Only one external capacitor needed for compensation, bypass and start-up/auto-restart functions System Level Fault Protection Features * Auto-restart and cycle by cycle current limiting functions handle both primary and secondary faults * On-chip latching thermal shutdown protects the entire system against overload Highly Versatile * Implements Buck, Boost, Flyback or Forward topology * Easily interfaces with both opto and primary feedback * Supports continuous or discontinuous mode of operation * Specified for operation down to 16 V DC input
AC IN
DRAIN SOURCE CONTROL
TOPSwitch
PI-1704112995
Figure 1. Typical Application.
TOPSwitch SELECTION GUIDE
OUTPUT POWER RANGE ORDER PART NUMBER FLYBACK
100/110 V VAC 48 V DC
PFC/ BOOST
100/110 VAC
TOP100YAI* TOP101YAI* TOP102YAI* TOP103YAI* TOP104YAI*
0-20 W 15-35 W
0-6.8 W 6-12 W
0-30 W 25-50 W 35-70 W 45-90 W 55-110 W
Description
The TOPSwitch family implements, with only three pins, all functions necessary for an off-line switched mode control system: high voltage N-channel power MOSFET with controlled turn-on gate driver, voltage mode PWM controller with integrated 100 kHz oscillator, high voltage start-up bias circuit, bandgap derived reference, bias shunt regulator/error amplifier for loop compensation and fault protection circuitry. Compared to discrete MOSFET and controller or self oscillating (RCC) switching converter solutions, a TOPSwitch integrated circuit can reduce total cost, component count, size, weight and at the same time increase efficiency and system reliability. These
20-45 W 8.5-17 W 25-55 W 30-60 W 11-22 W 12-25 W
* Package Outline: Y03A devices are intended for 100/110 VAC off-line Power Supply applications in the 0 to 60 W range and power factor correction (PFC) applications in the 0 to 110 W range. They are also well suited for Telecom, Cablecom and other DC to DC converter applications in the 0-25 W range (see Design Note DN-16).
July 1996
TOP100-4
VC CONTROL ZC SHUNT REGULATOR/ ERROR AMPLIFIER +
5.7 V 5.7 V 4.7 V 0
DRAIN
1 INTERNAL SUPPLY
SHUTDOWN/ AUTO-RESTART
+ -
/8
POWER-UP RESET EXTERNALLY TRIGGERED SHUTDOWN IFB THERMAL SHUTDOWN +
R S Q
Q
VI
LIMIT
OSCILLATOR
DMAX CLOCK SAW
CONTROLLED TURN-ON GATE DRIVER
+
PWM COMPARATOR
S R
Q Q
LEADING EDGE BLANKING MINIMUM ON-TIME DELAY
RE
SOURCE
PI-1746-011796
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN Pin: Output MOSFET drain connection. Provides internal bias current during start-up operation via an internal switched highvoltage current source. Internal current sense point. CONTROL Pin: Error amplifier and feedback current input pin for duty cycle control. Internal shunt regulator connection to provide internal bias current during normal operation. Trigger input for latching shutdown. It is also used as the supply bypass and auto-restart/ compensation capacitor connection point. SOURCE Pin: Output MOSFET source connection. Primary-side circuit common, power return, and reference point.
DRAIN SOURCE (TAB) CONTROL
TO-220/3 (YO3A)
PI-1065A-110194
Figure 3. Pin Configuration.
2
E 7/96
TOP100-4
TOPSwitch Family Functional Description
TOPSwitch is a self biased and protected linear control current-to-duty cycle converter with an open drain output. High efficiency is achieved through the use of CMOS and integration of the maximum number of functions possible. CMOS significantly reduces bias currents as compared to bipolar or discrete solutions. Integration eliminates external power resistors used for current sensing and/or supplying initial start-up bias current. During normal operation, the internal output MOSFET duty cycle linearly decreases with increasing CONTROL pin current as shown in Figure 4. To implement all the required control, bias, and protection functions, the DRAIN and CONTROL pins each perform several functions as described below. Refer to Figure 2 for a block diagram and Figure 6 for timing and voltage waveforms of the TOPSwitch integrated circuit. Control Voltage Supply CONTROL pin voltage VC is the supply or bias voltage for the controller and driver circuitry. An external bypass capacitor closely connected between the CONTROL and SOURCE pins is required to supply the gate drive current. The total amount of capacitance connected to this pin (CT) also sets the auto-restart timing as well as control loop compensation. VC is regulated in either of two modes of operation. Hysteretic regulation is used for initial start-up and overload operation. Shunt regulation is used to separate the duty cycle error signal from the control circuit supply current. During start-up, VC current is supplied from a high-voltage switched current source connected internally between the DRAIN and CONTROL pins. The current source provides sufficient current to supply the control circuitry as well as charge the total external capacitance (CT).
Auto-restart DMAX IB Slope = PWM Gain -16%/mA
Duty Cycle (%)
DMIN ICD1 2.5
6.5
45
PI-1691-112895
IC (mA)
Figure 4. Relationship of Duty Cycle to CONTROL Pin Current.
VC
5.7 V 4.7 V 0 VIN 0
IC Charging CT
Off
DRAIN
Switching
(a)
IC Charging CT ICD1 Discharging CT ICD2 Discharging CT
VC
5.7 V 4.7 V
8 Cycles
0
95% 5% Off
DRAIN
VIN 0
Off
Off
Switching
Switching
(b)
CT is the total external capacitance connected to the CONTROL pin
PI-1124A-060694
Figure 5. Start-up Waveforms for (a) Normal Operation and (b) Auto-restart.
E 7/96
3
TOP100-4
TOPSwitch Family Functional Description (cont.)
The first time VC reaches the upper threshold, the high-voltage current source is turned off and the PWM modulator and output transistor are activated, as shown in Figure 5(a). During normal operation (when the output voltage is regulated) feedback control current supplies the VC supply current. The shunt regulator keeps VC at typically 5.7 V by shunting CONTROL pin feedback current exceeding the required DC supply current through the PWM error signal sense resistor RE. The low dynamic impedance of this pin (ZC) sets the gain of the error amplifier when used in a primary feedback configuration. The dynamic impedance of the CONTROL pin together with the external resistance and capacitance determines the control loop compensation of the power system. If the CONTROL pin external capacitance (CT) should discharge to the lower threshold, then the output MOSFET is turned off and the control circuit is placed in a low-current standby mode. The high-voltage current source is turned on and charges the external capacitance again. Charging current is shown with a negative polarity and discharging current is shown with a positive polarity in Figure 6. The hysteretic auto-restart comparator keeps VC within a window of typically 4.7 to 5.7 V by turning the high-voltage current source on and off as shown in Figure 5(b). The auto-restart circuit has a divideby-8 counter which prevents the output MOSFET from turning on again until eight discharge-charge cycles have elapsed. The counter effectively limits TOPSwitch power dissipation by reducing the auto-restart duty cycle to typically 5%. Auto-restart continues to cycle until output voltage regulation is again achieved. Bandgap Reference All critical TOPSwitch internal voltages are derived from a temperaturecompensated bandgap reference. This reference is also used to generate a temperature-compensated current source which is trimmed to accurately set the oscillator frequency and MOSFET gate drive current. Oscillator The internal oscillator linearly charges and discharges the internal capacitance between two voltage levels to create a sawtooth waveform for the pulse width modulator. The oscillator sets the pulse width modulator/current limit latch at the beginning of each cycle. The nominal frequency of 100 kHz was chosen to minimize EMI and maximize efficiency in power supply applications. Trimming of the current reference improves oscillator frequency accuracy. Pulse Width Modulator The pulse width modulator implements a voltage-mode control loop by driving the output MOSFET with a duty cycle inversely proportional to the current flowing into the CONTROL pin. The error signal across RE is filtered by an RC network with a typical corner frequency of 7 kHz to reduce the effect of switching noise. The filtered error signal is compared with the internal oscillator sawtooth waveform to generate the duty cycle waveform. As the control current increases, the duty cycle decreases. A clock signal from the oscillator sets a latch which turns on the output MOSFET. The pulse width modulator resets the latch, turning off the output MOSFET. The maximum duty cycle is set by the symmetry of the internal oscillator. The modulator has a minimum ON-time to keep the current consumption of the TOPSwitch independent of the error signal. Note that a minimum current must be driven into the CONTROL pin before the duty cycle begins to change. Gate Driver The gate driver is designed to turn the output MOSFET on at a controlled rate to minimize common-mode EMI. The gate drive current is trimmed for improved accuracy. Error Amplifier The shunt regulator can also perform the function of an error amplifier in primary feedback applications. The shunt regulator voltage is accurately derived from the temperature compensated bandgap reference. The gain of the error amplifier is set by the CONTROL pin dynamic impedance. The CONTROL pin clamps external circuit signals to the VC voltage level. The CONTROL pin current in excess of the supply current is separated by the shunt regulator and flows through RE as the error signal. Cycle-By-Cycle Current Limit The cycle by cycle peak drain current limit circuit uses the output MOSFET ON-resistance as a sense resistor. A current limit comparator compares the output MOSFET ON-state drain-source voltage, VDS(ON), with a threshold voltage. High drain current causes VDS(ON) to exceed the threshold voltage and turns the output MOSFET off until the start of the next clock cycle. The current limit comparator threshold voltage is temperature compensated to minimize variation of the effective peak current limit due to temperature related changes in output MOSFET RDS(ON). The leading edge blanking circuit inhibits the current limit comparator for a short time after the output MOSFET is turned on. The leading edge blanking time has been set so that current spikes caused by primary-side capacitances and secondary-side rectifier reverse recovery time will not cause premature termination of the switching pulse.
4
E 7/96
TOP100-4
VIN
VIN
DRAIN
0
VOUT
0
IOUT
0
1
2
8
1
2
8
1
VC(reset)
45 mA
VC
0
***
***
1
2
8
1
2
8
1
IC
0
***
1 2
***
3 4 1
PI-1119-110194
Figure 6. Typical Waveforms for (1) Normal Operation, (2) Auto-restart, (3) Latching Shutdown, and (4) Power Down Reset.
Shutdown/Auto-restart To minimize TOPSwitch power dissipation, the shutdown/auto-restart circuit turns the power supply on and off at a duty cycle of typically 5% if an out of regulation condition persists. Loss of regulation interrupts the external current into the CONTROL pin. VC regulation changes from shunt mode to the hysteretic auto-restart mode described above. When the fault condition is removed, the power supply output becomes regulated, VC regulation returns to shunt mode, and normal operation of the power supply resumes. Latching Shutdown The output overvoltage protection latch is activated by a high-current pulse into the CONTROL pin. When set, the latch turns off the TOPSwitch output. Activating the power-up reset circuit by
removing and restoring input power, or momentarily pulling the CONTROL pin below the power-up reset threshold resets the latch and allows TOPSwitch to resume normal power supply operation. VC is regulated in hysteretic mode when the power supply is latched off. Overtemperature Protection Temperature protection is provided by a precision analog circuit that turns the output MOSFET off when the junction temperature exceeds the thermal shutdown temperature (typically 145C). Activating the power-up reset circuit by removing and restoring input power or momentarily pulling the CONTROL pin below the power-up reset threshold resets the latch and allows TOPSwitch to resume normal power supply operation. VC is regulated in hysteretic mode when the power supply is latched off.
High-voltage Bias Current Source This current source biases TOPSwitch from the DRAIN pin and charges the CONTROL pin external capacitance (C T ) during start-up or hysteretic operation. Hysteretic operation occurs during auto-restart and latched shutdown. The current source is switched on and off with an effective duty cycle of approximately 35%. This duty cycle is determined by the ratio of CONTROL pin charge (IC) and discharge currents (ICD1 and ICD2). This current source is turned off during normal operation when the output MOSFET is switching.
E 7/96
5
TOP100-4 General Circuit Operation
Primary Feedback Regulation The circuit shown in Figure 7 is a simple 5 V, 5 W bias supply using the TOP100. This flyback power supply employs primary-side regulation from a transformer bias winding. This approach is best for low-cost applications requiring isolation and operation within a narrow range of load variation. Line and load regulation of 5% or better can be achieved from 10% to 100% of rated load. Voltage feedback is obtained from the transformer (T1) bias winding, which eliminates the need for optocoupler and secondary-referenced error amplifier. High-voltage DC is applied to the primary winding of T1. The other side of the transformer primary is driven by the integrated high-voltage MOSFET transistor within the TOP100 (U1). The circuit operates at a switching frequency of 100 kHz, set by the internal oscillator of the TOP100. The clamp circuit implemented by VR1 and D1 limits the leading-edge voltage spike caused by transformer leakage inductance to a safe value. The 5 V power secondary winding is rectified and filtered by D2, C2, C3, and L1 to create the 5 V output voltage. The output of the T1 bias winding is rectified and filtered by D3, R1, and C5. The voltage across C5 is regulated by U1, and is determined by the 5.7 V internal shunt regulator at the CONTROL pin of U1. When the rectified bias voltage on C5 begins to exceed the shunt regulator voltage, current will flow into the control pin. Increasing control pin current decreases the duty cycle until a stable operating point is reached. The output voltage is proportional to the bias voltage by the turns ratio of the output to bias windings. C5 is used to bypass the CONTROL pin. C5 also provides loop compensation for the power supply by shunting AC currents around the CONTROL pin dynamic impedance, and also determines the auto-restart frequency during startup and auto-restart conditions. See DN8 for more information regarding bias supplies.
D2 1N5822 VR1 P6KE91 C2 330 F 25 V
L1 (Bead) 5V C3 150 F 25 V RTN
D1 UF4004
D3 1N4148
DC INPUT
C5 47 F
DRAIN SOURCE CONTROL
T1 R1 22
CIRCUIT PERFORMANCE: Load Regulation - 4% (10% to 100%) Line Regulation - 1.5% 95 to 185 V DC Ripple Voltage 25 mV
U1 TOP100YAI
PI-1767-020296
Figure 7. Schematic Diagram of a Minimum Parts Count 5 V, 5 W Bias Supply Utilizing the TOP100.
6
E 7/96
TOP100-4
D2 UG8BT L1 3.3 H 7.5 V R1 39 VR1 P6KE91 C2 680 F 25 V U2 NEC2501 VR2 1N5234B 6.2 V RTN D3 1N4148
R2 68 C3 120 F 25 V
D1 UF4004 BR1 200 V C1 27 F 200 V
L2 20 mH
C6 0.1 F F1 3.15 A
L N J1
DRAIN SOURCE CONTROL
C5 47F 10 V
T1
C7 1 nF Y1
CIRCUIT PERFORMANCE: Line Regulation - 0.5% (85-132 VAC) Load Regulation - 1% (10-100%) Ripple Voltage 50 mV Meets CISPR-22 Class B
U1 TOP101YAI
C4 0.1 F
PI-1692-112895
Figure 8. Schematic Diagram of a 15 W 100/110 VAC Input Power Supply Utilizing the TOP101 and Simple Optocoupler Feedback.
Simple Optocoupler Feedback The circuit shown in Figure 8 is a 7.5 V, 15 W secondary regulated flyback power supply using the TOP101 that will operate from 85 to 132 VAC input voltage. Improved output voltage accuracy and regulation over the circuit of Figure 7 is achieved by using an optocoupler and secondary referenced Zener diode. The general operation of the power stage of this circuit is the same as that described for Figure 7. The input voltage is rectified and filtered by BR1 and C1. L2, C6 and C7 reduce conducted emission currents. The bias winding is rectified and filtered by D3 and C4 to create a typical 11 V bias voltage. Zener diode (VR2) voltage together with the forward voltage of the LED in the optocoupler U2 determine the output voltage. R1, the optocoupler
current transfer ratio, and the TOPSwitch control current to duty cycle transfer function set the DC control loop gain. C5 together with the control pin dynamic impedance and capacitor ESR establish a control loop pole-zero pair. C5 also determines the auto-restart frequency and filters internal gate drive switching currents. R2 and VR2 provide minimum current loading when output current is low. See DN-11 for more information regarding low-cost, 15 W power supplies. Accurate Optocoupler Feedback The circuit shown in Figure 9 is a highly accurate, 15 V, 30 W secondaryregulated flyback power supply that will operate from 85 to 132 VAC input voltage. A TL431 shunt regulator directly senses and accurately regulates the output voltage. The effective output
voltage can be fine tuned by adjusting the resistor divider formed by R4 and R5. Other output voltages are possible by adjusting the transformer turns ratios as well as the divider ratio. The general operation of the input and power stages of this circuit are the same as that described for Figures 7 and 8. R3 and C5 tailor frequency response. The TL431 (U3) regulates the output voltage by controlling optocoupler LED current (and TOPSwitch duty cycle) to maintain an average voltage of 2.5 V at the TL431 input pin. Divider R4 and R5 determine the actual output voltage. C9 rolls off the high frequency gain of the TL431 for stable operation. R1 limits optocoupler LED current and determines high frequency loop gain. For more information, refer to application note AN-14.
E 7/96
7
TOP100-4
D2 MUR610CT L1 3.3 H 15 V VR1 P6KE91 C1 47 F 200 V BR1 200 V C4 0.1 F CIRCUIT PERFORMANCE: Line Regulation - 0.2% (85-132 VAC) Load Regulation - 0.2% (10-100%) Ripple Voltage 150 mV Meets CISPR-22 Class B
DRAIN SOURCE CONTROL
C2 1000 F 35 V
R2 200 1/2 W
C3 120 F 25 V RTN
D1 BYV26B
D3 1N4148
U2 NEC2501
L2 33 mH
T1
R1 510
R4 49.9 k C9 0.1 F
C6 0.1 F F1 3.15 A
L N J1
C5 R3 47 F 6.2
U3 TL431 R5 10 k C7 1 nF Y1
PI-1693-112895
U1 TOP102YAI
Figure 9. Schematic Diagram of a 30 W 100/110 VAC Input Power Supply Utilizing the TOP102 and Accurate Optocoupler Feedback.
L1 380 H
PFC OUT D1 MUR440 VR1 120 V
AC IN
EMI FILTER C1 220 nF 200 V
DRAIN SOURCE
R1 130 k
D2 1N4936 VR2 120 V C4 100 F C2 4.7 F R2 200 R10 6.8 k R3 3 k
BR1 200 V
TYPICAL PERFORMANCE: Power Factor = 0.99 THD =5%
CONTROL
U1 TOP103YAI
C3 220 F RTN
PI-1437-042595
Figure 10. Schematic Diagram of a 60 W 110 VAC Input Boost Power Factor Correction Circuit Utilizing the TOP103.
8
E 7/96
TOP100-4 General Circuit Operation (cont.)
Boost PFC Pre-regulator TOPSwitch can also be used as a fixed frequency, discontinuous mode boost pre-regulator to improve Power Factor and reduce Total Harmonic Distortion (THD) for applications such as power supplies and electronic ballasts. The circuit shown in Figure 10 operates from 110 VAC and delivers 60 W at 265 VDC with typical Power Factor over 0.99 and THD of 5%. Bridge Rectifier BR1 full wave rectifies the AC input voltage. L1, D1, C4, and TOPSwitch make up the boost power stage. D2 prevents reverse current through the TOPSwitch body diode due to ringing voltages generated by the boost inductance and parasitic capacitance. R1 generates a precompensation current proportional to the instantaneous rectified AC input voltage which directly varies the duty cycle. C2 filters high frequency switching currents while having no filtering effect on the line frequency precompensation current. R2 decouples the pre-compensation current from the large filter capacitor C3 to prevent an averaging effect which would increase total harmonic distortion. C1 filters high frequency noise currents which could cause errors in the precompensation current. When power is first applied, C3 charges to typically 5.7 volts before TOPSwitch starts. C3 then provides TOPSwitch bias current until the output voltage becomes regulated. When the output voltage becomes regulated, series connected Zener diodes VR1 and VR2 begin to conduct, drive current into the TOPSwitch control pin, and directly control the duty cycle. C3 together with R3 perform low pass filtering on the feedback signal to prevent output line frequency ripple voltage from varying the duty cycle. For more information, refer to Design Note DN-7.
Key Application Issues
Keep the SOURCE pin length very short. Use a Kelvin connection to the SOURCE pin for the CONTROL pin bypass capacitor. Use single point grounding techniques at the SOURCE pin as shown in Figure 11. Minimize peak voltage and ringing on the DRAIN voltage at turn-off. Use a Zener or TVS Zener diode to clamp the DRAIN voltage. Do not plug the TOPSwitch device into a "hot" IC socket during test. External CONTROL pin capacitance may deliver a surge current sufficient to trigger the shutdown latch which turns the TOPSwitch off.
Bias/Feedback Return C S
Under some conditions, externally provided bias or supply current driven into the CONTROL pin can hold the TOPSwitch in one of the 8 auto-restart cycles indefinitely and prevent starting. Shorting the CONTROL pin to the SOURCE pin will reset the TOPSwitch. To avoid this problem when doing bench evaluations, it is recommended that the VC power supply be turned on before the DRAIN voltage is applied. CONTROL pin currents during autorestart operation are much lower at low input voltages (< 20 V) which increases the auto-restart cycle period (see the IC vs. Drain Voltage Characteristic curve).
Short interruptions of AC power may cause TOPSwitch to enter the 8-count auto-restart cycle before starting again. This is because the input energy storage capacitors are not completely discharged and the CONTROL pin capacitance has not discharged below the pin internal power-up reset voltage. In some cases, minimum loading may be necessary to keep a lightly loaded or unloaded output voltage within the desired range due to the minimum ONtime. For additional applications information regarding the TOPSwitch family, refer to AN-14.
High Voltage Return D
Kelvin-connected bypass capacitor and/or compensation network
CONTROL SOURCE DRAIN
Do not bend SOURCE pin Keep it short Bend DRAIN pin forward if needed for creepage High-voltage Return
Bias/Feedback Input Bypass Capacitor TOP VIEW Figure 11. Recommended TOPSwitch Layout.
PC Board
Bias/Feedback Input Bias/Feedback Return
PI-1240-110194
E 7/96
9
TOP100-4
ABSOLUTE MAXIMUM RATINGS(1)
DRAIN Voltage ............................................ -0.3 to 350 V CONTROL Voltage ..................................... - 0.3 V to 9 V Storage Temperature ...................................... -65 to 125C Operating Junction Temperature(2) ................. -40 to 150C Lead Temperature(3) ................................................. 260C Thermal Impedance (JA) ...................................... 70C/W Thermal Impedance (JC)(4) .................................... 2 C/W 1. Unless noted, all voltages referenced to SOURCE, T A = 25C. 2. Normally limited by internal circuitry. 3. 1/16" from case for 5 seconds. 4. Measured at tab closest to plastic interface.
Conditions Specification Symbol
(Unless Otherwise Specified) See Figure 14 SOURCE = 0 V T j = -40 to 125C
Min
Typ
Max
Units
CONTROL FUNCTIONS Output Frequency Maximum Duty Cycle Minimum Duty Cycle PWM Gain PWM Gain Temperature Drift External Bias Current Dynamic Impedance
Dynamic Impedance
IB ZC fOSC DCMAX DCMIN IC = 4 mA, Tj = 25C IC = I CD1+ 0.5 mA, See Figure 12 IC = 10 mA, See Figure 12 IC = 4 mA, Tj = 25C See Figure 4 See Note 1 90 100 110 kHz
64
67
70
%
1.0
1.8
3.0
%
-11
-16
-21
%/mA
-0.05
%/mA/C
See Figure 4 IC = 4 mA, Tj = 25C See Figure 13
1.5
2.5
4
mA
10
15
22
Temperature Drift SHUTDOWN/AUTO-RESTART CONTROL Pin Charging Current Charging Current Temperature Drift Auto-restart Threshold Voltage
VC(AR) IC VC = 0 V Tj = 25C VC = 5 V -2.4 -2
0.18
%/C
-1.9 -1.5 0.4
-1.2 -0.8 mA
See Note 1
%/C
S1 open
5.7
V
10
E 7/96
TOP100-4
Conditions Specification Symbol
(Unless Otherwise Specified) See Figure 14 SOURCE = 0 V Tj = -40 to 125C
Min
Typ
Max
Units
SHUTDOWN/AUTO-RESTART (cont.) UV Lockout Threshold Voltage Auto-restart Hysteresis Voltage Auto-restart Duty Cycle Auto-restart Frequency CIRCUIT PROTECTION
TOP100 di/dt = 160 mA/s, T j = 25C TOP101 di/dt = 280 mA/s, T j = 25C 1.50 2.15 0.88 1.25 S1 open 4.7 V
S1 open
0.6
1.0
V
S1 open
5
8
%
S1 open
1.2
Hz
Self-protection Current Limit
TOP102 ILIMIT di/dt = 400 mA/s, T j = 25C TOP103 di/dt = 520 mA/s, T j = 25C TOP104 di/dt = 600 mA/s, T j = 25C 3.30 4.60 2.85 4.00 2.20 3.10 A
Leading Edge Blanking Time Current Limit Delay Thermal Shutdown Temperature Latched Shutdown Trigger Current Power-up Reset Threshold Voltage
tLEB tILD
IC = 4 mA IC = 4 mA IC = 4 mA See Figure 13 125
150
ns
100
ns C
145
ISD VC(RESET)
25
45
75
mA
S2 open
2.0
3.3
4.2
V
E 7/96
11
TOP100-4
Conditions Specification Symbol
(Unless Otherwise Specified) See Figure 14 SOURCE = 0 V T j = -40 to 125C
Min
Typ
Max
Units
OUTPUT
TOP100 ID = 110 mA TOP101 ID = 190 mA Tj = 25C Tj = 100C Tj = 25C Tj = 100C Tj = 25C Tj = 100C Tj = 25C Tj = 100C Tj = 25C Tj = 100C 6.4 10.5 3.6 6.0 2.6 4.2 2.0 3.3 1.7 2.8 7.5 12.4 4.3 7.1 3.0 5.0 2.4 3.9 2.0 3.3 500 A
ON-State Resistance
RDS(ON)
TOP102 ID = 270 mA TOP103 ID = 350 mA TOP104 ID = 400 mA
OFF-State Current Breakdown Voltage Rise Time Fall Time SUPPLY DRAIN Supply Voltage Shunt Regulator Voltage Shunt Regulator Temperature Drift
IDSS BVDSS tr tf
Device in Latched Shutdown IC = 4 mA, VDS = 280 V, T A = 125C Device in Latched Shutdown IC = 4 mA, ID = 500 A, TA = 25C Measured With Figure 8 Schematic Measured With Figure 8 Schematic 50 100 350
V
ns
ns
See Note 2
36
V
VC(SHUNT)
IC = 4 mA
5.5
5.8 50
6.1
V
ppm/C
CONTROL Supply/ Discharge Current
ICD1 ICD2
Output MOSFET Enabled
0.6
1.2
1.6 mA
Output MOSFET Disabled
0.5
0.8
1.1
12
E 7/96
TOP100-4
Conditions Specification Symbol
(Unless Otherwise Specified) See Figure 14 VS2 = 16 V R1 = 0 SOURCE = 0 V Tj = -40 to 125C
Min
Typ
Max
Units
LOW INPUT VOLTAGE OPERATION (See Note 3) DRAIN Supply Voltage
CONTROL Pin Charging Current Auto-restart Duty Cycle Auto-restart Frequency
See Note 4 VC = 0 V VC = 5 V 16 Volts
T j = 25C
-2.3 -1.2
-1.65 -0.64
-1 -0.28
mA mA
S1/Open
4
8
%
S1/Open
0.85
Hz
NOTES: 1. For specifications with negative values, a negative temperature coefficient corresponds to an increase in magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in magnitude with increasing temperature. 2. It is possible to start up and operate TOPSwitch at DRAIN voltages well below 36 V. Refer to the "Low Input Voltage" Specification section for details. 3. This section specifies only parameters affected by low input voltage operation (Drain Voltages less than 36 V). All other parameters remain unchanged. 4. For low input voltage applications, the primary peak current could be set to a lower value than the current limit to increase efficiency. Refer to the Output Characteristics graph (Drain Current vs. Drain Voltage). The voltage across the transformer primary during the ON time is the difference between the input voltage and the drain voltage (VDS(ON)). For example, if the input voltage is 16 VDC and a TOP104 (3.3A minimum current limit) is used at a primary peak current of 1A. Then the (VDS(ON)) is 3 V at 100C and the energizing voltage across the transformer primary is 13 V.
E 7/96
13
TOP100-4
TYPICAL CONTROL PIN I-V CHARACTERISTIC
t2 t1
CONTROL Pin Current (mA)
HV DRAIN VOLTAGE
100 80
Latched Shutdown Trigger Current (45 mA)
90%
90%
t DC = 1 t2
10%
60 40 20 0 0 2 4 6 8 10
Dynamic 1 = Impedance Slope
0V
PI-1215-091794
Figure 12. TOPSwitch Duty Cycle Measurement.
CONTROL Pin Voltage (V) Figure 13. TOPSwitch CONTROL Pin I-V Characteristic.
R1 470 5W
DRAIN SOURCE CONTROL
S2 R2
S1
470 VS1 0-50 V
TOPSwitch
C1 0.1 F
C2 47 F
VS2 40 V
NOTE: This test circuit is not applicable for current limit or output characteristic measurements.
PI-1905-061396
Figure 14. TOPSwitch General Test Circuit.
14
E 7/96
PI-1216-091794
120
TOP100-4
BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS
The following precautions should be followed when testing TOPSwitch by itself outside of a power supply. The schematic shown in Figure 14 is suggested for laboratory testing of TOPSwitch. When the DRAIN supply is turned on, the part will be in the auto-restart mode. The control pin voltage will be oscillating at a low frequency from 4.7 to 5.7 V and the DRAIN is turned on every eighth cycle of the CONTROL pin oscillation. If the CONTROL pin power supply is turned on while in this auto-restart mode, there is only a 12.5% chance that the control pin oscillation will be in the correct state (DRAIN active state) so that the continuous DRAIN voltage waveform may be observed. It is recommended that the VC power supply be turned on first and the DRAIN power supply second if continuous drain voltage waveforms are to be observed. The 12.5% chance of being in the correct state is due to the 8:1 counter.
Typical Performance Characteristics
BREAKDOWN vs. TEMPERATURE
PI-176B-051391
FREQUENCY vs. TEMPERATURE
PI-1123A-060794
1.1
1.2 1.0 0.8 0.6 0.4 0.2
Breakdown Voltage (V) (Normalized to 25C)
1.0
0.9 -50 -25 0 25 50 75 100 125 150
Output Frequency (Normalized to 25C)
0 -50 -25 0 25 50 75 100 125 150
Junction Temperature (C)
Junction Temperature (C)
CURRENT LIMIT vs. TEMPERATURE
PI-1125-041494
IC vs. DRAIN VOLTAGE
VC = 5 V
PI-1145-103194
1.2 1.0 0.8 0.6 0.4 0.2 0 -50 -25 0 25 50
2
CONTROL Pin Charging Current (mA)
Current Limit (Normalized to 25C)
1.6
1.2
0.8
0.4
0 75 100 125 150 0 20 40 60 80 100
Junction Temperature (C)
Drain Voltage (V)
E 7/96
15
TOP100-4 Typical Performance Characteristics (cont.)
OUTPUT CHARACTERISTICS
PI-1747-011796
COSS vs. DRAIN VOLTAGE
Scaling Factors: TOP104 1.00 TOP103 0.87 TOP102 0.67 TOP101 0.47 TOP100 0.27
PI-1439-042595
5
TCASE = 25C TCASE = 100C
1000
4
3
DRAIN Capacitance (pF)
Drain Current (A)
100
2
Scaling Factors: TOP104 1.00 TOP103 0.87 TOP102 0.67 TOP101 0.47 TOP100 0.27
1
0 0 2 4 6 8 10
10 0 80 160 240 320
Drain Voltage (V)
DRAIN Voltage (V)
DRAIN CAPACITANCE POWER
Scaling Factors: TOP104 1.00 TOP103 0.87 TOP102 0.67 TOP101 0.47 TOP100 0.27
PI-1694-112895
100
Power (mW)
50
0 0 80 160 240 320
DRAIN Voltage (V)
16
E 7/96
TOP100-4 Y03A
DIM A B C D E F G H J K L M N O P inches .460-.480 .400-.415 .236-.260 .240 - REF. .520-.560 .028-.038 .045-.055 .090-.110 .165-.185 .045-.055 .095-.115 .015-.020 .705-.715 .146-.156 .103-.113 mm 11.68-12.19 10.16-10.54 5.99-6.60 6.10 - REF. 13.21-14.22 .71-.97 1.14-1.40 2.29-2.79 4.19-4.70 1.14-1.40 2.41-2.92 .38-.51 17.91-18.16 3.71-3.96 2.62-2.87
Plastic TO-220/3
J B P C O A N L D E
Notes: 1. Package dimensions conform to JEDEC specification TO-220 AB for standard flange mounted, peripheral lead package; .100 inch lead spacing (Plastic) 3 leads (issue J, March 1987) 2. Controlling dimensions are inches. 3. Pin numbers start with Pin 1, and continue from left to right when viewed from the top. 4. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15 mm) on any side. 5. Position of terminals to be measured at a position .25 (6.35 mm) from the body. 6. All terminals are solder plated.
K
* LEADS AND TAB ARE SOLDER PLATED F G H
PI-1848-050696
M
E 7/96
17
TOP100-4
NOTES
18
E 7/96
TOP100-4
NOTES
E 7/96
19
TOP100-4
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any license under its patent rights or the rights of others. PI Logo and TOPSwitch are registered trademarks of Power Integrations, Inc. (c)Copyright 1994, Power Integrations, Inc. 477 N. Mathilda Avenue, Sunnyvale, CA 94086
WORLD HEADQUARTERS Power Integrations, Inc. 477 N. Mathilda Avenue Sunnyvale, CA 94086 USA Main: 408*523*9200 Customer Service: Phone: 408*523*9265 Fax: 408*523*9365 JAPAN Power Integrations, K.K. Keihin-Tatemono 1st Bldg. 12-20 Shin-Yokohoma 2-Chome, Kohoku-ku Yokohama-shi, Kanagawa 222 Japan Phone: 81*(0)*45*471*1021 Fax: 81*(0)*45*471*3717 AMERICAS For Your Nearest Sales/Rep Office Please Contact Customer Service Phone: 408*523*9265 Fax: 408*523*9365 EUROPE & AFRICA Power Integrations (Europe) Ltd. Mountbatten House Fairacres Windsor SL4 4LE United Kingdom Phone: 44*(0)*1753*622*208 Fax: 44*(0)*1753*622*209
ASIA & OCEANIA For Your Nearest Sales/Rep Office Please Contact Customer Service Phone: 408*523*9265 Fax: 408*523*9365
APPLICATIONS HOTLINE World Wide 408*523*9260 APPLICATIONS FAX Americas 408*523*9361 Europe/Africa 44*(0)*1753*622*209 Japan 81*(0)*45*471*3717 Asia/Oceania 408*523*9364
20
E 7/96


▲Up To Search▲   

 
Price & Availability of TOP101AI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X