Part Number Hot Search : 
GV2ME06 2SC37 MA147 A6474 AD779 PEB2266 B82143A 10132F
Product Description
Full Text Search
 

To Download TM23R-5A88 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
CAT 6 Data Wiring System Connectors
TM23 Series
Features
1. High-Speed Data Transfer
Attenuation/PSNEXT (dB) 100 90 80 70 60 50 40 30 20 10 0
Permanent Link PSACR
Conforms to the TIA/EIA-568B.2-1 data Wiring standard, thereby clears CAT 6 transfer performance requirements. As such, these products easily support Gigabit Ethernet (1000BASE-T/1000BASE-TX), which is the next generation of high-speed applications.
Measured value CAT 6 PSNEXT standard value
2. A Product Lineup Focused on Building of a Complete System
In addition to modular plugs, Hirose Electric offers box type outlets, patch panels, and wall outlets. Systems built using all components from the same manufacturer will assure stable data transfer.
CAT 6 Attenuation standard value 1 10
Measured value 100 1000
Frequency (MHz)
3. Support of a Wide Variety of Manufacturers' CAT 6 Cable
To assure high performance of the system we test and monitor data transfer using CAT 6 cables manufactured by different suppliers.
2008.4w
1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, orWiring System Connectorsthe products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. TM23 SeriesCAT 6 Data will be discontinued soon. Please check
Plugs, Boots
Specifications
Rating Item
Current rating Voltage rating 1A 125V AC Operating temperature range -25c to +60c (Note)
Specification
100 V DC 500 V AC / one minute
Conditions
1. Insulation resistance 100 M ohms min. 2. Withstanding voltage No flashover or insulation breakdown. (between adjacent contacts) 3. Contact resistance 230 m ohms max. No electrical discontinuity of 5s min. 4. Vibration Contact resistance : 250m ohms max. No electrical discontinuity of 5s. min. 5. Shock Contact resistance : 250m ohms max. 6. Durability Contact resistance : 250m ohms max. (mating/un-mating) 7. Temperature cycle Contact resistance : 250 m ohms max. Insulation resistance : 100 M ohms min.
100mA Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 1 octave/min. conduct, 10 cycles to each 3 directions. Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 6 axes. 200 cycles Temperature : -553c +15c to +35c +852c +15c to +35c Duration (Minutes): 30+5 2 to 3 30+5 2 to 3 0 0 5 cycles 500 hours at temperature of 40c and humidity of 90% to 95%. 5% salt water/48 hours.
Contact resistance: 250 m ohms max. Insulation resistance: 1 M ohms min. (High humidity) Insulation resistance: 100 M ohms min. (Dry state) 9. Salt Spray Contact resistance: 250 m ohms max. Note: Includes temperature rise caused by current flow. 8. Humidity
Materials and Finishes
Plugs Component
Insulator Contacts Strain relief clamp
Material
Polycarbonate Phosphor bronze Brass
Finish
Color: Clear Contact area: Gold plated Nickel plated
Remarks
UL94V-0 -------------------------------------
Boots Component
Insulator
Material
EPTR
Finish
White (Standard color) Black, red, blue, yellow, green, orange, gray, light blue
Remarks
UL94V-0 -------------------
Ordering Information Plugs
1 Series name 2 Connector type 3 Size 4 Inserted contacts
P 8 : TM23 : Plug : 8 contacts
TM23 - P - 8 8P
1 2 3 4
8P : 8 contacts
Boots
1 Series name 2 Connector type 3 Size 4 BT
P 8
: TM23 : Plug : 8 contacts : Boot
TM23 - P - 8 BT
1 2 3 4
Jacks
1 Series name 2 Connector type 4 Jack opening code 5 Number of inserted contacts
R
: TM23 : Jack
TM23 R - 5A 8 8
1 2 3 4 5
3 Mounting style/termination type 5A : Right-angle/through hole
8 8 : For 8 contacts : 8 contacts
2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS TM23at www.hirose-connectors.com, or contact your Hirose sales representative. search SeriesCAT 6 Data Wiring System Connectors
Plugs
BOverview
. Contact configured for CAT 6 performance. . 0.5 mm dia. solid wire or AWG #24 stranded wire. . Use with cables having external diameters of 5.4 mm to 6.8mm. . Strain relief clamp protects the contact/conductor termination areas.
Plug body
(25) 6.09 24
Connector guide insert *
11.7
5.4
10.05
(17.5)
Strain relief clamp *
8.9 6.6 (12.9)
Connecter guide insert (Shown inserted)
Contact No. 1
Contact No. 8
17 6 5.05
4.75
C6
1
10.05
TM23P-88P
Part No.
TM23P-88P
CL No.
222-2916-6
RoHS
YES
BMated with corresponding receptacle (Shown for reference only)
(15.45)
* Supplied separately(1bag contains 1pcs.)
3
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, orWiring System Connectorsthe products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. TM23 SeriesCAT 6 Data will be discontinued soon. Please check
Boots
BOverview
. Dedicated boots for the TM23P-88P. . 9 color variations. . Halogen-free. . Protects the plug's lock/release lever.
12
10.8
25.3 (12) (4)
O6 .8
(6.5) (16.9)
13.4
8.8
Part Number
TM23P-8-BT(01) TM23P-8-BT(01) TM23P-8-BT(02) TM23P-8-BT(03) TM23P-8-BT(04) TM23P-8-BT(05) TM23P-8-BT(06) TM23P-8-BT(07) TM23P-8-BT(08)
CL No.
222-2917-9-02 222-2917-9-01 222-2917-9-02 222-2917-9-03 222-2917-9-04 222-2917-9-05 222-2917-9-06 222-2917-9-07 222-2917-9-08
Color
White Black Red Blue Yellow Green Orange Gray Light Blue
10.8
(17.2)
TM23P-8-BT
1
RoHS
YES
BBoot installed
Protected lock/release lever (40) O6.8MAX
TM23P-88P
4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS TM23at www.hirose-connectors.com, or contact your Hirose sales representative. search SeriesCAT 6 Data Wiring System Connectors
Manual Termination Tool
HRS marking side (For contact/conductor termination)
A
Reverse side (For cable strain relief clamp crimping)
Part No.
HT601-TM23/22P-88P
CL No.
902-2128-1
* Changing the "A" Assembly parts to TM22 dedicated clamp parts will allow wiring of Hirose's TM22P-88P plugs supporting CAT 5e.
Automatic Contact Termination Machine
Item
Body Applicator
Part Number
CM-105 AP105-TM23P-88P
CL No.
CL901-0005-4 CL901-2588-5
Cable Strain Relief Clamp Crimping Jig (Manual operated)
Part Number
TM23P-88P/CK-MP(01)
CL No.
CL902-2130-3(01)
Recommended Cable Specification
Solid copper conductor:
Jacket Filler Conductor
Conductor
0.5mm dia. Stranded copper conductor: AWG#24
Individual conductor insulation dia.
Insulation
(0.95mm to 1.05mm)
Overall jacket dia.
(5.4mm to 6.8mm)
Note: To achieve CAT 6 performance, refer to TM23P-88P Cable Termination Procedure Manual(ETAD-E2415).
5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, orWiring System Connectorsthe products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. TM23 SeriesCAT 6 Data will be discontinued soon. Please check
Jacks
BOverview
. Unique contact structure designed for crosstalk reduction. . (Through hole : 3 rows) . Temporary retention to board with integral flexible posts.
BPCB mounting pattern
15 13 7.112 5.08 3.048 1.016 14.5 8-O0.8 2.54 15
2-O2.4
8 7 5
4 2
1
4 Connector front edge 1.3
Contact No. 8
15
Contact No. 1
3
0.43
0.35
2.1
Flexible post
6
3
6
6
1.3
Recommended board thickness: 1.6mm
Part Number
TM23R-5A-88(50)
2.54
4
CL No.
222-2918-1-50
Color
Black
RoHS
YES
Note: The jack by itself does not clear CAT 6 performance requirements. Compensation on the board is required to secure CAT 6 performance.
6
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS TM23at www.hirose-connectors.com, or contact your Hirose sales representative. search SeriesCAT 6 Data Wiring System Connectors
Precautions in System Construction
The TM23 Series connector and components were designed for CAT 6 data transfer. However, it is highly recommended that the entire connected system be checked for this performance level.
Cable termination procedures
Cable termination procedure manual No.
ETAD-E2415
Part Number
TM23P-88P
Recommended Cable Manufacturers
Hirose Electric closely examines the transfer performance of these connectors with the CAT 6 cable that is manufactured and sold by the various cable manufacturers. Please use the cable from among those indicated in Table 1 for system construction with the TM23 Series.
Manufacturer's Name
Hitachi Cable, Ltd. Tonichi Kyosan Cable, Ltd. NipponSeisen Co. Ltd. Okano Electric Wire Co., Ltd. Tsushin Kogyo K.K. Showa Electric Wire & Cable Co., Ltd. Fuji Electric Cable Co, Ltd.
Table1 Recommended Cable Manufacturers
Web Site
http://www.hitachi-cable.co.jp/index_e.html http://www.tonichi-kyosan.co.jp/ http://www.nscable.co.jp/ http://www.okano-cable.co.jp/english/index.html http://www.tsuko.co.jp/ http://www.swcc.co.jp/eng/index.html http://www.tokyo-fuji.co.jp/index_f.htm
Note: Please see the web sites of the various manufacturers for cable specifications. Contact HRS for recommendations when using cables from other suppliers.
Use of Different Manufacturers' Components
Use of different manufacturers' components in one system could cause the deterioration of transfer performance.
Check of the System Performance Verification
All measures have been taken to assure the transfer performance of the TM23 series. However, it is highly recommended to verify transfer performance of complete system using commercially available measuring instruments.
Hirose Electric does not build wiring systems. Please contact Hirose Electric sales representative for system construction contractor information.
7
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, orWiring System Connectorsthe products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. TM23 SeriesCAT 6 Data will be discontinued soon. Please check
Technical Documentation CAT 6 Transmission Characteristics Data
. Permanent Links
Horizontal cable 90 m
This is representative transfer performance for the TM23 Series. A high margin is used for CAT 6 standard values.
Permanent Link PSACR
100 90 Attenuation/PSNEXT (dB) 80 70 60 50 40 30 20 10 0
TM23R-MPP24
TM23R-T01
Measured value CAT 6 PSNEXT standard value
Permanent link adapter (PM06)
CAT 6 Attenuation standard value 1 10
Measured value 100 1000
DSP4300 Main unit
DSP4300 Remote unit
Frequency (MHz)
. Channel Links
Horizontal cable 90 m
100 90
Channel Link PSACR
Attenuation/PSNEXT (dB)
TM23R-MPP24 TM23R-T01 Patch cable Stranded 5m wire 3 m ( :TM23P-88P) Channel link adapter
80 70 60 50 40 30 20 10 0
Measured value
Patch cable 2m
CAT 6 PSNEXT standard value
CAT 6 Attenuation standard value 1 10
Measured value 100 1000
DSP4300 Main unit
DSP4300 Remote unit
Frequency (MHz)
. Patch Cable
Patch Cable 2 m
DSP4300 Main unit
Patch Cable 2 m NEXT
120 100
Channel link adapter
DSP4300 Remote unit
Patch Cable 2 m RL
60 50
Measured value
Measured value
40
NEXT(dB)
80 60
CAT 6 NEXT standard value
RL(dB)
30 20
CAT 6 RL standard value
40 20 0
10 0
1
10
100
1000
1
10
100
1000
Frequency (MHz)
Frequency (MHz)
(R)
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933 http://www.hirose.com http://www.hirose-connectors.com
8
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.


▲Up To Search▲   

 
Price & Availability of TM23R-5A88

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X