|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
om .c 4U Module Technical Specification etLCD he T-51380L050J-FW-P-AC aS at .D w w w O PTREX First Edition Dec 29, 2000 Final Revision ****** Checked by (Quality Assurance Div.) Table of Contents 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. Application........................................................................................................ 2 Features........................................................................................................... 2 Mechanical Specifications ............................................................................... 2 Mechanical Drawing of module ...................................................................... 3 Input/output Terminals..................................................................................... 4 Absolute Maximum Ratings. ............................................................................ 5 Electrical Characteristics .................................................................................. 5 Optical Characteristics.................................................................................... 11 Handling Cautions .......................................................................................... 14 Reliability Test ............................................................................................... 15 Indication of Lot Number Label ................................................................... 15 Revision History Rev. Date m o .c U t4 e e h S ta a .D w w w Checked by (Design Engineering Div.) Prepared by (Production Div.) Page Comment T-51380L050J-FW-P-AC OPTREX CORPORATION om .c 4U et he aS at .D w w w Page 1/15 1. Application This technical specification applies to 5" color TFT-LCD module. 2. Features . Compatible with PAL system . Composite Video input , Standard RGB signal input and VGA mode . Pixel in stripe configuration . Slim and compact . Active area / Outline area = 66.5 % . Viewing Direction . Polarizer: Anti-glare . DC-DC Converter: Assembled . DC-AC Inverter: Assembled 6 o'clock 3. Mechanical Specifications Parameter Screen Size Display Format Active Area Dot Pitch Pixel Configuration Outline Dimension Weight Specifications 5 (diagonal) 960x234 102.6(H)x73.9 (V) 0.107 (H)x0.316 (V) Stripe 127.0 (w)x92.8(H)x18.5(D) 23010 Unit inch dot mm mm mm g T-51380L050J-FW-P-AC OPTREX CORPORATION Page 2/15 4.Mechanical Drawing of TFT-LCD Module T-51380L050J-FW-P-AC OPTREX CORPORATION Page 3/15 5.Input / Output Terminals 5-1) TFT-LCD Panel Driving 28 PIN Pin No 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol BRI CNT PCT COL NC VIN GND B G R SW RL VIY CSY VSY HSY CKC VGA HPS GND VDD 12G2 12G1 12V2 12V1 GND DIM ENB I I I I I I I I I I/O I/O I I I I I I I I I I I I I/O I I I I Description Brightness adjustment Contrast adjustment Picture adjustment Color adjustment No connection Composite video input Video ground Video signal (blue) Video signal (green) Video signal (red) Composite or RGB input selection pin Right or left direction selection pin Vertical sync. input Composite sync. or horizontal sync. input Vertical sync. input/output Horizontal sync. input/output Control pin for select I/O signal VGA function select pin H-position adjustment Ground +5V power output 12VDC power input ground 12VDC power input ground 12VDC power input 12VDC power input Ground Dimmer adjustment for inverter Enable signal for inverter Note 5-7 5-9 Note 5-8 5-9 Note 5-9 Note 5-9 Note 5-9 Note 5-9 Note 5-5 Note 5-5 Note 5-5 Note 5-5 Note 5-6 Note 5-1 Note 5-2 Note 5-2 Note 5-2 Note 5-3 Note 5-4 Remark Note 5-1 Note 5-1 Note 5-1 Note 5-1 Note 5-1: It will be used the default value if the pin is opened Note 5-2: 0.7 VPP standard RGB signal Note 5-3: Default (Hi, 5V) RGB input Note 5-4: Default (Hi, 5V) shift right Note 5-5: CKC pin can select the function of pin 16,15,14 as following: Pin 13 (CKC) Pin 16(HSY) Pin 15(VSY) Pin 14(CSY) Hi HSY output VSY output CSY output Low External HSY input External VSY input External clock input (18.9MHz) T-51380L050J-FW-P-AC OPTREX CORPORATION Page 4/15 Note 5-6: Hi(+5V) for VGA input, Low(0V, default) for NTSC or RGB input The relationship of SW pin & VGA pin is defined as following table: SW VGA Selected input 0 0 TV mode - Composite input 0 1 NO USE 1 0 TV mode - R.G.B. input 1 1 VGA input Note 5-7: Range: 0~2 ; open (default) : full light Note 5-8: 0V to shunt down; 5V or open to enable Note 5-9: These pins direct pass to the Switching Power Supply 16pin connector 5-2) Input / Output Connector A) Video Input Connector ELCO 00-6200-500-028-800 Down Connector Pin No.28 Pitch1.0 mm 6.Absolute Maximum Ratings: Parameter Supply voltage for Module External COLOR control External BRIGHTNESS control External CONTRAST control Storage Temperature Operation Temperature Symbol +12V COL BRT CNT MIN. 0 0 0 0 -30 -10 MAX. +1.8 +5.5 +5.5 +5.5 +80 +60 Unit V V V V C C Remark 7. Electrical Characteristics 7-1) Recommended Operating Conditions: A) Driving for TFT-LCD panel Parameter Supply voltage for Module Supply voltage for controller Symbol +12V I+12V MIN. +10 TYP +12 0.55 GND = 0V Ta = 25 C MAX. Unit Remark +16 V A T-51380L050J-FW-P-AC OPTREX CORPORATION Page 5/15 7-2) Input/Output signal chart Parameter Horizontal Sync. Output Pulse Vertical Sync. Output Pulse Width Phase Difference Rising Time Falling Time Width Phase Difference Phase Difference Rising Time Frequency Polarity Alternating Signal Delay time Falling Time Symbol MIN. THO THP THR THF TVO TVPO TVPE TVR fFRP TFD TVF 4.2 0 7.67 TYP. 4.7 2 4H 1H 1.5H 7.87 0.5 0.5 2 8.07 4 2 MAX. 5.2 Unit s s s s s s s s KHZ s s H=1/15.75KHZ odd field even field Remarks FRP B lack VR VG VB Black W hite 2.2 0.2V 9.2 0.2V 5V C SY 0V f = 15.75kH z T-51380L050J-FW-P-AC OPTREX CORPORATION Page 6/15 7-3) Display Time Range When sync. signal of PAL system is applied. a) Horizontally 13.0 ~ 63.8 s b) Vertical 26 ~ 298 H c) odd field : Scan lines 14n+17 14n+23 (n = 1, 2, 3..) are not displayed. even field : Scan lines 14n+12 14n+20 (n = 1, 2, 3..) are not displayed. FRP Black Black White VR VG VB White 2.2V 9.2V Black Black 5V f=15.75kHZ CSY 0V T-51380L050J-FW-P-AC OPTREX CORPORATION Page 7/15 EVEN FIELD ODD FIELD PAL FIELD 1 ODD FIELD Vin c) PAL Timing Diagram 622 623 624 625 1 2 3 4 5 6 7 20 21 22 23 24 25 T-51380L050J-FW-P-AC Tvpo=64gS Typ Tvpo Tvo=318gS Typ Tvo CMOS output Th=63.5gS Typ Th 312 313 1 2 3 4 5 6 19 20 21 22 23 Black 24 25 Black 26 White White CSY HSY VSY FRP OPTREX CORPORATION 309 310 311 RGB First Line Page 8/15 Timing chart of I/O and RGB signal EVEN FIELD PAL FIELD 2 Vin PAL Display Timing 309 333 310 311 312 313 314 315 316 317 318 334 335 336 337 338 339 T-51380L050J-FW-P-AC Tvpe=32gS Typ Tvo=318gS Typ Tvpe Tvo 311 312 1 2 3 4 5 20 21 22 23 24 25 Black Black 26 White White White White Black First line ODD FIELD EVEN FIELD CSY HSY VSY FRP 27 OPTREX CORPORATION 308 309 310 RGB Page 9/15 Timing chart of I/O and RGB signal 63.5s (1) Horizontal Timing Sampling Clock: 11.8MHz Tho=4.7s 50.79s 10.6s 2.1s T-51380L050J-FW-P-AC 12.6s 50.79/63.5=78% Display Time (2) Vertical Timing Vin NTSC ODD Field FIELD 1 524 ODD FIELD Tvpo=1H Typ Tvpo Tvo NTSC FIELD 2 EVEN FIELD Tvo=4H Typ 525 1 2 3 4 5 6 7 8 9 10 22 23 24 EVEN FIELD VSY OPTREX CORPORATION 26 3 264 EVEN FIELD 265 266 267 268 269 270 271 ODD FIELD Tvpe=1.5H Typ Tvpe Tvo=4H Typ Tvo Vin 262 272 283 284 285 286 VSY Not Display Time 28.5/262.5=11% 10.5H 28.5H Display Time 234/262.5=89% 234 H 18H First Line Page 10/15 8. Optical Characteristics 8-1) Specification: Parameter Symbol Condition Horizontal (to 12 Viewing CR10 o'clock) Angle Vertical (to 6 o'clock) Contrast Ratio Response time Brightness White Chromaticity Lamp Life Time(+25C) x y Rise Fall CR Tr Tf =0 MIN. 45 30 10 80 TYP. MAX. 55 35 15 120 30 50 ms ms cd/ Unit deg deg deg Ta = 25C Remarks Note 8-1 Note 8-1 Note 8-1 Note 8-1, 8-2 Note 8-4 Note 8-3 Note 8-3 hr 300 320 0.250 0.305 0.350 0.300 0.350 0.400 Continuous 10,000 Note 8-1: The definitions of viewing angles normal ( = 0) observer 3 AB C 12 6 LCD panel 9 : Viewing direction : Viewing angle Note 8-2CR Luminance when Testing point is White Luminance when Testing point is Black Contrast Ratio is measured in optimum common electrode voltage. ( Testing configuration see 8-2 ) Note 8-3Topcon BM-7(fast) luminance meter 2field of view is used in the testing (after T-51380L050J-FW-P-AC OPTREX CORPORATION Page 11/15 20~30 minutes operation). Lamp Current 6mA Note 8-4: The definition of response time: White 100% 90% Brightness 10% 0% Tr Black White Tf T-51380L050J-FW-P-AC OPTREX CORPORATION Page 12/15 8-2) Testing configuration BM-7(fast) Caution: 1. Environmental illumination 1 lux Caution: 1. Environmental illumination 1 lux 2. Before test CR, Vcom voltage must 2. Beforebe adjusted carefully to get the best test CR, Vcom voltage must be 500mm adjusted CR. carefully to get the best CR. R,G,B signal input LCD Backlight Pattern generator LCD Display Testing Point Testing Point Pattern A R, G, B Waveform of Pattern A at Testing Point 16ms 16ms Pattern B VW VWW=2.2V 0.2V V =2.2V G, B Waveform of Pattern B at Testing Point 16ms 16ms VB VB=9.2V 0.2V VB=9.2V 0.2V T-51380L050J-FW-P-AC OPTREX CORPORATION Page 13/15 9. Handling Cautions 9-1) Mounting of module a) Please power off the module when you connect the input/output connector. b) Please connect the ground pattern of the inverter circuit surely. If the connection is not perfect, some following problems may happen possibly. 1.The noise from the backlight unit will increase. 2.The output from inverter circuit will be unstable. 3.In some cases a part of module will heat. c) Polarizer which is made of soft material and susceptible to flaw must be handled carefully. d) Protective film (Laminator) is applied on surface to protect it against scratches and dirt. It is recommended to peel off the laminator before use and taking care of static electricity. 9-2) Precautions in mounting a) When metal part of the TFT-LCD module (shielding lid and rear case) is soiled, wipe it with soft dry cloth. b) Wipe off water drops or finger grease immediately. Long contact with water may cause discoloration or spots. c) TFT-LCD module uses glass which breaks or cracks easily if dropped or bumped on hard surface. Please handle with care. d) Since CMOS LSI is used in the module. So take care of static electricity and earth yourself when handling. 9-3) Adjusting module a) Adjusting volumes on the rear face of the module have been set optimally before shipment. b) Therefore, do not change any adjusted values. If adjusted values are changed, the specifications described may not be satisfied. 9-4) Others a) Do not expose the module to direct sunlight or intensive ultraviolet rays for many Hours. b) Store the module at a room temperature place. c) The voltage of beginning electric discharge may over the normal voltage because of leakage current from approach conductor by to draw lump read lead line around. d) If LCD panel breaks, it is possibly that the liquid crystal escapes from the panel. Avoid putting it into eyes or mouth. When liquid crystal sticks on hands, clothes or feet. Wash it out immediately with soap. e) Observe all other precautionary requirements in handling general electronic components. f) Please adjust the voltage of common electrode as material of attachment by 1 module. T-51380L050J-FW-P-AC OPTREX CORPORATION Page 14/15 10. Reliability Test No 1 2 3 4 5 6 Test Item High Temperature Storage Test Low Temperature Storage Test High Temperature Operation Test Low Temperature Operation Test High Temperature & High Humidity Operation Test Thermal Cycling (non-operating) Vibration Test (non-operating) Shock Test (non-operation) Electron Static Discharge (non-operation) Ta: ambient temperature Test Condition Ta = +80 C, 240 hr Ta = -30 C, 240 hr Tp = +60 C, 240 hr Tp = -10 C, 240 hr Tp = +60 C, 95% RH, 240 hr -25C +25C+70C 30 min/5min/30 min Frequency10 ~ 55 HZ Amplitude1.5 mm Sweep time: 11 min Test period: 6 Cycles for each direction of X, Y, Z 100G,6ms ,X,Y,Z 3 times for each direction Cycle: 3 times C=150pF , R=150 ohm Contact=8KV , Air=15KV 10 times / point, 5 points/panel face 7 8 9 [Criteria] Under the display quality test conditions with normal operation state, there should be no change which may affect practical display function. 11. Indication of Lot Number Label a) Indicated contents of the label Lot number OOO-OOOOOO P50CB4XXX Module number Contents of lot number : 1st--Process area : class 1000 H class 100K M 2nd~3rd--Module screen size(in inch) : 1.8"18, 2.5"25...... 5th--Production year : 19999, 2000A, 20011........ 6th--Production month : 1, 2, 3,....9, A, B, C 7th~10th--Serial numbers : 0001~9999 T-51380L050J-FW-P-AC OPTREX CORPORATION Page 15/15 |
Price & Availability of T-51380L050JFWPAC |