Part Number Hot Search : 
HVC365 SMCJXXX TMP88 HER102 30500 MMBTA CD401 BAS21
Product Description
Full Text Search
 

To Download MCR100-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MCR100-8
Sensitive Gate Silicon Controlled Rectifiers
Features
2.Gate
Symbol
3. Anode
BVDRM = 600V IT(RMS) = 1.0 A ITSM = 10 A
Repetitive Peak Off-State Voltage : 600V R.M.S On-State Current ( IT(RMS)= 1.0 A ) Low On-State Voltage (1.2V(Typ.)@ ITM) Pb - Free Packages are available
1.Cathode
TO-92
General Description
Sensitive-gate triggering thyristor is suitable for the application where gate current limited such as small motor control, gate driver for large thyristor, sensing and detecting circuits.
1 2 3
Absolute Maximum Ratings
Symbol
VDRM IT(AV) IT(RMS) ITSM I2 t PGM PG(AV) IFGM VRGM TJ TSTG
( TJ = 25C unless otherwise specified ) Condition
sine wave,50 to 60Hz,gate open half sine wave : TC = 74 C 180 Conduction Angle 1/2 Cycle, 60Hz, sine wave non-repetitive , t = 8.3ms t = 8.3ms TA = 25 C, pulse width TA = 25 C, t = 8.3ms TA = 25 C, pulse width TA = 25 C, pulse width 1.0 1.0 1.0
Parameter
Repetitive Peak Off-State Voltage Average On-State Current R.M.S On-State Current Surge On-State Current I2t for Fusing Forward Peak Gate Power Dissipation Forward Average Gate Power Dissipation Forward Peak Gate Current Reverse Peak Gate Voltage Operating Junction Temperature Storage Temperature
Ratings
600 0.6 1.0 10 0.415 2 0.1 1 5.0 - 40 ~ 125 - 40 ~ 150
Units
V A A A A2 s W W A V C C
April, 2005. Rev.0 copyright @ D&I Semiconductor Co., Ltd., All rights reserved.
1/5
www..com
MCR100-8
Electrical Characteristics
Symbol Items
( TC = 25 C unless otherwise noted )
Conditions
VAK = VDRM or VRRM ; RGK = 1000 TC = 25 C TC = 125 C ( ITM = 1 A, Peak ) VAK = 6 V, RL=100
Ratings Min. Typ. Max.
Unit
IDRM
Repetitive Peak Off-State Current Peak On-State Voltage (1)
10 200 1.2 1.7 V
VTM
IGT
Gate Trigger Current (2)
TC = 25 C TC = - 40 C VD = 7 V, RL=100
200 500
VGT
Gate Trigger Voltage (2)
TC = 25 C TC = - 40 C VAK = 12 V, RL=100 VD = 0.67 VDRM , Exponential waveform, TJ=125C ITM = 2A ; Ig = 10mA VAK = 12 V, Gate Open Initiating Curent = 50mA TC = 25 C TC = - 40 C Junction to case Junction to Ambient RGK = 1000 500 800 TC = 125 C 0.2
0.8 1.2
V
VGD
Non-Trigger Gate Voltage (1) Critical Rate of Rise Off-State Voltage Critical Rate of Rise On-State Current
V
dv/dt
V/
di/dt
50
A/
IH
Holding Current
2
5.0 10 60 150
mA
Rth(j-c) Rth(j-a)
Thermal Impedance Thermal Impedance
C/W C/W
Notes : 1. Pulse Width 1.0 ms , Duty cycle 1%
2. Does not include RGK in measurement.
2/5
www..com
MCR100-8
Fig 1. Gate Characteristics Fig 2. Maximum Case Temperature
140
1
10
Max. Allowable Case Temperature [ C]
120
VGM(5V) PGM(2W)
o
100
Gate Voltage [V]
PG(AV)(0.1W) IGM(1A)
10
0
80
= 180
o
60
2
25 C
o
40
360
20
VGD(0.2V)
10
-1
: Conduc t ion Angl e
10
0
10
1
10
2
10
3
10
4
0 0.0
0.1
0.2
0.3
0.4
0.5
0.6
Gate Current [mA]
Average On-State Current [A]
Fig 3. Typical Forward Voltage
10
1
Fig 4. Thermal Response
10
3
Transient Thermal Impedance [ C/W]
o
On-State Current [A]
10
2
R (J-C)
10
0
125 C
o
10
1
25 C
o
10
-1
0.5
1.0
1.5
2.0
2.5
10
0
10
-2
10
-1
10
0
10
1
10
2
10
3
On-State Voltage [V]
Time (sec)
Fig 5. Typical Gate Trigger Voltage vs.
10
10
Fig 6. Typical Gate Trigger Current vs. Junction Temperature
VGT(toC) VGT(25oC)
1
0.1 -50
0
50
100
o
150
IGT(25 C)
IGT(t C)
o
o
1
0.1 -50
0
50
100
o
150
Junction Temperature[ C]
Junction Temperature[ C]
3/5
www..com
MCR100-8
Fig 7. Typical Holding Current
10
0.7 = 180
o
Fig 8. Power Dissipation
Max. Average Power Dissipation [W]
0.6 = 90 0.5 = 30 0.4
o
= 120
o
o
= 60
o
IH(25oC)
IH(t C)
1
o
0.3
0.2
0.1
0.1 -50
0
50
100
o
150
0.0 0.0
0.1
0.2
0.3
0.4
0.5
0.6
Junction Temperature[ C]
Average On-State Current [A]
4/5
www..com
MCR100-8
TO-92 Package Dimension
mm Dim. Min. A B C D E F G H I J 0.33 2.54 2.54 0.48 0.013 4.43 4.43 14.07 Typ. 4.2 3.7 4.83 14.87 0.4 4.83 0.45 0.174 0.174 0.554 Max. Min.
Inch Typ. 0.165 0.146 0.190 0.585 0.016 0.190 0.017 0.100 0.100 0.019 Max.
A
E
B F
C
G 1 D 2 3
1. Cathode 2. Gate 3. Anode
J
H
I
5/5


▲Up To Search▲   

 
Price & Availability of MCR100-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X