Part Number Hot Search : 
FIN1027M 05325 T321043 SF2063A TA0223A SRBL1650 20PT1 MBR3506
Product Description
Full Text Search
 

To Download LJ64K052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mass-production
LJ64K052
Features
n n n 26 cm [10.4"] VGA format High contrast* (50 : 1) Wide viewing angle
*About 10 times the contrast of current models at ambient luminance 500 lx.
EL Display Module
Specifications
Parameter
Display size Dot format (H x V) Dot pitch (H x V) Active area (H x V) Luminance Supply voltage Power consumption panel & backlight
*1...Includes DC/DC converter *2...Areal luminance
Unit
26 [10.4] 640 x 480 0.33 x 0.33 211.2 x 158.3 40 *2 5, 12 12 000 cm [ "] dot mm mm cd/m2 V mW
Parameter
Outline dimensions (W x H x D) 267.0 x 220.0 x 23.5*1 Weight 800*1 Baseplate structure Yes Detachable DC/DC Converter Operating temperature -5 to +55 Storage temperature -40 to +80 Survival temperature -20 to +65
Unit
mm g C C C
Outline Dimensions
267 257 248 238 cover for TCP A A SYM SYM max 22 9.9 6.5
unit : mm
VIEWING AREA 211.1 (640dots)
158.3 (480dots)
220 208 SYM 187 SYM
max3
63
63


▲Up To Search▲   

 
Price & Availability of LJ64K052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X