Part Number Hot Search : 
D8563 MN4516BS 30107GGG M37721 A7520 MBR1090 LTC4412 2000167
Product Description
Full Text Search
 

To Download LBT11405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
114MHz SAW Filter 5MHz Bandwidth
Part Number: LBT11405
www.sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter Single-ended operation Ceramic Surface Mount Package Small size RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Passband Variation Group Delay Variation(f02.5MHz) Phase Linearity(f02.5MHz) Absolute Delay Ultimate Rejection f0-5.5MHz f0+5.5MHz
Unit
MHz dB MHz MHz MHz dB nsec deg usec dB dB KHz/C C C C V dBm -
Minimum
113.7 5 40 40
Typical
114 11.8 6.27 7 9.46 0.5 45 3 1.38 45 46 -2.05 112LT 25
Maximum
114.3 15 11 1 100 5 -
Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2.
-40 -45
0
+85 +105
-
1A
10
SMD13.3*6.5
All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBT11405 2010-04-07 1.1 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
114MHz SAW Filter 5MHz Bandwidth
Part Number: LBT11405
www.sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
L1 L2
L1=(120+27)nH
OUTPUT 50 C2
L2=(150+15)nH
INPUT 50 C1
C1=C2=56pF Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
Package Dimension
+0.2 13.3-0.1
Pad Configuration: Input: 10
SIPAT LBT11405 XXYYZZ
+0.2 6.5-0.1
Output: 5 Ground: All Others
Marking Configuration:
0.4 1.56 0.1 0.76
1) *: Pad Number 1 Index 2) SIPAT: Manufacturer Name 3) LBT11405: Part Number 4) XXYY: Date(Year/month) 5) ZZ: Identified Code
2.9
0.51
1.02
1.91
0.6
Package: SMD13.3*6.5
Unit: mm
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBT11405 2010-04-07 1.1 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
114MHz SAW Filter 5MHz Bandwidth
Part Number: LBT11405
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -1.7824 -11.7824 -21.7824
-11.2824 -10.2824
Passband Respond
Type Performance
-10.7824
-31.7824 Magnitude(dB)
Amplitude ripple(dB)
-41.7824 -51.7824 -61.7824 -71.7824
-11.7824
-12.2824
-12.7824
-13.2824
-81.7824 -91.7824 -101.7824
-13.7824
90
95
100
105
110 115 120 Frequency(MHz)
125
130
135
-14.2824 106
108
110
112
114 Frequency(MHz)
116
118
120
122
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f02.5MHz)
Type Performance 1600 10
Phase Linearity(f02.5MHz)
Type Performance
1550
8
1500
6
4 1450
X: 111.5 Y: 1384 X: 114 Y: 1381
2
X: 116.5 Y: 1375 X: 114 Y: -0.03687 X: 116.5 Y: -0.899
Group Delay Time(ns)
1400
Degree(deg)
0
X: 111.5 Y: -1.226
1350
-2
1300 -4 1250 -6 1200
-8
1150
-10
1100
108
110
112
114 Frequency(MHz)
116
118
120
-12
108
110
112
114 Frequency(MHz)
116
118
120
Horizontal: 2MHz/Div
Vertical: 50ns/Div
Horizontal: 2MHz/Div
Vertical: 2deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBT11405 2010-04-07 1.1 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT11405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X