Part Number Hot Search : 
NKA101 330M2 75MHZ SCL4002B BAS16W PZ3904 1002D FGD4536
Product Description
Full Text Search
 

To Download KPT-2012EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Kingbright
Features
(R)
2.0x1.2mm SUPER THIN SMD CHIP LED LAMPS
KPT-2012 SERIES
Package Dimensions
l2.0mmx1.2mm SMT LED. 0.75mm THICKNESS. lLOW POWER CONSUMPTION. lWIDE VIEWING ANGLE. lIDEAL FOR BACKLIGHT AND INDICATOR. lVARIOUS COLORS AND LENS TYPES AVAILABLE.
Description
The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diodes. The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subjected to change without notice.
Selection Guide
Part No. KPT-2012HD KPT-2012HC KPT-2012HT KPT-2012ID KPT-2012EC KPT-2012IT KPT-2012YD KPT-2012YC KPT-2012YT KPT-2012SRD KPT-2012SRC KPT-2012SRT KPT-2012SGD KPT-2012SGC KPT-2012SGT KPT-2012SYD KPT-2012SYC KPT-2012SYT Dice BRIGHT RED (GaP) BRIGHT RED (GaP) BRIGHT RED (GaP) HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT YELLOW (InGaAlP) SUPER BRIGHT YELLOW (InGaAlP) SUPER BRIGHT YELLOW (InGaAlP) Lens Type RED DIFFUSED WATER CLEAR RED TRAS. RED DIFFUSED WATER CLEAR RED TRANS. YELLOW DIFFUSED WATER CLEAR YELLOW TRANS. RED DIFFUSED WATER CLEAR RED TRANS. GREEN DIFFUSESD WATER CLEAR GREEN TRNS. YELLOW DIFFUSESD WATER CLEAR YELLOW TRNS. Iv (mcd) @ 20 mA Min. 0.8 0.8 0.8 5 5 5 3.2 3.2 3.2 40 40 40 3.2 3.2 3.2 40 40 40 Typ. 1.25 1.25 1.25 12.5 12.5 12.5 8 8 8 70 70 70 12.5 12.5 12.5 60 60 60 Viewing Angle 21/2 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
1-KPT2012-1
Electrical / Optical Characteristics at T A=25C
Symbol Parameter Device
Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green Super Bright Yellow Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green Super Bright Yellow Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green Super Bright Yellow Bright Red High Efficiency Red Yellow Super Bright Red Super Bright Green Super Bright Yellow All
Typ.
700 625 590 660 565 595 45 45 35 20 30 20 40 12 10 95 45 33 2.0 2.0 2.1 1.85 2.2 2.0 10
Max.
Units
Test Conditions
peak
Peak Wavelength
nm
IF=20mA
1/2
Spectral Line Halfwidth
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
vF IR
Forward Voltage
2.5 2.5 2.5 2.5 2.5 2.4
V
IF=20mA
Reverse Current
uA
VR = 5V
Absolute Maximum Ratings at T A=25C
Parameter
Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Bright Red
105 25 150 5
High Efficiency Red
105 30 150 5
Yellow
105 30 150 5
Super Bright Red
100 30 150 5 -40 C To +85 C
Super Bright Green
105 25 150 5
Super Bright Yellow
125 30 150 5
Units
mW mA mA V
1-KPT2012-2
Bright Red KPT-2012HD, KPT-2012HC, KPT-2012HT
High Efficiency Red KPT-2012ID, KPT-2012EC, KPT-2012IT
1-KPT2012-3
Yellow KPT-2012YD, KPT-2012YC, KPT-2012YT
Super Bright Red KPT-2012SRD, KPT-2012SRC, KP-2012SRT
1-KPT2012-4
Super Bright Green KPT-2012SGD, KPT-2012SGC, KPT-2012SGT
Super Bright Yellow KPT-2012SYD, KPT-2012SYC, KPT-2012SYT
1-KPT2012-5
KPT-2012 Series SMT Reflow Soldering Instructions
KPT-2012 Series Recommended Soldering Pattern (Units : mm)
KPT-2012 Series Tape Specifications
1-KPT2012-6


▲Up To Search▲   

 
Price & Availability of KPT-2012EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X