Part Number Hot Search : 
BX9112 BD232 AD8005AR TK20G60W HCS36 K1300S D7575 05P09S
Product Description
Full Text Search
 

To Download JS1-12V-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDE
JS
MINIATURE PC BOARD TYPE POWER RELAY
JS RELAYS
FEATURES
22 .866 16 .630
16 .630
mm inch
* Miniature size with universal terminal footprint * High contact capacity: 10 A * Class B coil insulation type available * TV-5 type available (Standard type) 1 Form A type TV-5 1 Form C type TV-5 (N.O. side only) * VDE, TUV also approved * Sealed construction for automatic cleaning (Standard type)
SPECIFICATIONS
Contact
Types Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity Rating Max. switching power (resistive Max. switching voltage load) Max. switching current Min. switching capacity#1 Mechanical (at 180 cpm) Electrical at 10 A 125 V AC, 6 A 277 V AC resistive Expected (standard) life (min. 10 A 277 V AC resistive (High power) ope.) 10 A 250 V AC resistive (Standard: at 20 cpm) (High power: at 20 cpm, 105C 221F)** Standard type 1 Form A, 1 Form C High power type 1 Form A
Characteristics
Max. operating speed Types Initial insulation resistance Initial breakdown voltage*1 Between open contacts Between contacts and coil 20 cpm Standard High power type type Min. 100 M (at 500 V DC) 750 Vrms for 1 min. 1,500 Vrms for 1 min. Approx. 10 ms Approx. 10 ms Max. 35C, resistive, nominal voltage applied to coil. Contact carrying current: 10A, at 85C 185F Min. 98 m/s2 {10 G} Min. 980 m/s2 {100 G} Approx. 98 m/s2 {10 G}, 10 to 55 Hz at double amplitude of 1.6 mm Approx. 117.6 m/s2 {12 G}, 10 to 55 Hz at double amplitude of 2 mm -40C to -40C to +85C +105C -40F to -40F to +185F +221F 5 to 85% R.H. Approx.12 g .423 oz
100 m Silver alloy 10 A 250 V AC 10 A 250 V AC 10 A 125 V AC 10 A 125 V AC 6 A 277 V AC 10 A 277 V AC 2,500 VA 250 V AC, 100 V DC 10 A (AC), 5 A (DC) 100 mA, 5 V DC 107
Operate time*2 (at nominal voltage) Release time(without diode)*2 (at nominal voltage)
Temperature rise (at nominal voltage)
Shock resistance 105 2x105 Vibration resistance 5 x 104 (No contact only)
Functional*3 Destructive*4 Functional*5
Destructive 1.5 x 105 Conditions for operation, transport and storage*6 (Not freezing and condensing at low temperature) Unit weight
Ambient temp.*7 Humidity
** Holding voltage should be 60% V of nominal voltage
Coil
Nominal operating power 360 mW
#1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
Remarks
*1 Detection current: 10mA *2 Excluding contact bounce time *3 Half-wave pulse of sine wave: 11ms; detection time: 10s
*4 Half-wave pulse of sine wave: 6ms *5 Detection time: 10s *6 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT *7 When using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% V for each 1C 33.8F with 20C 68F as a reference) and use a coil impressed voltage that is within the maximum allowable voltage range.
TYPICAL APPLICATIONS
1. Home appliances Air conditioner, heater, etc. 2. Automotive Power-window, car antenna, door-lock, etc. 3. Office machines PPC, facsimile, etc. 4. Vending machines
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
JS
ORDERING INFORMATION
Ex. JS 1a F B 12V F
Contact arrangement
Protective construction
Coil insulation class Nil: Class E insulation B: Class B insulation
Coil voltage (DC) 5, 6, 9, 12, 18, 24, 48 V
Environmental support F: RoHS Directive conforming type (AgSnO2 type) Nil: RoHS Directive non-conforming type (AgCdO type)
Nil: Sealed type 1: 1 Form C (Standard) F: Flux-resistant type 1a: 1 Form A (Standard) 1aP: 1 Form A (High Power)
UL/CSA, VDE, TUV (Standard type only) approved type is standard. Notes: 1. Standard packing: Carton: 100 pcs. Case: 500 pcs. 2. When ordering TV rated (TV-5) types, add suffix -TV. 3. Contact arrangement 1aP type is Flux-resistant type only (class B or class F insulation). Please consult us for coil insulation class F.
COIL DATA
Part No. Standard type Sealed type 1 Form A
JS1a-5V (-F) JS1a-6V (-F) JS1a-9V (-F)
Flux-resistant type 1 Form A
JS1aF-5V (-F) JS1aF-6V (-F) JS1aF-9V (-F)
1 Form C
JS1-5V (-F) JS1-6V (-F) JS1-9V (-F)
1 Form C
JS1F-5V (-F) JS1F-6V (-F) JS1F-9V (-F)
JS1a-12V (-F) JS1-12V (-F) JS1a-18V (-F) JS1-18V (-F) JS1a-24V (-F) JS1-24V (-F) JS1a-48V (-F) JS1-48V (-F)
JS1aF-12V (-F) JS1F-12V (-F) JS1aF-18V (-F) JS1F-18V (-F) JS1aF-24V (-F) JS1F-24V (-F) JS1aF-48V (-F) JS1F-48V (-F)
Nominal Nominal Drop-out Coil Max. Pick-up operating High Power type Nominal operating allowable voltage, resistance, voltage, current, Flux-resistant voltage, V DC (max.) V DC (min.) (10%) mA (10%) power, mW voltage (at 20C (at 20C V DC (at 20C (at 85C (at 20C type (at 20C 68F) 68F) 68F) 68F) 185F) 1 Form A 68F) JS1aPF-B-5V (-F) 5 3.5 0.5 69.4 72 JS1aPF-B-6V (-F) 6 4.2 0.6 100 60 130%V JS1aPF-B-9V (-F) 9 6.3 0.9 225 40 of 360 JS1aPF-B-12V (-F) 12 8.4 1.2 400 30 nominal JS1aPF-B-18V (-F) 18 12.6 1.8 900 20 voltage JS1aPF-B-24V (-F) 24 16.8 2.4 1,600 15 JS1aPF-B-48V (-F) 48 33.6 4.8 6,400 7.5
mm inch
DIMENSIONS
Schematic (Bottom view) 1a
N.O. 16 .630 0.4 .016 3.9 .154 0.24 .009 0.8 .031 0.8 .031 0.4 .016 2 16 .630 1.2 .047 2.3 .091 1 5 4 N.C. 0.4 .016 2 .079 12.2 .480 22 .866 3 N.O. 12 .472 COIL COM
1c
N.O. COIL COM
N.C.
PC board pattern (Bottom view) 1a
(Standard, High Power)
4-1.3 dia. 4-.051 dia.
12 .472
Note: Terminal No. 4 is only for Standard 1 Form C type
General tolerance: 0.3 .012
2 .079 12.2 .480
1c
(Standard)
5-1.3 dia. 5-.051 dia.
12 .472
2 .079
12.2 .480
Tolerance: 0.1 .004
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
JS
REFERENCE DATA
1. Maximum value for switching capacity
100 Operate/release time, ms 10 Operate time Life, x104 8 6 4 Release time 2 0 Max. - x Min. Max. - x Min. 120 140 1 0 1 2 3 4 5 6 7 8 9 10 125V AC resistive load
2. Operate/release time
Sample: 25 pcs., JS1-12V
3. Life curve
Ambient temperature: Room temperature
100
Contact current, A
AC resistive load 10
10
1
DC resistive load
10
30
100
80
100
Contact voltage, V
Coil applied voltage, %V
Contact current, A
4-(1). Coil temperature rise
Sample: 5 pcs., JS1a-24V Measured portion: Inside the coil Contact current: 5 A
60 Temperature rise, C
4-(2). Coil temperature rise
Sample: 5 pcs., JS1a-24V Measured portion: Inside the coil Contact current: 10 A
60 26C Temperature rise, C 50 40 30 20 10 0
5. Ambient temperature characteristics
Sample: 6 pcs., JS1-12V
Changing ration, %
50 40 30 20 10 0
26C 70C 85C
70C 85C
Pick-up voltage 20 10
Drop-out voltage
-60 -40 -20 0 20 40 60 80 -10 -20 Ambient temperature C
100
120
140
160
100
120
140
160
Coil applied voltage, %V
Coil applied voltage, %V
6. Electrical life test (10 A 125 V AC, resistive load)
Sample: 6 pcs., JS1-12V Operating speed: 20 cpm Ambient temperature: room temperature
Change of pick-up and drop-out voltage
10 Pick-up/drop-out voltage, V
Change of contact resistance
100 Contact resistance, m Contact on the N.C. side Contact on the N.O. side 80
8
Pick-up voltage
(Circuit)
Max. - x Min.
6
60
4 Drop-out voltage 2 Max. - x Min. 5 10
4
40 Max. Max. -- xx Min. Min. 5 10 No. of operations, x104
10A 125V AC
Contact welding detection and Mis-contacting detection circuit
20
0
0
No. of operations, x10
For Cautions for Use, see Relay Technical Information
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.


▲Up To Search▲   

 
Price & Availability of JS1-12V-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X