|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Agilent HSMx-A4xx-xxxxx SMT LED Surface Mount LED Indicator Data Sheet Features * Industry standard PLCC-4 * High reliability LED package * High brightness using AlInGaP and InGaN dice technologies * High optical efficiency * Higher ambient temperature at the same current possible compared to PLCC-2 * Available in full selection of colors Description Agilent Power PLCC-4 is an extension of our PLCC-2 SMT LEDs. The package can be driven at higher current due to its superior package design. The product is able to dissipate heat more efficiently compared to the conventional PLCC-2 SMT LEDs. In proportion to the increase in driving current, this family of LEDs is able to produce higher light output compared to the conventional PLCC-2 SMT LEDs. These SMT LEDs have higher reliability and better performance and are designed to work under a wide range of environmental conditions. This higher reliability makes them suitable for use under harsh environment and conditions like automotive. In addition, they are also suitable to be used in electronic signs and signals. * Super wide viewing angle at 120 To facilitate easy pick and place assembly, the LEDs are packed in EIA-compliant tape and reel. Every reel will be shipped in single intensity and color bin (except for red color), to provide close uniformity. These LEDs are compatible with IR solder reflow process. Due to the high reliability feature of these products, they also can be mounted using through-the-wave soldering process. There are a variety of colors and various viewing angles (30, 60 and 120) available in these SMT LEDs. Ideally, the 30 parts are suitable for light piping where focused intensities are required. As for the 60 and 120, they are most suitable for automotive interior and exterior lighting and electronic signs applications. * Available in 8mm carrier tape on 7-inch reel * Compatible with both IR and TTW soldering process Applications * Interior automotive - Instrument panel backlighting - Central console backlighting - Cabin backlighting - Navigation and audio system - Dome lighting - Push button backlighting * Exterior automotive - Turn signals - CHMSL - Rear combination lamp - Puddle light * Electronic signs and signals - Interior full color sign - Variable message sign * Office automation, home appliances, industrial equipment - Front panel backlighting - Push button backlighting - Display backlighting CAUTION: HSMN-, HSMK-, HSMM-A40x-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Agilent Application Note AN-1142 for additional details. Package Dimensions 2.8 0.2 2.2 0.2 A C 0.1 TYP. 1.9 0.2 0.8 0.1 3.2 0.2 3.5 0.2 0.8 0.3 C C 0.5 0.1 0.7 0.1 CATHODE MARKING NOTE: ALL DIMENSIONS IN mm. Device Selection Guide Color Part Number Red HSMC-A400-S30M1 HSMC-A401-T40M1 HSMC-A401-T80M1 HSMZ-A400-U80M1 Red Orange HSMJ-A401-T40M1 HSMJ-A401-U40M1 HSMV-A400-U80M1 Orange HSML-A401-U40M1 Amber HSMA-A400-T35M1 HSMA-A401-U45M1 HSMU-A400-U85M1 Emerald Green HSME-A401-P4PM1 Green HSMM-A401-R7YM2 HSMM-A401-S4YM2 HSMM-A401-S7YM2 HSMM-A400-T8YM2 Cyan HSMK-A401-R40M2 HSMK-A400-T80M2 Blue HSMN-A401-P4QM2 HSMN-A401-P7QM2 HSMN-A400-Q8QM2 Min. Iv (mcd) 160.0 250.0 310.0 500.0 250.0 400.0 500.0 400.0 250.0 400.0 500.0 40.0 120.0 160.0 200.0 310.0 100.0 310.0 40.0 50.0 80.0 Max. Iv (mcd) 400.0 800.0 1000.0 1600.0 800.0 1260.0 1600.0 1260.0 630.0 1260.0 1600.0 130.0 320.0 500.0 500.0 1000.0 320.0 1000.0 130.0 130.0 250.0 Test Current (mA) 50 50 50 50 50 50 50 50 50 50 50 50 30 30 30 30 30 30 30 30 30 Dice Technology AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP AlInGaP InGaN InGaN InGaN InGaN InGaN InGaN InGaN InGaN InGaN Note: 1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be aligned. 2 Part Numbering System HSM x1 - A x2 x3x4 - x5x6 x7 x8x9 Packaging Option Color Bin Selection Intensity Bin Select Device Specific Configuration Package Type LED Chip Color Absolute Maximum Ratings (TA = 25C) Parameters DC Forward Current[1] Peak Forward Current [2] Power Dissipation Reverse Voltage Junction Temperature Operating Temperature Storage Temperature HSMC/J/L/A/E 70 mA[3,4] 200 mA 180 mW HSMZ/V/U 70 mA[3,4] 200 mA 240 mW 5V 110C -40C to +100C -40C to +100C HSMM/K/N 30 mA 90 mA 114 mW Notes: 1. Derate linearly as shown in figure 5. 2. Duty factor = 10%, Frequency = 1 kHz. 3. Drive current between 10 mA and 70 mA is recommended for best long-term performance. 4. Operation at currents below 5 mA is not recommended. 3 Optical Characteristics (TA = 25C) Peak Wavelength PEAK (nm) Typ. 635 639 621 623 609 592 594 576 568 518 502 468 Dominant Wavelength D[1] (nm) Typ. 626 630 615 617 605 590 592 575 567 525 505 470 Viewing Angle 21/2[2] (Degrees) Typ. 120 120 120 120 120 120 120 120 120 120 120 120 Luminous Efficacy v[3] (lm/W) Typ. 150 155 240 263 320 480 500 560 610 500 300 75 Luminous Intensity/ Total Flux Iv (mcd)/v (mlm) Typ. 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 Color Red Red Orange Orange Amber Yellow Green Emerald Green Green Cyan Blue Part Number HSMC HSMZ HSMJ HSMV HSML HSMA HSMU HSME HSME HSMM HSMK HSMN Notes: 1. The dominant wavelength, D, is derived from the CIE Chromaticity Diagram and represents the color of the device. 2. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity. 3. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt. Electrical Characteristics (TA = 25C) Forward Voltage VF (Volts) @ IF = 50 mA Typ. Max. 2.2 2.8 2.5 3.4 Reverse Voltage VR @ 100 A Min. 5 5 Reverse Voltage VR @ 10 A Min. 5 Part Number HSMC/J/L/A/E HSMZ/V/U Part Number HSMM/K/N Forward Voltage VF (Volts) @ IF = 30 mA Typ. Max. 3.8 4.6 1.0 0.9 RELATIVE INTENSITY BLUE CYAN GREEN EMERALD GREEN YELLOW GREEN AMBER 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 380 430 480 530 580 630 680 730 780 RED ORANGE RED ORANGE WAVELENGTH - nm Figure 1. Relative Intensity Vs. Wavelength. 4 80 FORWARD CURRENT - mA 1.4 1.2 RELATIVE INTENSITY (NORMALIZED AT 50 mA) HSMC/J/L/A/E HSMZ/V/U 1.2 70 60 50 40 30 20 10 HSMM/K/N 0 0 1 2 3 4 5 RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 30 mA) 1.0 0.8 0.6 0.4 0.2 0 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 FORWARD VOLTAGE - V FORWARD CURRENT - mA FORWARD CURRENT - mA Figure 2. Forward Current Vs. Forward Voltage. Figure 3. Relative Intensity Vs. Forward Current (AlInGaP). Figure 4. Relative Intensity Vs. Forward Current (InGaN). MAXIMUM FORWARD CURRENT - mA MAXIMUM FORWARD CURRENT - mA 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 470C/W 350C/W 300C/W 35 DOMINANT WAVELENGTH - nm 540 530 520 510 500 490 480 470 460 0 5 10 15 InGaN BLUE 20 25 30 35 InGaN CYAN InGaN GREEN 30 300C/W 25 350C/W 20 470C/W 15 10 5 0 0 20 40 60 80 100 120 AMBIENT TEMPERATURE - C AMBIENT TEMPERATURE - C CURRENT - mA Figure 5a. Maximum Forward Current Vs. Ambient Temperature, Derated Based On TJmax = 110C (AlInGaP). Figure 5b. Maximum Forward Current Vs. Ambient Temperature, Derated Based On TJmax = 110C (InGaN). Figure 6. Dominant Wavelength Vs. Forward Current - InGaN Devices. 1.0 0.9 RELATIVE INTENSITY 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -90 -70 -50 -30 -10 10 30 50 70 90 ANGLE - DEGREES Figure 7. Radiation Pattern. 5 X 2.60 (0.103) 1.10 (0.043) X 0.40 (0.016) 0.50 (0.020) 4.50 (0.178) Y 1.50 (0.059) Y DIMENSIONS IN mm (INCHES). SOLDER RESIST Figure 8a. Recommended Soldering Pad Pattern. X 6.1 (0.240) 2.8 (0.110) X 0.5 (0.020) Y 2.0 (0.079) 6.0 (0.236) 2.0 (0.079) 3.0 (0.118) Y 1.0 (0.039) Thermal Resistance 300C/W 350C/W 470C/W Solder Pad Area (xy) >16 mm2 >12 mm2 >8 mm2 DIMENSIONS IN mm (INCHES). 10 to 20 SEC. Figure 8b. Recommended Soldering Pad Pattern (TTW). 217 C 255 C +5 C -0 C 6 C/SEC. MAX. 20 SEC. MAX. TEMPERATURE 240C MAX. 3C/SEC. MAX. 100-150C 3C/SEC. MAX. 120 SEC. MAX. 60-150 SEC. TIME 183C -6C/SEC. MAX. TEMPERATURE 3 C/SEC. MAX. 125 C 25 C MAX. 120 SEC. 60 to 150 SEC. TIME * THE TIME FROM 25 C TO PEAK TEMPERATURE = 6 MINUTES MAX. Figure 9a. Recommended SnPb Reflow Soldering Profile. Figure 9b. Recommended Pb-free Reflow Soldering Profile. TURBULENT WAVE 250 TEMPERATURE - C LAMINAR WAVE HOT AIR KNIFE BOTTOM SIDE OF PC BOARD 200 150 FLUXING TOP SIDE OF PC BOARD CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN) PREHEAT SETTING = 150C (100C PCB) SOLDER WAVE TEMPERATURE = 245C AIR KNIFE AIR TEMPERATURE = 390C AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.) AIR KNIFE ANGLE = 40 SOLDER: SN63; FLUX: RMA NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED BEFORE EXERTING MECHANICAL FORCE. 100 50 30 0 10 PREHEAT 20 30 40 50 60 70 80 90 100 TIME - SECONDS Figure 10. Recommended Wave Soldering Profile. 6 TRAILER 200 mm MIN. FOR 180 REEL. 200 mm MIN. FOR 330 REEL. COMPONENT LEADER 480 mm MIN. FOR 180 REEL. 960 mm MIN. FOR 330 REEL. C A USER FEED DIRECTION Figure 11. Tape Leader and Trailer Dimensions. +0.1 1.5 -0 4 0.1 2 0.05 B 3.6 0.1 1.75 0.1 C 5.5 0.05 A A 3.8 0.1 +0.3 12-0.1 C 1 +0.1 -0 8 0.1 3.45 0.1 VIEW B-B C A B 0.229 0.01 VIEW A-A ALL DIMENSIONS IN mm. Figure 12. Tape Dimensions. USER FEED DIRECTION CATHODE SIDE PRINTED LABEL Storage Condition: 5 to 30C @ 60% relative humidity max. Baking is required under the condition: a) the humidity indicator card color becoming pink b) the pack has been opened for more than 4 weeks Baking recommended condition: 60 5C for 20 hours. Figure 13. Reeling Orientation. 7 Intensity Bin Select (X5X6) Individual reel will contain parts from one half bin only. X5 X6 0 3 4 5 7 8 9 Full Distribution 3 half bins starting from X51 4 half bins starting from X51 5 half bins starting from X51 3 half bins starting from X52 4 half bins starting from X52 5 half bins starting from X52 Min. Iv Bin Color Bin Select (X7) Individual reel will contain parts from one full bin only. X7 0 Z Y W V U T S Q P N Full Distribution A and B only B and C only C and D only D and E only E and F only F and G only G and H only A, B and C only B, C and D only C, D and E only D, E and F only E, F and G only F, G and H only A, B, C and D only E, F, G and H only B, C, D and E only C, D, E and F only A, B, C, D and E only B, C, D, E and F only Color Bin Limits Emerald Green Min. (nm) A 552.5 B 555.5 C 558.5 D 561.5 Yellow Green E F G H Amber/ Yellow A B C D E F Orange A B C D E Red Orange A B Max. (nm) 555.5 558.5 561.5 564.5 Min. (nm) 564.5 567.5 570.5 573.5 Max. (nm) 567.5 570.5 573.5 576.5 Intensity Bin Limits Bin ID N1 N2 P1 P2 Q1 Q2 R1 R2 S1 S2 T1 T2 U1 U2 V1 V2 W1 W2 Min. (mcd) 28.50 35.50 45.00 56.00 71.50 90.00 112.50 140.00 180.00 224.00 285.00 355.00 450.00 560.00 715.00 900.00 1125.00 1400.00 Max. (mcd) 35.50 45.00 56.00 71.50 90.00 112.50 140.00 180.00 224.00 285.00 355.00 450.00 560.00 715.00 900.00 1125.00 1400.00 1800.00 M L K 1 2 3 4 5 6 Min. (nm) 582.0 584.5 587.0 589.5 592.0 594.5 Min. (nm) 597.0 600.0 603.0 606.0 609.0 Max. (nm) 584.5 587.0 589.5 592.0 594.5 597.0 Max. (nm) 600.0 603.0 606.0 609.0 612.0 Color Bin Limits Blue Min. (nm) A 460.0 B 465.0 C 470.0 D 475.0 Cyan A B C D Green A B C D Min. (nm) 490.0 495.0 500.0 505.0 Min. (nm) 515.0 520.0 525.0 530.0 Max. (nm) 465.0 470.0 475.0 480.0 Max. (nm) 495.0 500.0 505.0 510.0 Max. (nm) 520.0 525.0 530.0 535.0 Min. (nm) 611.0 616.0 Max. (nm) 616.0 620.0 Max. (nm) Tolerance of each bin limit = 12% Red Min. (nm) Full Distribution Tolerance of each bin limit = 1 nm Packaging Option (X8X9) Test Package Option Current Type M1 50 mA Top Mount M2 30 mA Top Mount Reel Size 7 inch 7 inch 8 Forward Voltage Bin Table For HSMZ/V/U - A4xx-xxxxx only BIN VA VB VC VD VE MIN. 1.9 2.2 2.5 2.8 3.1 MAX. 2.2 2.5 2.8 3.1 3.4 Tolerance of each bin limit = 0.05 www.agilent.com/semiconductors For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5989-0663EN October 12, 2004 5989-1211EN |
Price & Availability of HSMJ-A401-T40M1 |