Part Number Hot Search : 
SC604A 1N5352 74LV02DB C5886A SF106 1N5225 1N5225 RF1211C
Product Description
Full Text Search
 

To Download HLMA-SL05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2 mm x 5 mm Rectangular LED Lamps Technical Data
HLMP-S100 HLMP-S201 HLMP-S301 HLMP-S400 HLMP-S401 HLMP-S501 HLMP-S600
Features
* Rectangular Light Emitting Surface * Excellent for Flush Mounting on Panels * Choice of Five Bright Colors * Long Life: Solid State Reliability * Excellent Uniformity of Light Output
Package Dimensions
Description
The HLMP-S100, -S201, -5301, -S400, -S401, -S501, -S600 are epoxy encapsulated lamps in rectangular packages which are easily stacked in arrays or used for discrete front panel indicators. Contrast and light uniformity are enhanced by a special epoxy diffusion and tinting process. The HLMP-S100 uses double heterojunction (DH) absorbing substrate (AS) aluminum gallium arsenide (AlGaAs) LEDs to produce outstanding light output over a wide range of drive currents.
2
Selection Guide
Color AlGaAs Red HER Part Number HLMP-S100 HLMP-S201 HLMP-S201-D00xx HLMP-S201-E00xx HLMP-S201-EF0xx HLMP-S400 HLMP-S401 HLMP-S301 HLMP-S301-B00xx HLMP-S301-C00xx HLMP-S301-CDBxx HLMP-S501 HLMP-S501-C00xx HLMP-S501-D00xx HLMP-S501-DE0xx HLMP-S600-A00xx Luminous Intensity Iv (mcd) at 20 mA Min. Typ. Max. 3.4 7.5 - 2.1 3.4 3.4 2.1 3.4 1.4 2.2 2.2 2.6 4.2 4.2 1.0 3.5 7.5 7.5 3.5 7.5 2.1 4.0 4.0 4.0 8.0 8.0 3.0 - - 10.8 - - - - 7.2 - - 13.4 -
Orange Yellow
Green
Emerald Green[1]
Note: 1. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation.
Part Numbering System
HLMP - S x xx - x x x xx Mechanical Option 00: Bulk 02: Tape & Reel, Straight Leads DG: Ammo Pack Color Bin Options 0: Full Color Bin Distribution B: Color Bins 2 & 3 only Maximum Iv Bin Options 0: Open (no max. limit) Others: Please refer to the Iv Bin Table Minimum Iv Bin Options Please refer to the Iv Bin Table Brightness Level 00: Less Brightness 01: Higher Brightness Color Options 1: AlGaAs Red 2: GaP HER 3: GaP Yellow 4: GaP Orange 5: GaP Green 6: GaP Emerald Green
3
Electrical/Optical Characteristics at TA = 25C
Sym. 21/2 Description Included Angle Between Half Luminous Intensity Points Device HLMPAll Min. Typ. 110 Max. Units Deg. Test Conditions IF = 20 mA See Note 1
PEAK Peak Wavelength
AlGaAs Red High Efficiency Red Orange Yellow Green Emerald Green AlGaAs Red High Efficiency Red Orange Yellow Green Emerald Green AlGaAs Red High Efficiency Red Orange Yellow Green Emerald Green AlGaAs Red High Efficiency Red Orange Yellow Green Emerald Green All
645 635 600 583 565 558 637 626 602 585 569 560 30 90 280 90 500 3100 30 11 4 15 18 35 260
nm
Measurement at Peak
d
Dominant Wavelength
nm
See Note 2 Time const, e-t/s
s
Speed of Response
ns
C
Capacitance
pF
VF = 0; f = 1 MHz
RJ-PIN Thermal Resistance VF Forward Voltage
C/W
Junction to Cathode Lead at Seating Plane IF = 20 mA
AlGaAs Red HER/Orange Yellow Green/Emerald Green All AlGaAs Red High Efficiency Red Orange Yellow Green Emerald Green
1.6 1.5 1.5 1.5 5.0
1.8 1.9 2.1 2.2
2.2 2.6 2.6 3.0
V
VR V
Reverse Breakdown Voltage Luminous Efficacy
V 80 145 380 500 595 656
IR = 100 A
lumens/ watt
See Note 3
Notes: 1. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt. 4. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation.
4
Absolute Maximum Ratings at TA = 25C
AlGaAs Red 300
[1]
Parameter Peak Forward Current Average Forward Current DC Current[2] Transient Forward Current (10 sec Pulse)
[3]
High Efficiency Red/Orange 90 25 30 500
Yellow 60 20 20
Green/ Emerald Green 90 25 30
Units mA mA mA mA
20 30
LED Junction Temperature Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6 mm (0.063 in.) below seating plane]
110 -20 to +100 -55 to +100
110 -55 to +100
110 -55 to +100
110 -20 to +100 -55 to +100
C C
260C for 5 seconds
Notes: 1. See Figure 5 to establish pulsed operating conditions. 2. For AlGaAs Red, Red, Orange, and Green series derate linearly from 50C at 0.5 mA/C. For Yellow series derate linearly from 50C at 0.34 mA/C. 3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and wire bond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings.
1.0 EMERALD GREEN
ORANGE
AlGaAs RED
TA = 25 C
RELATIVE INTENSITY
HIGH PERFORMANCE GREEN
HIGH EFFICIENCY RED
0.5 YELLOW
0 500
550
600 WAVELENGTH - nm
650
700
Figure 1. Relative Intensity vs. Wavelength.
5
Figure 2. Forward Current vs. Forward Voltage Characteristics. VF (300 mA) for AlGaAs Red = 2.6 Volts Typical.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. LED Peak Current. v (300 mA) for AlGaAs Red = 0.7.
Figure 5. Maximum Tolerable Peak Current vs. Peak Duration. (IPEAK MAX Determined from Temperature Derated IDC MAX).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
6
Intensity Bin Limits
Color Bin D E F G H I J K L M N O P Q R S T U V W X Y Z B C D E F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 2.4 3.8 3.8 6.1 6.1 9.7 9.7 15.5 15.5 24.8 24.8 39.6 39.6 63.4 63.4 101.5 101.5 162.4 162.4 234.6 234.6 340.0 340.0 540.0 540.0 850.0 850.0 1200.0 1200.0 1700.0 1700.0 2400.0 2400.0 3400.0 3400.0 4900.0 4900.0 7100.0 7100.0 10200.0 10200.0 14800.0 14800.0 21400.0 21400.0 30900.0 1.6 2.5 2.5 4.0 4.0 6.5 6.5 10.3 10.3 16.6 16.6 26.5 26.5 42.3 42.3 67.7 67.7 108.2 108.2 173.2 173.2 250.0 250.0 360.0 360.0 510.0 510.0 800.0 800.0 1250.0 1250.0 1800.0 1800.0 2900.0 2900.0 4700.0 4700.0 7200.0 7200.0 11700.0 11700.0 18000.0 18000.0 27000.0
Red/Orange
Yellow
7
Intensity Bin Limits, continued
Color Bin A B C D E F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 1.1 1.8 1.8 2.9 2.9 4.7 4.7 7.6 7.6 12.0 12.0 19.1 19.1 30.7 30.7 49.1 49.1 78.5 78.5 125.7 125.7 201.1 201.1 289.0 289.0 417.0 417.0 680.0 680.0 1100.0 1100.0 1800.0 1800.0 2700.0 2700.0 4300.0 4300.0 6800.0 6800.0 10800.0 10800.0 16000.0 16000.0 25000.0 25000.0 40000.0
Green/ Emerald Green
Maximum tolerance for each bin limit is 18%.
Color Categories
Color Emerald Green Category # 9 8 7 6 6 5 4 3 2 1 3 2 4 5 1 2 3 4 5 6 7 8 Lambda (nm) Min. Max. 552.5 555.5 555.5 558.5 558.5 561.5 561.5 564.5 561.5 564.5 564.5 567.5 567.5 570.5 570.5 573.5 573.5 576.5 582.0 584.5 584.5 587.0 587.0 589.5 589.5 592.0 592.0 593.0 597.0 599.5 599.5 602.0 602.0 604.5 604.5 607.5 607.5 610.5 610.5 613.5 613.5 616.5 616.5 619.5
Green
Yellow
Orange
Tolerance for each bin limit is 0.5 nm.
Mechanical Option Matrix
Mechanical Option Code 00 02 DG Definition Bulk Packaging, minimum increment 500 pcs/bag Tape & Reel, straight leads, minimum increment 1300 pcs/bag Ammo Pack, straight leads with minimum increment 2K/pack
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
www.semiconductor.agilent.com Data subject to change. Copyright (c) 2001 Agilent Technologies, Inc. September 24, 2001 Obsoletes 5988-0381EN 5988-4202EN


▲Up To Search▲   

 
Price & Availability of HLMA-SL05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X