Part Number Hot Search : 
102MP PT774C RT916 HEF4519B BTS774G 00112 2SC3302 PS325EPA
Product Description
Full Text Search
 

To Download HG4233005-Z1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Subminiature PCB Power Relay
HG4233
FEATURES 10A continous contact capacity 2 KV dielectric strength between coil and contacts Standard and high sensitive type for choice TYPICAL APPLICATIONS Electric rice cooker Hi-Fi Home appliances Air conditioners CONTACT RATING
Form Resistive 1 Form A (H), 1 Form C (Z) 10A, 120VAC/24VDC
CONTACT DATA
Material Initial Contact Resistance Mechanical Service Life Electrical AgCdO 100 m max. at 0.1A, 6VDC 107 ops. 105 ops.
UL /CSA RATING
Form Resistive 1 Form A (H), 1 Form C (Z) 10A, 120VAC/24VDC
COIL DATA
Coil Voltage Code 003 005 006 009 012 024 048 Nominal Voltage (VDC) 3 5 6 9 12 24 48 Resistance () 10% Power Consumption Standard Sensitive 20 27 56 80 80 110 180 250 0.33W 0.45W 320 440 1280 1780 3800 5220 Must Operate Voltage max. ( VDC) 2.25 3.75 4.50 6.75 9.00 18.00 36.00 Must Release Voltage min. ( VDC) 0.3 0.5 0.6 0.9 1.2 2.4 4.8
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Ambient Temperature Weight 8 ms. max. 4 ms. max. 1000 M, at 500 VDC, 50%RH 2000 Vrms, 1 min. between coil and contacts 750 Vrms, 1 min. between open contacts 10 g, 11ms. functional; 100g, destructive DA 1.5mm, 10 - 55 Hz, functional -30C to 70C 10 g, approx.
ORDERING DESIGNATION
Example: Model Coil Voltage Code Contact Form H: 1 Form A; Z: 1 Form C Version 1: Sealed; 2: Flux Free Contact Material Nil: AgNi0.15; C: AgCdO; S: AgSnOInO Coil Sensitivity Nil: Standard 0.45W; L: Sensitive 0.33W HG4233 / 012 H 1 C L
HG4233
1/2
HG4233
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAM (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagram (Bottom View)
NOTES
1. 2. 3. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714
HG4233
2/2


▲Up To Search▲   

 
Price & Availability of HG4233005-Z1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X