Part Number Hot Search : 
74LS73AP 20N65 SL1001 SC9351 2N6710 ZD36V PN2907AG 2N7002K
Product Description
Full Text Search
 

To Download HC69R2A224K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MARUWA GENERAL CATALOG
MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS
a Features
[ HC Series ]
* Wide range of capacitance in small size. * High voltage.
a Applications
* Snubber circuit of power supply.
a Dimensions
L
Unit : mm Type L 2.0 3.3 3.7 4.9 6.1 6.9 W 0.3 1.25 0.2 0.3 1.6 0.2 0.3 2.7 0.2 0.4 3.4 0.3 0.4 5.3 0.4 0.4 5.7 0.4 T ~1.45 ~1.8 ~2.2 ~2.8 ~2.8 ~3.0 L1, L2 0.2~ 0.3~ 0.3~ 0.3~ 0.3~ 0.3~ L3 0.4~ 1.0~ 1.0~ 1.9~ 2.5~ 2.5~
W
T
HC26 HC35 HC38 HC47 HC69 HC79
L1
L3
L2
a List
of products in HC Series
15%)
Temperature characteristics : R(-55C +125C, Capacitance tolerance : K( 10%) Rated Voltage : 630VDC Part Number HC35R2J222KHC35R2J332KHC35R2J472KHC38R2J562KHC38R2J682KHC38R2J822KHC38R2J103KHC38R2J123KHC38R2J153KHC47R2J183KHC47R2J223KHC47R2J273KHC47R2J333KHC47R2J473KHC69R2J563KHC69R2J683KHC69R2J823KC C C C C C C C C C C C C C C C C Capacitance( F) Product height T(mm) 2,200 3,300 4,700 5,600 6,800 8,200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 47,000 56,000 68,000 82,000 100,000 (0.1 F) 120,000 150,000 180,000 220,000 1.14 1.14 1.15 1.20 1.21 1.21 1.22 1.22 1.23 1.43 1.44 1.44 1.45 1.80 1.44 1.44 1.79 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Rated Voltage : 250VDC
Rated Voltage : 100VDC Part Number HC26R2A472KHC26R2A562KHC26R2A682KHC26R2A822KHC26R2A103KHC26R2A123KHC35R2A153KHC35R2A183KHC35R2A223KHC35R2A273KHC38R2A333KHC38R2A473KHC38R2A563KHC38R2A683KHC47R2A823KC C C C C C C C C C C C C C C Capacitance( F) Product height T(mm) 4,700 5,600 6,800 8,200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 47,000 56,000 68,000 82,000 100,000 (0.1 F) 120,000 150,000 180,000 220,000 270,000 330,000 470,000 560,000 820,000 0.91 0.92 0.92 1.17 1.18 1.33 1.06 1.17 1.21 1.36 0.92 1.18 1.29 1.37 1.19 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
.com height T(mm) Part Number Capacitance( F) Product
HC26R2E332KHC26R2E472KHC26R2E562KHC26R2E682KHC26R2E822KHC35R2E103KHC35R2E123KHC38R2E153KHC38R2E183KHC38R2E223KHC38R2E273KHC38R2E333KHC38R2E473KHC47R2E563KHC47R2E683KHC47R2E823KC C C C C C C C C C C C C C C C 3,300 4,700 5,600 6,800 8,200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 47,000 56,000 68,000 82,000 100,000 (0.1 F) 120,000 150,000 180,000 220,000 270,000 330,000 0.93 0.94 1.17 1.18 1.37 1.03 1.03 1.06 1.07 1.07 1.08 1.08 1.41 1.18 1.37 1.56 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
DataShee
HC47R2A104K- C HC47R2A124KHC47R2A154KHC47R2A184KHC69R2A224KHC69R2A274KHC69R2A334KHC69R2A474KHC79R2A564KHC79R2A824KC C C C C C C C C
1.47 0.1 1.45 1.60 1.93 1.16 1.55 1.59 2.01 1.82 2.55 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
HC47R2E104K- C HC69R2E124KHC69R2E154KHC69R2E184KHC69R2E224KHC79R2E274KHC79R2E334KC C C C C C
1.71 0.1 1.18 1.28 1.42 1.66 1.61 1.85 0.1 0.1 0.1 0.1 0.1 0.1
HC69R2J104K- C HC69R2J124KHC79R2J154KHC79R2J184KHC79R2J224KC C C C
1.80 0.1 1.87 2.44 2.29 2.65 0.1 0.1 0.1 0.1
Specify the taped product (T) or bulk product (B) for . Please consult us regarding items of Ag/Pd terminations.
.com
.com DataSheet 4 U .com
23
CERAMIC CAPACITORS


▲Up To Search▲   

 
Price & Availability of HC69R2A224K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X