Part Number Hot Search : 
20240 SDA36CHF M5324 B010002 V20E175P 1N4190A P70N10 UPD43
Product Description
Full Text Search
 

To Download GBIT0818C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scottsdale, AZ 85252 Tel: (480) 941-6300 Fax: (480) 947-1503
GBIT0803C
thru
GBIT0824C
DESCRIPTION (500 watt)
This TRANSIENT VOLTAGE SUPPRESSOR (TVS) array is packaged in an SO-8 configuration giving protection to 2 Bidirectional data or interface lines. It is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined in IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lighting.
TVSarrayTM Series TM
For Gigabit Ethernet Applications
These TVS arrays have a peak power rating of 500 watts for an 8/20sec pulse. This array is suitable for protection of sensitive circuitry consisting of TTL, CMOS DRAM's, SRAM's, HCMOS, HSIC microprocessors, GIGABIT (1000Mbs/sec) transceiver chip sets. The GBIT08XXC product provides board level protection from static electricity and other induced voltage surges that can damage or upset sensitive circuitry without impeding data transmission speeds.
FEATURES
* * * * * * * Protects up to 2 Bidirectional lines Surge protection Per IEC 1000-4-2, IEC 1000-4-4 Designed for IEEE 802.3ab Gigabit Ethernet protection Provides electrically isolated protection SO-8 Packaging ULTRA LOW CAPACITANCE 5 pF per line pair ULTRA LOW LEAKAGE
MECHANICAL
* * * * Molded SO-8 Surface Mount Marking: Logo, device number, date code Pin #1 defined by DOT on top of package Weight 0.066 grams (approximate)
MAXIMUM RATINGS
* * * * Operating Temperatures: -550C to +1500C Storage Temperature: -550C to +1500C Peak Pulse Power: 500 Watts (8/20 sec, Figure 1) Pulse Repetition Rate: <.01%
PACKAGING
* * * Tape & Reel EIA Standard 481-1-A 13 inch reel 2,500, pieces (OPTIONAL) Carrier tubes 95 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS PER LINE @ 250C Unless otherwise specified
STAND OFF VOLTAGE VWM VOLTS MAX GBIT0803C GBIT0805C GBIT0812C GBIT0815C GBIT0818C GBIT0824C U3C U5C U12C U15C U18C U24C 3.3 5.0 12.0 15.0 18.0 24.0 BREAKDOWN VOLTAGE VBR @1 mA VOLTS MIN 4 6.0 13.3 16.7 20.0 26.7 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 8 10.8 19 25 33 44 CLAMPING VOLTAGE VC @ 5 Amp (FIGURE 2) VOLTS MAX 13 26 24 32 43 57 LEAKAGE CURRENT ID @ VWM A MAX 200 40 1 1 1 1 CAPACITANCE (f=1 MHz) @0V C pF TYP 5 5 5 5 5 5 TEMPERATURE COEFFICIENT OF VBR aVBR mV/C MAX -5 1 8 11 19 28
PART NUMBER
DEVICE MARKING
NOTE: TVS product is normally selected based on its stand off Voltage V WM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected. Application: The GBIT08XXC product is designed for transient voltage suppression protection of ESD sensitive components at the board level. It is an ideal product to be used for protection of I/O Transceivers.
MSC1064.PDF
ISO 9001 CERTIFIED
REV F 7/07/2000
GBIT0803C thru GBIT0824C
WAVE FORMS
100
Peak Value -- Ipp 8 X 20 Waveform
50
Half-Value -- Ipp 2
0
0
t
10
td
20
30
I
t -- Time in microsec
FIGURE 1 Peak Pulse Power Vs Pulse Time
p
FIGURE 2 Pulse Wave Form
MOUNTING PAD SO-8
0.045.005
CIRCUIT DIAGRAM
0.245 MIN
.160.005
.030.005 .050 TYP
SO-8 PACKAGE
INCHES DIM A B C D F G J K L P MIN 0.188 0.150 0.053 0.011 0.016 0.050 BSC 0.006 0.004 0.189 0.228 0.010 0.008 0.206 0.244 MAX 0.197 0.158 0.069 0.021 0.050
p
MILLIMETERS MIN 4.77 3.81 1.35 0.28 0.41 1.27 BSC 0.15 0.10 4.80 5.79 0.25 0.20 5.23 6.19 MAX 5.00 4.01 1.75 0.53 1.27
MSC1064.PDF
ISO 9001 CERTIFIED
REV F 7/07/2000


▲Up To Search▲   

 
Price & Availability of GBIT0818C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X