Part Number Hot Search : 
AN311 V674ME08 LL2012 00BGI 1602H SS100 CSNB2 2N608
Product Description
Full Text Search
 

To Download G62FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
ISSUED DATE :2005/10/11 REVISED DATE :
G62FP
Description
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
The G62FP series is a group of positive voltage output, three-pin regulators, that provide a high current even when the input/output voltage differential is small. Low power consumption and high accuracy is achieved through CMOS and laser trimming technologies. The G62FP consists of a high-precision voltage reference, an error amplification circuit, and a current limited output driver. Transient response to load variations have improved in comparison to the existing series.
Features & Maximum Output Current: 250mA (within max. power dissipation, Vout=5.0V)
&Output Voltage Range: 1.5V ~ 6V in 0.1V increments &Low Power Consumption: Typ. 2.0uA @ VOUT=5.0V &Output Voltage Temperature Characteristics: Typ. 100ppm/ : &Input Stability: Typ. 0.2%/V &Small Input-Output Differential: IOUT=100mA @ VOUT=5.0V with a 0.12V differential &Highly Accurate: Output voltage 2%
Applications & Battery Powered Equipment
Package Dimensions
D
&Palmtops &Portable Cameras and Video Recorders &Reference Voltage Source
TO-92
E S1
A
SEATING PLANE
b1
REF. A S1 b b1 C
e1 e
b
C
Millimeter Min. Max. 4.45 4.7 1.02 0.36 0.51 0.36 0.76 0.36 0.51
REF. D E L e1 e
Millimeter Min. Max. 4.44 4.7 3.30 3.81 12.70 1.150 1.390 2.42 2.66
Typical Application Circuit
L
Block Diagram
G62FP
Page: 1/7
ISSUED DATE :2005/10/11 REVISED DATE :
Absolute Maximum Ratings Ta=25 :
Parameter
Input Voltage Output Current Output Voltage Operating Ambient Temperature Storage Temperature Continuous Total Power Dissipation
Symbol
VIN IOUT VOUT Topr Tstg PD
Ratings
12 500 VSS-0.3 ~VIN+0.3 -40 ~ +85 -40 ~ +125 300
Unit
V mA V
mW
Electrical Characteristics Ta=25 :
G62FP-50 VOUT (T) =5.0V (Note1) Parameter Symbol VOUT(E) Output Voltage
(Note2)
Condition
VIN=6.0V, IOUT=40mA VIN=6V, VOUT(E) 4.5V VIN=6V, IOUT=1mA to 100mA IOUT=100mA IOUT=200mA VIN=6V IOUT=40mA VIN=6V to 10V
Min
4.900 250 -
TYP
5.000 40 120 380 2.0 0.2 100
Max
5.100 80 300 600 5.0 0.3 10 -
Unit
V mA mV mV A %/V V ppm/ :
Max. Output Current Load Stability Input-Output Voltage Differential Supply Current Input Stability Input Voltage Output Voltage Temperature Characteristics
(Note3)
IOUT max VOUT Vdif1 Vdif2 ISS VOUT VIN*VOUT VIN VOUT Topr*VOUT
IOUT=40mA -40 : Topr 85 :
-
Note 1: VOUT (T) =Specified Output Voltage. 2: VOUT (E) =Effective Output Voltage (i.e. the output voltage when "VOUT (T) +1.0V" is provided at the VIN pin while maintaining a certain IOUT value). (Note4) 3: Vdif=VIN -VOUT (E) 4: VIN1=The input voltage at the time 98% of VOUT (E) is output (input voltage has been gradually reduced).
G62FP-40 VOUT (T) =4.0V (Note1) Parameter Symbol VOUT(E) Output Voltage
(Note2)
Condition
VIN=5.0V, IOUT=40mA VIN=5V, VOUT(E) 3.6V VIN=5V, IOUT=1mA to 100mA IOUT=100mA IOUT=200mA VIN=5V IOUT=40mA VIN=5V to 10V
Min
3.920 200 -
TYP
4.000 45 170 400 2.0 0.2 100
Max
4.080 90 330 630 4.5 0.3 10 -
Unit
V mA mV mV A %/V V ppm/ :
Max. Output Current Load Stability Input-Output Voltage Differential Supply Current Input Stability Input Voltage Output Voltage Temperature Characteristics
(Note3)
IOUT max VOUT Vdif1 Vdif2 ISS VOUT VIN*VOUT VIN VOUT Topr*VOUT
IOUT=40mA -40 : Topr 85 :
-
G62FP
Page: 2/7
ISSUED DATE :2005/10/11 REVISED DATE :
G62FP-30 VOUT (T) =3.0V (Note1) Parameter Symbol VOUT(E) Output Voltage
(Note2)
Condition
VIN=4.0V, IOUT=40mA VIN=4V, VOUT(E) 2.7V VIN=4V, IOUT=1mA to 80mA IOUT=80mA IOUT=160mA VIN=4V IOUT=40mA VIN=4V to 10V
Min
2.940 150 -
TYP
3.000 45 180 400 2.0 0.2 100
Max
3.060 90 360 700 4.5 0.3 10 -
Unit
V mA mV mV A %/V V ppm/ :
Max. Output Current Load Stability Input-Output Voltage Differential Supply Current Input Stability Input Voltage Output Voltage Temperature Characteristics
(Note3)
IOUT max VOUT Vdif1 Vdif2 ISS VOUT VIN*VOUT VIN VOUT Topr*VOUT
IOUT=40mA -40 : Topr 85 :
-
G62FP-20 VOUT (T) =2.0V (Note1) Parameter Symbol VOUT(E) Output Voltage
(Note2)
Condition
VIN=3.0V, IOUT=40mA VIN=3V, VOUT(E) 1.8V VIN=3V, IOUT=1mA to 60mA IOUT=60mA IOUT=120mA VIN=3V IOUT=40mA VIN=3V to 10V
Min
1.960 100 -
TYP
2.000 45 180 400 2.0 0.2 100
Max
2.040 90 360 700 4.5 0.3 10 -
Unit
V mA mV mV A %/V V ppm/ :
Max. Output Current Load Stability Input-Output Voltage Differential Supply Current Input Stability Input Voltage Output Voltage Temperature Characteristics
(Note3)
IOUT max VOUT Vdif1 Vdif2 ISS VOUT VIN*VOUT VIN VOUT Topr*VOUT
IOUT=40mA -40 : Topr 85 :
-
Test Circuit
Circuit1
Circuit2
G62FP
Page: 3/7
ISSUED DATE :2005/10/11 REVISED DATE :
Characteristics Curve
(1) Output Voltage vs. Output Current
(2) Output Voltage vs. Input Voltage
G62FP
Page: 4/7
ISSUED DATE :2005/10/11 REVISED DATE :
(2) Output Voltage vs. Input Voltage
(3) Input/Output Voltage Differential vs. Output Current
G62FP
Page: 5/7
ISSUED DATE :2005/10/11 REVISED DATE :
(4) Supply Current vs. Input Voltage
(5) Supply Current vs. Ambient Temperature
G62FP
Page: 6/7
ISSUED DATE :2005/10/11 REVISED DATE :
(6) Output Voltage vs. Ambient Temperature
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
G62FP
Page: 7/7


▲Up To Search▲   

 
Price & Availability of G62FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X