Part Number Hot Search : 
KBP02M D1025 RN2969CT ST72324 SPED53F RF600 ATA6285 SW50N06T
Product Description
Full Text Search
 

To Download EPC1011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
6V 350 mA DC-DC Converter EPC1011
Features 11V to 40V Input voltage Internal temporary short circuit protection Low quiescent current & high efficiency Output voltage regulated to 1.7 % Electrical Specifications
Parameters Input Voltage (Vin) Output Voltage (Vo) (@ Vin = 15V to 30V, lo = 0 to 400 mA, Temp. = 25C 5C) Output Current (Io) Short Circuit Current Limit (@ Vin =15V) Min. 11 5.9 6.0 Typ. Max. 40 6.1 Unit Volts Volts Efficiency (@ lo = 200 mA, Vin = 15V, Temp. = 25C 5C) 0 350 250 mA Operating Temperature mA Storage Temperature -25 85 C -10 25 70 C 70 80 % Parameters Quiescent Current (@ Vin=15V) Min. Typ. 3 Max. Unit mA
Package
+ In
Test Circuit
PCA EPC1011 Date Code
+ 5V Out .590 Max.
G 10
PCA EPC1011
5
1
V in .54 .015 .160
220 F
470 F
RL
.260 .400
1 5
.032 Dia.
Pin 1 = V out + Pin 5 = Gnd Pin 10 = V in + Pin 6 = N.C. *Capacitors should be mounted less than 20mm from pins
.510 Max.
10 6
.300
ELECTRONICS EPC1011 10/92
INC.
16799 Schoenborn St. www..com North Hills, CA 91343 Phone: (818) 892-0761 Fax: (818) 894-5791
www..com


▲Up To Search▲   

 
Price & Availability of EPC1011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X