Part Number Hot Search : 
T150A T150A 1002D 1N446 CY16B G1550 SA16ARL 645ETT
Product Description
Full Text Search
 

To Download DP650A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DP-650A Series
Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
Specifications
Display: Backlighting: Digits: 31/2 digits (1999 counts) Type: 0.5" (12mm) high-contrast reflective LCD Optional Red Negative (red numbers/black background) Optional Green Negative (green numbers/black background) Optional Green Positive (black numbers/green background) Polarity: Automatic, "-" displayed Decimal Points: 3 position, user selectable Overload: Three lower order digits blank for inputs >1999 & <-1999 Hold: Available OEM option, contact factory Ranges: 200.0mV, 2.000V, 20.00V DC Configuration: Bipolar & Differential Protection: 350V DC, (100V DC on 200mV range) Impedance: >10 M, (>1 M on 20V range) Accuracy: (0.1% +1 count) typical (0.1% + 2 counts) maximum Conversion Rate: 2.5 per second Normal Mode Rejection: >30 db @ 60 Hz Common Mode Range: 1V DC Common Mode Rej.: >86 dB Zero Adjustment: Automatic Warmup: 10 minutes typical Temperature Coeff.: 100 ppm per C typical Operating Range: 0 to 50 C Storage Range: -20 to 70 C 5V powered DPM: +5V DC (5%) at 2.5 mA Optional Backlight: +5V DC at 100 mA Bezel Mount with retaining clips 13 pins, 0.025" square on 0.1" centers - pin 3 missing
Green Positive Bezel Mount
Inputs:
Performance:
Red Negative Bezel Mount
Environment: Power Supply: Mounting: Connection: Green Negative Bezel Mount
Ordering
Model Description
Information
Features
* Low-cost, high-performance replacement for many OEM DPMs * Optional Red or Green backlighting * Bezel mount using retaining clips * Low power: 2.5mA (+5V) * Space-saving design: only 1" (25 mm) deep * Occupies less than 2.5 X 1.1 inches of front panel space * 31/2 digits with high-contrast LCD Display
DP650A-RN5 DP650A-GN5 DP650A-GP5 DP652A-RN5 DP652A-GN5 DP652A-GP5 DP654A-RN5 DP654A-GN5 DP654A-GP5 C13 C4 APS-5
3 1/2 digit LCD, Neg. Red, 5V B/L, 200mV input 3 1/2 digit LCD, Neg. Green, 5V B/L, 200mV input 3 1/2 digit LCD, Pos. Green, 5V B/L, 200mV input 3 1/2 digit LCD, Neg. Red, 5V B/L, 2V input 3 1/2 digit LCD, Neg. Green, 5V B/L, 2V input 3 1/2 digit LCD, Pos.Green, 5V B/L, 2V input 3 1/2 digit LCD, Neg. Red, 5V B/L, 20 V input 3 1/2 digit LCD, Neg. Green, 5V B/L, 20 V input 3 1/2 digit LCD, Pos. Green, 5V B/L, 20 V input 13 Pin Connector / Wire Assembly 4 Pin Backlight Connector/ Wire Assembly 120V AC to 5V DC Power Supply
10
ACCULEX
*
1-888-472-6676
*
Fax 1-888-210-0119
*
acculex.com
DP-650A Series
Dimensions
inches (mm)
NOTES: 1. Mounting studs (2) are #2-56, length 0.5 (13) min. 2. Backlight power is on 0.50 (12.4) wide x 0.22 (5.4) high tab.
Connections
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 Pin Name V+ VNC TST COM INLO INHI RFL RFH ROH D3 D2 D1 Description +5V power supply Internal negative supply output No pin Power supply ground Analog Common Negative input signal Positive input signal Negative reference input Positive reference input Internal reference output 1.XXX decimal point 1X.XX decimal point 1XX.X decimal point
ACCULEX
*
1-888-472-6676
*
Fax 1-888-210-0119
*
acculex.com
11


▲Up To Search▲   

 
Price & Availability of DP650A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X