Part Number Hot Search : 
N4002 DE910 P4KE33 T330C TS158R SG15441 TU601 VPA30
Product Description
Full Text Search
 

To Download DM336P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set General Description
The DM336P integrated modem is a four chipset design that provides a complete solution for state-ofthe-art, voice-band Plain Old Telephone Service (POTS) communication. The modem provides for Data (up to 33,600bps), Fax (up to 14,400bps), Voice and Full Duplex Speaker-phone functions to comply with various international standards. The design of the DM336P is optimized for desktop personal computer applications and it provides a low cost, highly reliable, maximum integration, with the minimum amount of support required. The DM336P modem can operate over a dial-up network (PSTN) or 2 wire leased lines. The modem integrates auto dial and answer capabilities, synchronous and asynchronous data transmissions, serial and parallel interfaces, various tone detection schemes and data test modes. The DM336P modem's reference design is preapproved for FCC part 68 and provides minimum design cycle time, with minimum cost to insure the maximum amount of success. The simplified modem system, shown in figure below, illustrates the basic interconnection between the MCU, DSP, AFE and other basic components of a modem. The individual elements of the DM336P are: * DM6380 Analog Front End (AFE). 28-pin PLCC package * DM6381 ITU-T V.34 Transmit Digital Signal Processor (TX DSP). 100-pin QFP package * DM6382 ITU-T V.34 Receive Digital Signal Processor (RX DSP). 100-pin QFP package * DM6383 Modem Controller (MCU) built in Plug & Play (PnP). 100-pin QFP package
Block Diagram
LED
Ring Detector
Address & Data Bus MSCLK
Micro Controller Unit
ISA Bus PnP
TX DSP
Analog Font End
SPKR
RX DSP
V.24 Interface TxD RxD 40.32MHz V.24 Interface
TxBCLK TxSCLK*2 RxBCLK RxSCLK 20.16MHz TxDCLK RxDCLK
Final Version: DM336P-DS-F02 August 15, 2000
SCLK DIT DOT TFS DIR DOR RFS
RxIN TxA1 TxA2
DAA
Line
Speaker Driver Microphone Driver
1
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Table of Contents
General Description ............................................... 1 Block Diagram ....................................................... 1 Features ................................................................ 3 Chipset * Chip 1: DM6383 Modem Controller Unit with PnP for ISA (MCU) DM6383 Description ........................................... 4 DM6383 Block Diagram ...................................... 4 DM6383 Features ............................................... 4 DM6383 Pin Configuration .................................. 5 DM6383 Pin Description ..................................... 6 DM6383 Functional Description .......................... 8 1. Operating Mode Selection............................ 8 2. Micro-controller (8031) Reference ................ 8 3. Micro-controller Register Description............ 8 4. UART (16550A) Emulation Registers ........... 9 5. Plug and Play (PnP) Module .......................14 DM6383 Absolute Maximum Ratings .................20 DM6383 DC Electrical Characteristics................21 DM6383 AC Electrical Characteristics & Timing Waveforms .....................................................21 * Chip 2: DM6381/DM6382 ITU-T V.34 TX and RX Digital Signal Processor (TX DSP and RX DSP) Description DM6381/82 Description .....................................22 DM6381/82 Block Diagram ................................22 DM6381/82 Features .........................................22 DM6381/82 Pin Configuration ............................23 DM6381/82 Pin Description ...............................24 DM6381/82 Functional Description ....................26 1. System Clock .............................................26 2. Serial Port ..................................................26 3. Dual Port RAM ...........................................26 4. Interrupt......................................................26 DM6381/82 Absolute Maximum Ratings ............26 DM6381/82 DC Electrical Characteristics...........27 DM6381/82 AC Electrical Characteristics & Timing Waveforms.....................................................27 * Chip 3: DM6380 Analog Front End (AFE) Description DM6380 Description ..........................................29 DM6380 Block Diagram .....................................29 DM6380 Features..............................................30 DM6380 Pin Configuration.................................30 DM6380 Pin Description ....................................31 DM6380 Functional Description .........................31 DM6380 Absolute Maximum Ratings .................32 DM6380 DC Characteristics...............................32 DM6380 AC Characteristics & Timing Waveforms ..........................................................................33 DM6380 Performance........................................33 Application Circuit (for reference only)...................34 Package Information.............................................38 Ordering Information.............................................40 Company Overview ..............................................40 Contact Windows..................................................40
2
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Features
* Compatibility - ITU-T V.34 (33600 to 2400 bps) - CCITT V.32bis (14400, 12000, 9600, 7200, 4800bps) - CCITT V.32 (9600, 7200, 4800bps) - CCITT V.22bis (2400, 1200bps) - CCITT V.22 (1200bps) - CCITT V.23 (1200/75bps) - Bell 212A (1200bps) - Bell 103 (300bps) - CCITT V.17 (14400, 12000, 7200bps) - CCITT V.29 (9600, 7200bps) - CCITT V.27ter (4800, 2400bps) - CCITT V.21 Channel 2 (300bps) * Data Error Correction - MNP Class 2, 3 & 4 - CCITT V.42 LAMP * Data Compression - MNP Class5 - CCITT V.42bis - Voice compression - 2 and 4 bit ADPCM voice compression * DTE Interface - DTE speed up to 115200bps - Serial V.24 (EIA-232-D) * Enhanced "AT" command set and S registers Chipset The DM336P integrated modem device set contains 4 VLSI devices as described below: * * * * DM6383 Modem Controller Unit with PnP for ISA (MCU) DM6380 Analog Front End (AFE) DM6381 ITU-T V.34 Transmit Digital Signal Processor (TX DSP) DM6382 ITU-T V.34 Receive Digital Signal Processor (RX DSP) * * * * * * * * * * * Caller identification (Caller ID) support Full duplex speakerphone (Telephone Emulation) 16 Bits over-sampling codec Selectable world wide call progress tone detection Compromise and adaptive equalizer providing channel impairment compensation The channel impairment compensation Plug and Play (PnP) support Integrated UART 16550 Enhanced 8031 compatible micro-controller 8 selectable interrupts Parallel and serial interfaces supported - 6-, 7- and 8- bit character support - Even, odd, mark and none parity detection and generation - 1 and 2 stop bit support - Auto DTE data speed detection through "AT" Access up to 128K bytes external program memory Access up to 64K bytes external data memory NVRAM to store two user configurable, switchable profiles and three programmable telephone numbers Full duplex data mode test capabilities - Analog loop test
* * *
*
Final Version: DM336P-DS-F02 August 15, 2000
3
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set * Chip 1 : DM6383 Modem Controller Unit With PnP For ISA (MCU) DM6383 Description
The DM6383 Modem Control Unit (MCU) is designed for use in high speed internal and external modem applications. Its interface is compatible with the DM6381/DM6382 Transmit and Receive Digital Signal Processor Chipset. The DM6383 incorporates a micro-controller 80C31, virtual 16550A UART (with FIFO mode), I/O and Plug & Play control logic. The DM6383 MCU performs the general modem control functions. It is also designed to provide Plug and Play capability for ISA bus systems by implementing PnP control logic. The PnP logic supports hardware & software selectable options to allow users to configure the internal modem card without jumpers.
DM6383 Block Diagram
Mode Selection
PC Data Bus PC Address Bus IRQ & R/W Control PnP Control Logic Virtual 16550 UART 8031 Micro-Controller External ROM, RAM Interface
RS 232 Interface I/O Control Logic
Modem Control Interface
DM6383 Features
* * * * * * * * * Control interface support Supports parallel and serial interfaces Includes a micro-controller 80C31 Maximum access 128K bytes external program memory Maximum access 64K bytes external data memory Provides automatic configuration capability to Industry Configuration selectable by software Interrupt lines selectable I/O base conflict avoidable * Includes a virtual 16550A UART compatible parallel interface * Fully programmable serial interface: - 6-, 7- or 8-bit characters - Even, odd, or no-parity bit generation and detection - 1 and 2 stop bit generation - Baud rate generation * Includes I/O control logic for modem control interface
4
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6383 Pin Configuration
RXRCLK
TEST1
TXRCLK
/PNPEN
/TUCS
SEL2
SEL1
/POR
GND
PS1
A15
A14
A13
V DD
A12
GND
D0
D1
D2 82
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
UD0 UD1 UD2 UD3 UD4 UD5 UD6 UD7 /IOR GND /IOW /AEN A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 V DD IRQ4 IRQ5 IRQ7 IRQ10 RESET
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
81 80 79 78 77 76 75 74 73 72 71 70 69 68 67
D3
D4 D5 D6 D7 CA0 CA1 CA2 CA3 CA4 CA5 CA6 CA7 GND CA8 CA9 CA10 CA11 CA12 CA13 CA14 CA15 IRQ3 /RD /WR /PSEN ALE/P TXD RXD V DD P1.7
DM6383F
66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
V DD
IRQ11
IRQ12
IRQ15
TEST2
/RI
T0
T1
P1.1
P1.2
P0.0
P1.4
P1.5
XTAL1
XTAL2
/RUCS
EAB/VP
CA16
Final Version: DM336P-DS-F02 August 15, 2000
GND
P1.6
5
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6383 Pin Description
Pin No. 1-8 Pin Name UD0 - UD7 I/O I/O Description Data Bus Signal, in internal modem: These signals are connected to the data bus of the PC I/O slot. They are used to transfer data between the PC and the DM6383. Modem Control Output, in external Modem: Memory address mapping of the controller is E800H. I/O Read: An active low signal used to read data from the DM6383. Ground I/O Write: An active low signal used to write data to DM6383. Address Enable: This is an active low signal to enable the system address for DM6383. System Address: These signals are connected to the bus of PC I/O slot. They are used to select DM6383 I/O ports. +5V Power Supply Interrupt Request: These are 8 interrupt request pins. Only one pin, which is decoded from Configuration Register, can be activated, the other pins are left floating. The active pin will go high when an interrupt request is generated from the DM6383. Reset: An active high signal used to power-on reset the DM6383. Crystal Oscillator Input Crystal Oscillator Output Test Pin (see description of pin 99) External ROM Select: Should be connected to low state. RX DSP Register Select Output: Memory address mapping of the controller is E400H. Bank Switch Control: This signal is used to switch external program memory between bank 0 (lower 64K bytes) and bank 1 (upper 64K bytes) when the EPROM for system use is 27010 (128Kx8 bits). Otherwise, this pin is not connected. Ground Controller Counter 0 Input Controller Counter 1 Input Ring Signal Input Controller Port 1 I/O
9 10 11 12
/IOR GND /IOW /AEN
I P I I
13 - 24
A11 - A0
I
25, 36, 52, 100 26, 27, 28, 29, 33 - 35
VDD IRQ4, IRQ5, IRQ7, IRQ10, IRQ11, IRQ12, IRQ15 RESET XTAL1 XTAL2 TEST2 EAB/VP /RUCS CA16
P O
30 31 32 37 38 39 40
I I O I I O O
41, 68, 85, 96 42 43 44 45, 46, 48 - 51
GND T0 T1 /RI P1.1, P1.2, P1.4 - P1.7
P I I I I/O
6
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6383 Pin Description (continued)
Pin No. 47 53 54 55 Pin Name P0.0 RXD TXD ALE/P I/O O I O O Description Modem Control Output (memory map is bit 4 of DAA) Controller Serial Port Data Input Controller Serial Port Data Output Controller Address Latch Enable: Output pulse for latching the low byte of the address during accesses to the external memory. Controller Program Store Enable: This output goes low during a fetch from external program memory. Controller External Data Memory Write Control Controller External Data Memory Read Control Interrupt Request (see description of pin 26) Controller Address Bus Controller Address Bus Controller Data Bus Transmitter Baud Rate Clock Input (Controller INT 0) Receiver Baud Rate Clock Input (Controller INT 1) DSP Reset Output Modem Control Output (Memory map is bit 1-2 of DAA at memory address D000H) System Address: These signals are connected to the bus of the PC I/O slot. They are used to select the DM6383 I/O ports. PnP Mode Enable: This pin will be detected to enable/disable the PnP mode. When it is pulled down by a resistor (3.3K ~ 4.7K), the DM6383 can enter the PnP mode when it receives the PnP initial key sequence. When disconnected, an internal pull up will disable the Plug and Play function. TX DSP Register Select Output: Memory address mapping of the controller is F000H. Modem Control Port Select Output: Memory address mapping of the controller is D800H. Test Pin: Used for system configuration and test mode TEST2 0 0 1 1 TEST1 0 1 0 1 System Configuartion Internal mode External mode Test mode Test mode
56 57 58 59 60 - 67 69 - 76 77 - 84 86 87 88 89, 90 91 - 94
/PSEN /WR /RD IRQ3 CA15 - CA8 CA7 - CA0 D7 - D0 TXRCLK RXRCLK /POR SEL1, SEL2 A12 - A15
O O O O O O I/O I I O O I
95
/PNPEN
I
97 98 99
/TUCS PS1 TEST1
O O I
Final Version: DM336P-DS-F02 August 15, 2000
7
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6383 Functional Description
1. Operating Mode Selection The DM6383 MCU can be used with both internal and external modems. When it works within an internal modem, pin TEST2 and TEST1 must be in a low state. The DM6383 includes a virtual UART and supports a parallel interface. When DM6383 works within an external modem, pin TEST2 must be in a low state, and pin TEST1 must be in high. The virtual UART will be disabled and the RS232 serial interface, enabled. TEST2 LOW LOW HIGH TEST1 LOW HIGH X System Configuration Internal Modem External Modem Test Mode The clock source of the virtual UART logic is fixed at 1.8432MHz. The clock is derived from the external crystal used by the DM6383 controller. Therefore, the UART 1.8432MHz clock must be obtained through division. When the operating frequency of the DM6383 controller changes, the divider should be changed accordingly. This divider is specified by the Configuration Register which can be written by the DM6383 controller. The address mapping of the register is D4000H: (DM6383 controller memory mapping) Bit 0: Always 0. Bit 6-1: B6 - B1 define the clock di vider range from 2 to 64 (even number). Bit 7: Not used. b. UART Baud Generator Divisor Latch Register: Address EC00H Read only bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 dat7 dat6 dat5 dat4 dat3 dat2 dat1 dat0 By reading this register, the micro-controller can monitor the value of the low byte divisor latch of the virtual UART baud generator (see DLL in next section) and determine the baud rate clock itself. c. Modem Status Controller Register (MSCR): Address E000H Write only bit7 bit6 0 0
2. Micro-controller (80C31) Reference DM6383 supports a bank switch control pin to switch external program memory between lower 64K bytes (bank 0) and upper 64K bytes (bank 1) of 27C010. In this mode, two instructions must be included in software to switch bank 0 to bank 1: i.e., CLR P1.3 JMP BANK 1 ADDRESS With the same way, it can also switch back to bank 0 by SETB P1.3 JMP BANK 0 ADDRESS * For detailed information about micro-controller, please see Programmer's Guide to 8031. 3. Micro-controller Register Description a. UART Clock Register : Address D4000H Reset State: 06H Write Only bit7 bit6 bit5 bit4 bit3 bit2 bit1 X dat6 dat5 dat4 dat3 dat2 dat1
bit5 0
bit4 0
bit 0 /CTS /DSR /DCD /RI
bit3
bit2
bit1
bit0 0
The advantage of this register is that the modem line status information can be passed to the virtual UART by the micro-controller. The resulting signals are Ring Detect (/RI), Carrier Detect (/DCD), Data Set Ready (/DSR) and Clear To Send (/CTS).
8
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
d. Modem Output Port Register: Address D000H Write only bit7 bit6 * When reset condition occurred, the I/O and Interrupt configuration registers must be reset to default value according to bit 0 - bit 5. 4. UART(16550A) Emulation Registers a. Receiver Buffer (Read), Transmitter Holding Register (Write) Address: 0 (DLAB=0) Reset State 00h bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 dat7 dat6 dat5 dat4 dat3 dat2 dat1 dat0 When this register address is read, it contains the parallel received data. Data to be transmitted is written to this register. b. Interrupt Enable Register (IER): Address 1 Reset State 00h, Write Only bit7 bit6 bit bit4 bit3 5 0 0 0 0 Enable Mode mStatu s Intr
bit5
bit4
bit3 bit2 bit1 bit0 PO0 SEL2 SEL1 /POR
These 4 bits work as output ports in response to the 88th, 89th, 90th and 47th pins of this chip (see pin description). e. PnP Isolation & Resource Data Port: Address F800H Write only The PnP isolation and resource data can be bytesequentially written to the corresponding memory (built-in SRAM) through this register. f. Auto-configuration Register: Address F400H bit2 bit1 bit0 IRQ bit5 bit4 bit3 000 3 00 0 001 4 00 1 010 5 01 0 011 7 01 1 1 0 0 10 1 0 0 1 0 1 11 1 0 1 1 1 0 12 1 1 0 1 1 1 15 1 1 1 I/O 03F8-03FF(COM1) 02F8-02FF(COM2) 03E8-03EF(COM3) 02E8-02EF(COM4) 03F0-03F7(COM5) 02F0-02F7(COM6) 03E0-03E7(COM7) 02E0-02E7(COM8)
bit2
bit1
bit0
Enable Enable Enable Line TX RX Status Holdin Data Intr g Intr Regist er Intr
The default I/O base and IRQ data stored in 94C46 should be loaded to this register by micro-controller, and then enable the default configuration. Microcontroller can also get the current I/O base and IRQ information by a read from this register. The configuration determined by this register should be disabled when the register detects the Initiation Key described in the next section. Bit 6: When this bit is set to inform micro-controller that the current I/O base and IRQ data should be stored to 93C46 as the default setting at the next power-on reset through programming the Auto-configuration Register, this bit should be cleared by micro-controller. Bit 7: When bit 7 is set, it enables hardware configuration set according to bit 0-bit 5 (Jumper mode) and load the proper value of PnP Registers including I/O and Interrupt Configuration Registers. This bit will be reset, when it receives PnP Initial Key sequence.
Final Version: DM336P-DS-F02 August 15, 2000
This 8-bit register enables the four types of interrupts as described below. Each interrupt source can activate the INT output signal if enabled by this register. Resetting bits 0 through 3 will disable all UART interrupts. Bit 0: This bit enables the Received Data Available Interrupt (and timeout interrupts in the FIFO mode) when set to logic 1. Bit 1: This bit enables the Transmitter Holding Register Empty Interrupt when set to logic 1. Bit 2: This bit enables the Receiver Line Status Interrupt when set to logic 1. Bit 3: This bit enables the MODEM Status Interrupt when set to logic 1. Bit 4-7: Not used
9
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
c. Interrupt Identification Register (IIR): Address 2 Reset State 01h, Read only bit7 bit6 bit5 bit4 bit3 bit2 bit1 FIFO 0 0 0 D3: D2: D1: Enable INTD2 INTD1 INTD0 Bit 0: This bit can be used in either a prioritized interrupt or polled environment to indicate whether an interrupt is pending. When this bit is a logic 0, an interrupt is pending, and the IIR contents may be used as a pointer to the appropriate interrupt service routine. When bit 0 is a logic 1, no interrupt is pending, and polling (if used) continues. Bit 1-2: These two bits of the IIR are used to identify the highest priority interrupt pending, as indicated in the table below. Bit 3: In character mode, this bit is 0. In FIFO mode, this bit is set, along with bit 2, when a timeout interrupt is pending. Bit 4-6: Not used Bit 7: This bit is set when FCR0 = 1.
bit0 D0: int Pending
In order to provide minimum software overhead during data transfers, the virtual UART prioritizes interrupts into four levels as followed: Receiver Line Status (priority 1), Receiver Data Available (priority 2), Character Timeout Indication (priority 2, FIFO mode only), Transmitter Holding Register Empty (priority 3 ), and Modem Status (priority 4). The IIR register gives prioritized information as to the status of interrupt conditions. When accessed, the IIR indicates the highest priority interrupt that is pending, as indicated by bits INTD(2-0).
D3 D2 D1 D0 Priority Level 0 0 0 1 0 1 1 0 Highest
Interrupt Type Receiver Line Status Receiver Data Available
0
1
0
0
Second
Condition Overrun Error, Parity Error, Framing Error or Break Interrupt Receiver Data Available or Trigger Level Reached
Reset Reads the Line Status Register Reads the Receiver Buffer Register or the FIFO Drops Below The Threshold Value Reads The Receiver Buffer Register
1
1
0
0
Second
Character Timeout Indication
0
0
1
0
Third
Transmitter Holding Register Empty Modem Status
No characters have been read from or written to the Rx FIFO during programming time interval, and the Rx FIFO is not empty Transmitter Holding Register Empty
0
0
0
0
Fourth
Clear to Send, Data Set Ready, Ring Indicator or Data Carrier Detected
Reads the IIR Register or (if source of interrupt) Writes To The Transmitter Holding Register Reads the Modem Status Register
10
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
d. FIFO Control Register (FCR): Address 2 Reset State 00h , write only bit7 bit6 bit bit bit3 bit2 bit1 bit0 54 RCVR RCVR 0 0 DMA TxFIFO RxFIFO FIFO Trig Trig Mode Reset Reset Enabl (MSB) (LSB) e This is a write only register at the same location as the IIR, which is a read only register. This register is used to enable the FIFOs, clear the the FIFOs, set the RxFIFO trigger level, and select the type of DMA signal. Bit 0: Writing a 1 to FCR0 enables both transmit and receive FIFOs. Resetting FCR0 will clear all bytes in both FIFOs. When changing from FIFO mode to Character mode (and vice versa), data is automatically cleared from the FIFOs. Bit 1: Writing a 1 to FCR1 clears all bytes in the RxFIFO and resets its counter logic to 0. Bit 2: Writing a 1 to FCR2 clears all bytes in the TxFIFO and resets its counter logic to 0. Bit 3: Setting FCR3 to 1 will cause the RXRDY and TXRDY pins to change from mode 0 to mode 1 if FCR0 = 1. Bit 4-5: Reserved Bit 6-7: FCR6, FCR7 are used to set the trigger level for the RxFIFO interrupt. FCR6 0 0 1 FCR7 0 1 0 RxFIFO Trigger Level 01 04 08 This register is available to maintain compatibility with the standard 16550 register set, and provides information to the internal hardware that is used to determine the number of bits per character. WLS1 0 0 1 1 WLS2 0 1 0 1 Word Length 5 bits 6 bits 7 bits 8 bits
Bit 0-1: WLS0-1 specifies the number of bits in each transmitted and received serial character. Bit 2: This bit specifies the number of stop bits in each transmitted character. If bit 2 is a logic 0, one stop bit is generated in the transmitted data. If bit 2 is a logic 1 when a 5-bit word length is selected via bits 0 and 1, one and a half stops are generated. If bit 2 is a logic 1 when either a 6-, 7- or 8-bit word length is selected, two stop bits are generated. The Receiver checks the first Stop-bit only, regardless of the number of Stop bits selected. Bit 3: Logic 1 indicates that the PC has enabled the parity generation and checking. Bit 4: Logic 1 indicates that the PC is requesting an even number of logic 1s to be transmitted or checked. Logic 0 indicates that the PC is requesting odd parity generation and checking. Bit 5: When bit 3, 4 and 5 are logic 1, the parity bit is transmitted and checked by the receiver as logic 0. If bits 3 and 5 are 1 and bit 4 is logic 0, then the parity is transmitted and checked as logic 1. Bit 6: This is a Break Control bit. When it is set to logic 1, a break condition is indicated. Bit 7: The Divisor Latch Access bit must be set to logic 1 to access the Divisor Latches of the baud generator during a read or write operation. It must be set to logic 0 to access the Receiver Buffer, the Transmitter Holding Register, or the Interrupt Enable Register.
e. Line Control Register (LCR): Address 3 Reset State 00h, Write Only bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 DLAB SBRK STP EPS PEN STB WLS1 WLS0
Final Version: DM336P-DS-F02 August 15, 2000
11
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
f. Modem Control Register (MCR): Address 4 Reset State 00h bit7 bit6 bit5 0 0 0 Bit 3: This bit is the Framing Error (FE) indicator. Bit 3 indicates that the received character did not have a valid stop bit. Bit 3 is set to a logic 1 whenever the stop bit following the last data bit or parity bit is detected as a zero bit (spacing level). The FE bit is reset whenever the CPU reads the contents of the Line Status Register. The FE error condition is associated with the particular character in the FIFO to which it applies. This error is revealed to the CPU when its associated character is at the top of the FIFO.h. Modem Status Register (MSR): Address 6 Reset State, bit 0-3: low, bit 4-7: input signal. Bit 4: This bit is a Break Interrupt (BI) indicator. Bit 4 is set to logic 1 whenever the received data input is held in the Spacing (logic 0) state for longer than a full word transmission time (that is, the total time of Start bit + data bits + Parity + Stop bits). The BI indicator is reset whenever the CPU reads the contents of the Line Status Register. The BI error condition is associated with the particular character in the FIFO to which it applies. This error is revealed to the CPU when its associated character is at the top of the FIFO. Bit 5: This bit is a Transmitter Holding Register Empty indicator. Bit 5 indicates that UART is ready to accept a new character for transmission. In addition, this bit causes UART to issue an interrupt to the CPU when the Transmit Holding Register Empty Interrupt Enable is set high. The THRE bit is reset to logic 0 when the host CPU loads a character into the Transmit Holding register. In the FIFO mode, this bit is set when the TxFIFO is empty, and is cleared when at least 1 byte is written to the TxFIFO. Bit 6: This bit is the Transmitter Empty indicator. Bit 6 is set to a logic 1 whenever the Transmitter Holding Register (THR) is empty, and is reset to a logic 0 whenever the THR contains a character. In FIFO mode, this bit is set to 1 whenever the transmitter FIFO is empty. Bit 7: In character mode, this bit is 0. In FIFO mode, this bit is set when there is at least one parity error, framing error, or break indication in the FIFO. If there are no subsequent errors in the FIFO, LSR7 is cleared when the CPU reads the LSR.
bit4 0
bit3 0
bit2 bit1 bit0 0 RTS DTR
Bit 0: This bit asserts a Data Terminal Ready condition that is readable via port P1.1 of microcontroller 8031. When bit 0 is set to logic 1, the P1.1 is forced to logic 0. When bit 0 is reset to logic 0, the P1.1 is forced to logic 1. Bit 1: This bit asserts a Request To Send condition that is readable via port P3.4 of the microcontroller 8031. Bit 1 affects P3.4 in a manner identical to that described above for bit 0. g. Line Status Register (LSR): Address 5 Reset State 60h, Read only bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 RCV ETEMT THRE BI FE PE OE DR This register provides status information to the host PC concerning the data transfer. Bit 1-4 indicate the error conditions that produce a Receiver Line Status interrupt whenever any of the corresponding conditions are detected. The Line Status Register is intended for read operations only. Bit 0: Set to logic 1 when a received character is available in the RxFIFO. This bit is reset to logic 0 when the RxFIFO is empty. Bit 1: An Overrun error will occur only after the RxFIFO is full and the next character has overwritten the unread FIFO data. This bit is reset upon reading the Line Status Register. Bit 2: A value of logic 1 indicates that a received character does not have the correct even or odd parity as selected by the Even Parity Select bit. This error is set when the corresponding character is at the top of the RxFIFO. It will remain set until the CPU reads the LSR. This Parity Error indication is associated with the particular character in the FIFO to which it applies. This error is revealed to the CPU when its associated character is at the top of the FIFO.
12
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
h. Modem Status Register (MSR): Address 6 Reset State bit 0-3 : low , bit 4-7: Input Signal bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 DCD RI DSR CTS DDCD TERI DDSR DCTS This 8-bit register provides the current state of the control lines from the Modem to the CPU. In addition, four bits of the Modem Status Register provide change information. These bits are set to a logic 1 whenever a control input from the Modem changes state. They are reset to logic 0 whenever the CPU reads the Modem Status Register. Bit 0: This bit is the Delta Clear to Send (DCTS) indicator. Bit 0 indicates that the CTS (MSCR3) has changed state since the last time it was read by the CPU. Bit 1: This bit is the Delta Data Set Ready (DDSR) indicator. Bit 1 indicates that the DSR (MSCR2) has changed state since the last time it was read by the CPU. Bit 2: This bit is the Trailing Edge of Ring indicator. Bit 2 indicates that the RI (MSCR0) has changed from a low to a high state. Bit 3: This bit is the Delta Data Carrier Detect (DDCD) indicator. Bit 3 indicates that the DCD (MSCR1) has changed state. Note: Whenever bit 0, 1, 2 or 3 is set to a logic 1, a Modem Status Interrupt is generated. Bit 4: This bit reflects the value of MSCR3 (CTS). Bit 5: This bit reflects the value of MSCR2 (DSR). Bit 6: This bit reflects the value of MSCR0 (RI). Bit 7: This bit reflects the value of MSCR1 (DCD). i. Scratch Register (SCR): Address 7 Reset State 00h This 8-bit Read/Write Register does not control the UART in any way. It is intended as a Scratch Pad Register to be used by the programmer to hold data temporarily. j. Divisor Latch (DLL): Address 0 (DLAB = 1) Reset State 00h bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 DAT7 DAT6 DAT5 DAT4 DAT3 DAT2 DAT1 DAT0 This register contains baud rate information from the host PC. The PC sets the Divisor Latch Register values. k. Divisor Latch (DLM): Address 1 (DLAB = 1) Reset State 00h bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 DAT7 DAT6 DAT5 DAT4 DAT3 DAT2 DAT1 DAT0 This register contains baud rate information from the host PC. Note: Two 8-bit latches (DLL-DLM) store the divisor in 16-digit binary format. The desired baud rate can be obtained by dividing the 115200Hz clock by the divisor. Desired Baud Rate 50 75 110 150 300 600 1200 2400 4800 9600 19200 38400 57600 115200 Divisor Value 2304 1536 1047 768 384 192 96 48 24 12 6 3 2 1
Final Version: DM336P-DS-F02 August 15, 2000
13
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
5. Plug and Play (PnP) Module a. Auto-configuration Ports Three 8-bit I/O ports are defined for the PnP read/write operations. They are called Autoconfiguration ports as listed below. Port Type ADDRESS W WRITE_ DATA READ_ DATA W R Location 0279H (Printer status port) 0A79H (Printer status port + 0800H) Relocatable in range 0203H to 03FFH to write to the ADDRESS port before each access. The ADDESS port is also the write destination of the initiation key, which will be described later. b. Plug and Play Registers
To access the Plug and Play Register, a host should follow this procedure: Write a target register address (Register Index), choose a port (WRITE_DATA or READ_DATA), then enter data. But Plug & Play Register could be directly accessed without the need (1) Card Control Registers Index 00H
The Plug and Play Registers may be divided into Card Registers and Logical Device Registers. According to the Plug & Play specification, if a PnP card contains more than one logical device, there are one more copies of Logical Device Registers in the PnP card. However, the DM6383A contains only one logical device, the Card Register and Logical Device Registers are unique for each card. Those PnP registers or bits not defined below are all read with value = 0.
01H
02H
03H
Name Type Definition Set RD_DATA port W The location of the READ_DATA port is determined by writing to this register. Bits [7:0] become ISA I/O read port address bits [9:2]. Address bits [1:0] of the READ_DATA port are always 1. Serial Isolation R A read to this register causes a PnP card in the Isolation state to compare one bit of the card serial ID. This process is described in more detail in the next section. Config Control W Bit [0] - Reset Command Setting This bit will reset all logical devices and restore configuration registers to their power-up values. The CSN is preserved. Bit [1] - Wait for Key Command Setting This bit makes the PnP card return to the Wait for Key state. The CSN is preserved. Bit [2] - PnP Reset CSN Command Setting This bit will reset the card CSN to 0. Note that the hardware will automatically clear the bits without any need for software to clear them. Wake [CSN] W A write to this register will cause all cards that have a CSN that matches the write data [7:0] to go from the Sleep state to either the 1) Isolation state if the write data for this command is zero, or 2) Configuration state if the write data is not zero. A read from this register reads the next byte of resource data. The Status Register must be polled until bit[0] is set before this register may be read. Status R Bit [0], when set, indicates it is ready to read the next data byte from the Resource Data Register. Card Select Number R/W A write to this register sets a card CSN. After a serial identification (CSN) process, the CSN value (CSN) is uniquely assigned to each ISA PnP card so that each card may be individually selected during a Wake[CSN] command.
Final Version: DM336P-DS-F02 August 15, 2000
04H 05H 06H
Resource Data
R
14
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
(1) Card Control Registers (continued) Index 07H Name Logical Device Type Definition R 00H (Only one logical device in DM6383A)
(2) Logical Device Control Registers Index 30H Name Activate Type Definition R/W For each logical device, there is one Activate register that controls whether or not the device is active on the ISA bus. Bit[0], if set, activates the logical device. Before a logical device is activated, I/O range check must be disabled. R/W This register is used to perform a conflict check on the I/O port range programmed for use by a logical device. Bit[1] - This bit, when set, enables I/O range check. I/O port range check is only valid when the logical device is inactive. Bit[0] - If set, this bit forces logical device to respond to I/O reads within logical device assigned I/O range with a 55H when I/O range check is in operation. If clear, the logical device drives AAH.
31H
I/O Range Check
c. Logical Device Configuration Registers (1) I/O Configuration Registers Index 60H Name I/O base address bits[15:8] I/O base address bits[7:3] Type Definition R/W Read/write value indicating the selected I/O Lower Limit Address Bits [15:8] for I/O descriptor 0. If a logical device indicates it uses only 10 bits for decoding, then bits [15:10] need not to be supported. R/W Read/write value indicating the selected I/O Lower Input Address Bits [7:3] for I/O descriptor 0.
61H
(2) Interrupt Configuration Registers Index 70H Name IRQ level Type R/W Definition Read/write value indicating a selected Interrupt Level Bits[3:0] Select which ISA interrupt level is used. A value of 1 selects IRQ1, 15 selects IRQ15, etc. IRQ0 is not a valid interrupt selection. Read/write value indicating which type of interrupt is used for the IRQ selected above Bit[1] - Level, 1 = high, 0 = low Bit[0] - Type, 1= level, 0 = edge for DM6383A, this register is read only with value = 02H.
71H
IRQ type bits [7:0]
R
(3) Vender Define Register Index F0H Name Auto Configuration Type R/W Definition The I/O base address and IRQ can be configured by CPU through this register. (It can also be configured by micro-controller. See previous section). Before reading IRQ lines status, bit 0 must be set in order to load IRQ lines status to IRQ Status register, bit 1 enable Pull Low resistor. This register responds to IRQ lines status to determine which interrupt has been used by PC system. bit 0: IRQ 3 bit 1: IRQ 4 bit 2: IRQ 5 bit 3: IRQ 7 bit 4: IRQ 10 bit 5: IRQ11 bit 6: IRQ12 bit 7: IRQ15.
15
F1H F2H
IRQ Status Enable IRQ Status
W R
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
d. DM6383 Configuration Modes The DM6383A is power-on in jumpless mode. The default configuration is set by loading the default value stored in 93C46 to Auto-configuration register. These values can be modified by software via the logical device configuration registers in DM Jumpless mode. This update value of new configuration is only valid temporarily and will be lost after an active PC Hardware Reset. Permanent changes of default configuration will be done by informing microcontroller to modify the content of 93C46 via Autoconfiguration Register. The Plug and Play logic can operate through two configuration modes: One is DM Jumpless mode, the other, PnP mode. There are two operating methods between the two modes: First, setting hard configuration through Initiation Key sequences, second, setting hard configuration according to the register that is used, I/O Configuration Register or Auto-configuration Register. (1) The Initiation Key for Plug and Play The Plug and Play logical is in sequence on powering up and must be enabled by softwares. This is achieved by a predefined series of writes (32 I/O A simple algorithm is used to isolate each Plug and Play card. This algorithm uses the signals on the ISA bus and requires lock-step operation between the Plug and Play hardware and the isolation software. writes) to the Address port, which is called the Initiation Key. The proper series of the I/O writes is detected, then the Plug and Play read/write data ports are enabled. The Write sequence will be reset and must be issued from the beginning if any data mismatch occurs. The exact sequence for Initiation Key is listed below in hexadecimal notion. (2) PnP Initiation Key 6A, B5, DA, ED, F6, FB, 7D, BE, DF, 6F, 37, 1B, 0D, 86, C3, 61, B0, 58, 2C, 16, 8B, 45, A2, D1, E8, 74, 3A, 9D, CE, E7, 73, 39 (3) DM Initiation Key 68, 34, 1A, 8D, CB, E3, 71, B8, 5C, 2E, 97, 4B, 25, 92, C9, E4, 72, B9, DC, 6E, B7, 5B, 2D, 96, CB, 65, B2, D9, EC, 76, BB, 5D (4) Isolation Protocol
STATE ISOLATION READ FROM SERIAL ISOLATION REGISTER YES ID BIT = "1H" DRIVE "55H" ON SD[7:0] LEAVE SD[7:0] IN HIGH-IMPEDANCE GET ONE BIT FROM SERIAL IDENTIFIER NO
NO SD[1:0] = "01"
YES
WAIT FOR NEXT READ FROM SERIAL ISOLATION REGISTER
DRIVE "AAH" ON SD[7:0]
LEAVE SD[7:0] IN HIGH IMPEDANCE NO SD[1:0] = "10"
AFTER I/O READ COMPLETES FETCH NEXT ID BIT FROM SERIAL IDENTIFIER READ ALL 72 BITS FROM SERIAL IDENTIFIER
YES
ID = 0 OTHER CARD ID = 1
STATE SLEEP
NO
YES
ONE CARD ISOLATED
16
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
(5) Serial Identifier The key element of the Plug and Play isolation protocol is that each card contains a unique number called a serial identifier. The serial identifier is a 72-bit unique, non-zero number composed of two 32 bit fields and 8-bit checksum. The first 32-bit field is a vendor identifier. The other 32-bits can be any value, Checksum BYTE 7:0 such as a serial number, part of a LAN address, or a static number, as long as no two cards in a single system will ever have the same 64-bit number. The serial identifier is accessed bit-serially by isolation logic, and is used to differentiate the cards.
Serial Number Vendor ID BYTE BYTE BYTE BYTE BYTE BYTE BYTE 7:0 7:0 7:0 7:0 7:0 7:0 7:0 Table 2. Shifting of Serial Identifier
BYTE 7:0
SHIFT
The shift order for all Plug and Play serial isolation and resource data is defined as bit [0], bit [1], and so on through bit [7]. (6) Hardware Protocol The isolation protocol can be invoked by the Plug and Play software at any time. The previously described Initiation Key puts all cards into configuration mode. The hardware on each card expects 72 pairs of I/O read accesses to the READ_DATA port. The card 's response to these reads depends on the value of each bit of the serial identifier, which is examined one bit at a time, as shown in Table 2. If the current bit of the serial identifier is a "1," then the card will drive the data bus to 55H to complete the first I/O read cycle. If the bit is a "0," then the card puts its data bus driver into high impedance. All cards in high impedance will check the data bus during the I/O read cycle to sense if another card is driving SD[1:0] to "01." During the second I/O read, the card(s) that drove the 55H will now drive a AAH. All high impedance cards will check the data bus to sense if another card is driving SD [1:0] to "10." If a high impedance card senses another card driving the data bus with the appropriate data during both cycles, it ceases to participate in the current iteration of card isolation. Such cards, which lose out, will participate in future iterations of the isolation protocol. Note: During each read cycle, the Plug and Play hardware drives the entire 8-bit data bus, but checks only the lower 2 bits. If a card is driving the bus or is in high impedance state and does not sense another card driving the bus, then it should prepare for the next pair of I/O reads. The card shifts the serial identifier by one bit, using the shifted bit to decide its response. The above sequence is repeated for the entire 72-bit serial identifier. At the end of this process, one card remains. This card is assigned a handle referred to as the Card Select Number (CSN) that will be used later to select the card. Cards that have been assigned a CSN will not participate in subsequent iterations of the isolation protocol. Cards must be assigned a CSN before they will respond to the other PnP commands. (7) Software Protocol The Plug and Play software sends the Initiation Key to all Plug and Play cards to place them into configuration mode. The software is then ready to perform the isolation protocol. The Plug and Play software generates 72 pairs of I/O read cycles from the READ_DATA port. The software checks the data returned from each pair of I/O reads for the 55H or AAH driven by the hardware. If both 55H or AAH are read back, then the software assumes that the hardware has a "1" bit in that position. All other bits are assumed to be a "0." During the first 64 bits, software generates a checksum using the received data. The checksum is compared with the checksum read back in the last 8 bits of the sequence.
Final Version: DM336P-DS-F02 August 15, 2000
17
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
There are two other special considerations for software protocol. During an iteration, it is possible that the 55H and AAH combination is never detected. It is also possible that the checksum does not match. If either of these cases occurs on the first iteration, it must be assumed that the READ_DATA port is in conflict. If a conflict is detected, then the READ_DATA port will be relocated. The above process is repeated until a non-conflicting location for the READ_DATA port is found. The entire range between 203H and 3FFH is available; however, in practice, it is expected that only a few locations will be tried before software determines that no Plug and Play cards are present. (8) Plug and Play Isolation Sequence The Plug and Play isolation sequence is divided into four states: Wait for Key, Sleep, Isolation, and Configuration. The state transitions for the Plug and Play ISA card are shown below:
POWER UP RETDRV OR RESET COMMAND
During subsequent iterations, the occurrence of either of these two special cases should be interpreted as the absence of any further Plug and Play cards (i.e. the last card was found in the previous iteration). This terminates the isolation protocol. Note: The software must delay 1 msec prior to starting the first pair of isolation reads, and wait 250 msec between each sub-sequence pair of isolation reads. This delay gives the ISA card time to access information from very slow storage devices.
STATE
ACTIVE COMMANDS
WAIT FOR KEY
NO ACTIVE COMMANDS
STATE
ACTIVE COMMANDS RESET RESET CSN WAIT FOR KEY WAKE(CSN) WAKE<>0 & WAKE=CSN
SLEEP WAKE=0 & CSN=0
LOSE SERIAL ISOLATION OR WAKE<>CSN STATE ACTIVE COMMANDS
WAKE<>CSN STATE ACTIVE COMMANDS RESET RESET CSN WAIT FOR KEY WAKE(CSN) RESOURCE DATA STATUS LOGICAL DIVICE I/O RANGE CHECK ACTIVATE CONFIGURATION REGISTERS
ISOLATION
RESET RESET CSN WAIT FOR KEY SET RD_DATA PORT SERIAL ISOLATION WAKE(CSN) SET CSN
SET CSN CONFIG
Note: 1. CSN = Card Select Number. 2. RSTDRV causes a state transition from the current state to Wait for Key and sets all CSNs to zero. 3. The Wait for Key command causes a state transition from the current state to Wait for Key. 4. The Reset CSN commands include PnP Reset CSN and DM Reset CSN commands. The former sets all ISA PnP cards CSNs to zero, while the latter only sets DM6383 PnP cards CSNs to zero. command will cause a state transition. Plug and Play ISA Card State Transitions
18 Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
(9) Isolation and Resource Data DM6383 built in 64-bytes SRAM that can be accessed by micro-controller an PnP Isolation and Resource Data Registers. Through port F800H, micro-controller can load serial data and part of resource data to SRAM byte by byte. It is important to note that the length of the data frame to be programmed should be loaded first, next, isolation data, and then resource data port. Resource Data Block ={ 30, 30, 30, 30, 30, 30, 30, 30, 30, 30, 30, 38, 47, 47, 47, 47, 47, 47, 47, 47, 47, 47, 47, 79} 01, 01, 01, 01, 01, 01, 01, 01, 01, 01, 01, f8, f8, e8, e8, e8, e8, e8, e8, f8, f8, 00, 02, 03, 03, 02, 03, 02, 03, 02, 03, 02, 02, f8, f8, e8, e8, e8, e8, e8, e8, f8, f8, f8, 02, 03, 03, 02, 03, 02, 03, 02, 03, 02, 03, When a read from PnP resource data register occurs, the data stored in SRAM will be sent to ISA data bus, and then the data pointer will be added by 1. Once the data pointer is equivalent to the data length, the next data read will change the pointer value to the beginning of resource data block and describe the other fixed resource data. 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 08, 22, 08, 22, 10, 22, 10, 22, 08, 22, 20, 22, 20, 22, b8, 22, b8, 22, b8, 22, b8, 22, b8, 00 00 00 00 00 00 9c 9c 9c 9c 9c
* The data pointer will return to 1 when a Hardware Reset or Software Wake[CSN] is occurred. On powering up, modem card detects RSTDRV, sets CSN to 0, loads isolation data and resource data to built-in 64-bytes SRAM, programs Auto-configuration Register, configures hardware from Autoconfiguration Register, and then enters the Wait for Key state. There is a required 2 msec delay from either a RSTRDV or a PnP Reset command to any Plug and Play access to allow a card to load these information via internal micro-controller. Cards in the Wait For Key state will not acknowledge any access to their auto-configuration ports until the Initiation Key is detected and they ignore all ISA access to their Plug and Play interface. When the cards have received the initiation key, they enter the Sleep state. In this state, the cards listen for a Wake [CSN] command with the write data set to 00H. This Wake[CSN] command will send all cards to the Isolation state and reset the serial identifier/resource data pointer to the beginning. The first time the cards enter the Isolation state, it is necessary to set the READ_DATA port address using the Set RD_DATA port command. The software should then use isolation protocol to check the selected READ_DATA port address and to see if it is in conflict with any other device. Next, 72 pairs of reads are performed to the Serial Isolation Register to isolate a card, as previously described. When the checksum read from the card is valid, it means the card is already isolated. The isolated card remains in the Isolation state, while all other cards fail the isolation protocol and are returned to the Sleep state. The CSN on the isolated card is set to a unique number, causing this card to change to the Configuration state. Sending a Wake[0] command causes this card to change back to Sleep state, and all cards with a CSN value of zero to change to the Isolation state. This entire process will repeat until no Plug and Play cards are detected.
Final Version: DM336P-DS-F02 August 15, 2000
19
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
(10) Reading Resource Data Each PnP card supports a resource data structure stored in a non-volatile device (e.g. 9346) that describes the resources requested by the card. The Plug and Play resource management software will arbitrate resources and setup the logical device configuration registers according to the resource data. Card resource data may only be read from cards in the Configuration state. A card may get to the Configuration state by one of two different methods: 1) A card enters the Configuration state in response to the card "winning" the serial isolation protocol and having a CSN assigned, or 2) the card receives a Wake[CSN] command that matches the card CSN. As described above, all Plug and Play cards function as if both of their serial identifiers and resource data come from the same serial device. Similarly, the pointer to the serial device is reset in response to any Wake[CSN] command. This implies that if a card enters the Configuration state directly from Sleep state in response to a Wake[CSN] command, the 9byte serial identifier must be read first before the card resource data is accessed. Then the Vendor ID and Unique Serial Number is valid. however, the checksum byte, when read in this way, is not valid. For a card that enters Configuration state / Isolation state, the first read of the Resource Data Register will report resource data. Card resource data is read by first polling the Status register and waiting for bit[0] to be set. When this bit is set, one byte of resource data is ready to be read from the Resource Data Register. After the Resource Data Register is read, the Status Register must be polled before reading the next byte of resource data. This process will repeat until all resource data is read. The above operation implies that the hardware is responsible for accumulating 8 bits of data in the Resource Data Register. When this operation is complete, the status bit [0] is set. When a read is performed on the Resource Data Register, status bit [0] is cleared, eight more bits are shifted into the Resource Data Register, and the status bit[0] is set again.
DM6383 Absolute Maximum Ratings*
Power Supply Voltage........................ -0.5V to +7.0V o o Case Operating Temperature............... 0 C to 85 C o o Storage Temperature ...................... -65 C to 150 C Applied Voltage On Any Pin ..................................... ......................................... - 0.5V VIN VDD+0.5V
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
20
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6383 DC Electrical Characteristics (VDD = 5V, GND = 0V; Tc = 0 oC to 85 oC)
Symbol VDD IDD VIH VIL ILI VOH VOL CIN VILRESET VIHRESET IOH IOL Parameter Operating Voltage Operating Current Input High Voltage Input Low Voltage Input Leakage Current Output High Voltage Output Low Voltage Input Capacitance Reset Schmitt VIL Reset Schmitt VIH UD Data Bus Output High Current UD Data Bus Output Low Current Min. 4.75 2.0 -10 2.4 10.0 0.8 2.8 -15.0 24.0 +0.8 10 +0.4 Typ. 5.0 30 Max. 5.25 Unit V mA V V *A V V pF V V mA mA Conditions
VIN = 0, 5.25V IOH = -0.5mA IOL = 1.5mA
VOH = 2.4V VOL = 0.4V
DM6383 AC Electrical Characteristics (VDD = 5V, GND = 0V; Tc = 0 oC to 85 oC)
Symbol tAW tWC tDOW tDS tDH tAR tRC tDIW tDDD tHZ Parameter IOW Delay from Address Write Cycle IOW Strobe Width Data Setup Time Data Hold Time IOR Delay from Address Read Cycle IOR Strobe Width Delay from IOR to Data Valid IOR to Floating Data Delay Min. 30 280 100 30 30 30 280 125 0 Typ. Max. Unit ns ns ns ns ns ns ns ns ns ns Conditions
125 100
100pF loading 100pF loading
DM6383 Timing Waveforms
Write Cycle
A15 - A0 /IOW tAW tDOW /IOR tDS DATA UD7-UD0 tDH VALID tWC
VALID
Read Cycle
A15 - A0 /IOR tAR tDIW /IOW t DDD DATA UD7-UD0 t HZ VALID VALID t RC
Final Version: DM336P-DS-F02 August 15, 2000
21
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set * Chip 2: DM6381/DM6382 ITU-T V.34 TX and RX Digital Signal Processor (TX DSP and RX DSP) Description DM6381/82 Description
The DM6381/DM6382 are application specific Digital Signal Processors (DSP) dedicated to V.34 modem operation. They are used in pairs. The primary component of these devices is a 22.43Mips DSP core processor. The basic clock frequency of this device is 40.32MHz. An internal built PLL circuit is used to boost the clock from 40.32MHz to 80.64MHz or 89.74MHz. This 80.64MHz/89.74MHz clock is used as the clock source of DSP core processor. A 16-byte dual port SRAM is utilized to provide the communication between DSP and the DM6383. There are two dedicated serial ports that provide the link between the DSP and the DM6380. The DM6381/DM6382 are bonded-out in a 100-pin QFP package for mass production, and provide the most economical package.
DM6381/82 Block Diagram
OSCI OSCO
Timing Logical & PLL
ROM
Program RAM
PMA[0:13] MSCLK CODEC_CLK DSP Core Serial Port DMA[0:13] DMD[0:15] Dual Port RAM Data RAM PMD[0:23]
DM6381/82 Features
* DM6381 for TX data-pump, DM6382 for RX datapump * Build in program ROM * 2 serial ports to interface with codec * 16 byte dual port RAM * Clock Generator for codec chip and controller chip * Build in PLL
22
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6381/82 Pin Configuration
RD_SP1
TD_SP2
FR_SP1
TD_SP1
TEST2
TEST1
DGND
DGND
SCLK
V DD
DGND
TEST
NC
NC
NC
NC
NC
NC
NC 82
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
RD_SP2 FR_SP2 A V DD OSCO OSCI AGND TXDCLK DGND RXDCLK CODEC_CLK RXD V DD TXD /URD /UWR UAR3 UAR2 UAR1 UAR0 /UCS UD0 UD1 UD2 UD3 UD4 UD5 UD6 UD7 DGND MSCLK
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
81 80 79 78 77 76 75 74 73 72 71 70 69 68 67
NC
NC NC NC NC /IRQ3 /IRQ2 /IRQ1 /IRQ0 NC DGND NC /RESET DGND NC NC NC NC NC NC NC DGND NC NC V DD NC NC NC NC NC NC
DM6381F/6382F
66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
PO.F
P0.D
P0.E
V DD
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Final Version: DM336P-DS-F02 August 15, 2000
NC
23
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6381/82 Pin Description
Pin No. 1 Pin Name RD_SP2 I/O I Description Data Input Pin Of Serial Port 2: The serial data is sampled at the falling edge of the SCLK. The MSB is coming immediately after falling of FR_SP2 signal. Frame Signal For Serial Port 2: This pin keeps at the low state normally and changes it's state according to the rising edge of the SCLK clock. A high to low transition initiates a data transfer. Analog Power For PLL Circuit Oscillator Output Pin Oscillator Input Pin: A 40.32MHz crystal and feedback resister should be connected between OCSI and OSCO. Analog Ground For PLL Circuit Transmit Data Rate Clock: This pin is used as reference clock of TXD pin. Digital Ground Receive Data Rate Clock: This pin is used as reference clock of RXD pin. 20.16MHz Clock Output For DM6380 Chip Modem Received Data Shifted out to the EIA port through this pin according to the rising edge of RXDCLK. Digital Power Modem Transmit Data Shifted into DM6381/DM6382 from EIA port through this pin at the rising edge of TXDCLK. Read Indication Of Dual Port RAM, low active. Write Indication Of Dual Port RAM, low active. Dual Port RAM Address Bus Input This address bus can access 16 bytes dual port RAM. Dual Port RAM Chip Select Pin, low active. Data Bus Of The Dual Port RAM Clock Output Pin For DM6383 The frequency of this clock can be programmed to be either 22.43MHz or 44.87MHz. Output Port Bit F Output Port Bit E Output Port Bit D Output Port Bit C No Connection
2
FR_SP2
I/O
3 4 5
AVDD OSCO OSCI
P O I
6 7 8, 29, 60, 68, 71, 84, 94, 95 9 10 11
AGND TXDCLK DGND RXDCLK CODEC_CLK RXD
P I P I O O
12, 42, 57, 90, 93 13
VDD TXD
P I
14 15 16 - 19 20 21 - 28 30
/URD /UWR UAR3 - UAR0 /UCS UD0 - UD7 MSCLK
I I I I I/O O
31 32 33 34 35 - 41, 43 - 56, 58, 59, 61 - 67, 70, 72, 77 - 83, 85 - 89
P0.F P0.E P0.D P0.C NC
O O O O -
24
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6381/82 Pin Description (continued)
Pin No. 69 73 74 75 76 91 - 92 Pin Name /RESET /IRQ0 /IRQ1 /IRQ2 /IRQ3 TEST, TEST1 I/O I I I I I I Description Reset Pin Of DSP Chip, low active. Interrupt 0 Input Interrupt 1 Input Interrupt 2 Input Interrupt 3 Input These three pins define the testing mode operation of DM6381/DM6382 as followed: When Test=0 Test1 0, PLL output clock is 89.74MHz. 1, PLL output clock is 80.64MHz. When Test=1: Reserved for mass production testing mode. All these 2 pins are pulled low internally. Frame Signal Of Serial Port 1 Data Output Pin Of Serial Port 1 The serial data is clocked out through this pin according to the rising edge of SCLK. The MSB is sent immediately after the falling edge of the FR_SP1 signal. Data Input Pin Of The Serial Port 1 The serial data is sampled at the falling edge of the SCLK. The MSB is coming immediately after the falling of FR_SP1 signal. Reference Clock For Serial Port 1 And Serial Port 2 Data Output Pin Of Serial Port 2 The serial data is clocked out through this pin according to the rising edge of SCLK. The MSB is sent immediately after the falling edge of the FR_SP2 signal.
96 97
FR_SP1 TD_SP1
I/O O
98
RD_SP1
I
99 100
SCLK TD_SP2
I O
Final Version: DM336P-DS-F02 August 15, 2000
25
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6381/82 Functional Description
1. System Clock a. Reference Oscillator Clock The reference oscillator is provided by an external 40.32 MHz crystal, this is the clock source of the Data Pump chipset. b. DSP Clock 3. Dual Port RAM This DSP clock is the output of the PLL frequency synthesizer and its frequency can be selected by Test1 pin. (see pin description ) c. CODEC Clock This clock is output via the CODEC_CLK Pin as the reference clock of the codec chip. This clock is derived from dividing reference oscillator clock by two. d. MSCLK Clock This clock is derived from dividing the DSP clock by 2 or 4, the divider is programmed by DIV bit (configuration register bit 14 ) as followed: Config Reg bit 14 0 1 Divider 2 4 The 16 X 8 dual port RAM allows easy system expansion by adding another DSP or micro-processor. Address 2000h ~ 200Fh are reserved for this dual port RAM. The 8 bits dual port RAM data correspond to the MSBs of the data bus (bit 15 ~ bit 8) of the DSP core. Upon reading the dual port RAM, the 8 lsb contents (bit 7 to bit 0) are all 0. For the convenience of description, the micro-controller port is referred to as B port and the DSP port is referred to as A port. 4. Interrupt The DSP core provides 4 nested interrupt inputs: IRQ3, IRQ2, IRQ1, IRQ0. IRQ3 is the highest priority input and IRQ0, the lowest. In the V.34 and V.32 application, the IRQ3, IRQ2 and IRQ1 are defined as external interrupt triggered from the pin IRQ3B, IRQ2B, IRQ1B respectively. 2. Serial Port There are two serial ports to provide the interface with CODEC chip. The serial port 1 (SP1) transfer 32 bits in each frame while the serial port 2 can transfer 64 bits in each frame. The frame signal of each serial port can be configured as either input signal or output signal by the Serial Port Control Register (SPC).
DM6381/82 Absolute Maximum Ratings* Power supply voltage ......................... -0.5V to +7.0V o o Case operating temperature.................. 0 C to 85 C o o Storage temperature ........................ -65 C to 150 C Applied voltage on any pin ....................................... .......................................... -0.5V VIN VDD+0.5V
*Comments Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
26
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6381/82 DC Electrical Characteristics (VDD = 5V, GND = 0V; Tc = 0 oC to 85 oC)
Symbol VDD IDD VIH VIL ILI VOH VOL Parameter Operating Voltage Operating Current Input High Voltage Input Low Voltage Input Leakage Current Output High Voltage Output Low Voltage Min. 4.75 2.2 -10 2.4 +0.8 10 +0.4 Typ. 5.0 85 Max. 5.25 100 Unit V mA V V uA V V Conditions
VIN = 0, 5.25V IOH = 2.5mA IOL = 2.5mA
DM6381/82 AC Electrical Characteristics (VDD = 5V, GND = 0V; Tc = 0 oC to 85 oC, PLL out frequency = 90MHz, CL = 50pF)
a. Serial Port Timing Symbol 1 2 3 4 5 6 7 8 9 10 Parameter SCLK Period SCLK Low Width SCLK High Width SCLK Rise Time SCLK Fall Time Frame Delay Time Frame To SCLK Hold RD Valid Before SCLK Low RD Hold Time TD Delay Time Min. 49 20 20 Typ. Max. Unit ns ns ns ns ns ns ns ns ns ns Conditions
5 5 20 17 5 15 20
4 5
1 SCLK 6 FR_SP1 FR_SP2 RD_SP1 RD_SP2 TD_SP1 TD_SP2 First Bus 10 First Bus 7 8
2
3
9 Last Bus 11 Last Bus Hiz
Final Version: DM336P-DS-F02 August 15, 2000
27
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
b. Dual Port RAM Timing Symbol 1 2 3 4 5 6 7 8 9 10 11 Parameter /URD Read Period Address Valid Before /URD Low /URD to /UCS Delay Time Data Hold Time After /URD High Data Bus High Z After /URD High /URD Low To Data Valid /UWR Period Data Setup Time /UWR High Address Valid Before /UWR Low /UWR To /UCS Delay Data Hold Time After /UWR High Min. 100 50 4 20 25 100 50 50 7 0 Typ. Max. Unit ns ns ns ns ns ns ns ns ns ns ns Conditions
7
UAR[3..0] /UCS 2 3 1 4
/URD UD[0..7]
6
5
28
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set * Chip 3 : DM6380 Analog Front End (AFE) Description DM6380 Description
The DM6380 is a single chip Analog Front End (AFE) designed to implement voice grade modem up to 33600bps. It is used as a portion of a complete modem device set. The AFE converts the analog signal into digital form and transfers the digital data to the DSP through the serial port. All the clock information needed in a modem device is also generated in this device. The differential analog outputs are provided to acquire the maximum output signal level. An audio monitor whose volume is programmable is built in to monitor the on-line signal. Inside the device, a 16-bit ADC and a 16-bit DAC with over-sampling and noise-shaping techniques is implemented to maximize performance for high speed modem. It offers wide-band transmit and receive filters so that the voice band signal is transmitted or received without amplitude distortion and with minimum group delay. In order to support the multimode modem standards, such as V.34, V.32bis, V.32, V.22bis, V.22, V.23, V.21, Bell 212A, Bell 103, V.17, V.29, V.27ter, the programmable baud and data rate clock generators are provided. For the asymmetric channel usage, the transmit and receive clock generators are independent. In order to provide the echo-cancel capability, the receive clock is synchronized with the transmit clock and the best receive timing sample is reconstructed by a reconstruction filter. Transmit Digital Phase Lock Loop (DPLL) is self-tuning to provide the master, slave or free-running mode for the data terminal interface. A software programmable receive DPLL that is step-controllable by the host DSP is implemented to get the best samples for the relevant signal processing.
DM6380 Block Diagram
RxSCLK RxDCLK
Rx Clock System
Tx Clock System
TxSCLK*2 TxDCLK ExtCLK CLKIN
SCLK RFS DOR DIR TFS DOT DIT Rx Filter & ADC Digital Reconstruction Filter Digital Interface Tx Filter & DAC Control Registers
Divider
LPF & Attenuator
TxA1 TxA2 VREFP VCM VREFN RxIN SPKR
Voltage Reference 0/-6 dB Audio Amplifier Power-on Detector
Final Version: DM336P-DS-F02 August 15, 2000
29
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6380 Features
* * * * * 16-bit * - A/D and D/A converters Dynamic range : 86dB Total harmonic distortion : -86dB Separate transmit and receive clocks Symbol rate : 75, 300, 600, 1200, 1600, 2400, 2743, 2800, 3000, 3200, 3429Hz * Data rate : 75, 300, 600, 1200, 2400, 4800, 7200, 9600, 12000, 14400, 16800, 19200, 21600, 24000, 26400, 28800, 33600bits per second * Dual synchronous serial interface to host Digital Signal Processor (DSP) * Separate transmit digital phase lock loop and receive digital phase lock loop * Full echo cancellation capability * Differential analog output * Single-ended analog input * Single power supply voltage : +5V * Low power consumption
DM6380 Pin Configuration
RXSCLK
RXDCLK
AVDDR 27
SPKR
28
DOR DIR DGND SCLK DOT DIT TFS
5 6 7 8 9 10 11 12 13 14 15 16 17 18
26 25 24 23
4
3
2
1
RXIN
RFS
VDD
AGNDT VREFP VCM VREFN AGNDR TXA1 TXA2
DM6380L
22 21 20 19
TXSCLK*2
CLKIN
TXDCLK
/RESET
EXTCLK
Vr
30
AVDDT
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6380 Pin Description
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Pin Name RXDCLK VDD RXSCLK RFS DOR DIR DGND SCLK DOT DIT TFS TXSCLK*2 TXDCLK CLKIN /RESET EXTCLK Vr AVDDT TXA2 TXA1 AGNDR VREFN VCM VREFP AGNDT RXIN AVDDR SPKR I/O O P O I O I P O O I I O O I I I O I O O P O O O P I I O Description Receive Data Clock Digital Power Receive Sample Clock Receive Frame Synchronization Data Output For Receiver Data Input For Receiver Digital Ground Serial Clock Synchronized With All Serial Data Data Output For Transmitter Data Input For Transmitter Transmit Frame Synchronization Transmit Sample Clock * 2 Transmit Data Clock Master Clock Input (20.16MHz = 40.32MHz / 2 ) Codec Reset Input External Transmit Data Clock Internal Reference Voltage. Connect 0.1uF to DGND Analog VDD For The Transmitter Analog Circuitry (+5VDC) Transmit Negative Analog Output Transmit Positive Analog Output Analog Receiver Circuitry Signal Return Path Negative Reference Voltage, VCM - 1V Common Mode Voltage Output, 2.5V Positive Reference Voltage, VCM + 1V Analog Transmitter Circuitry Signal Return Path Receive Analog Input Analog VDD For The Receiver Analog Circuitry (+5VDC) Speaker Driver
DM6380 Functional Description
In this chip, we could roughly divide it into two major parts : digital portion and analog portion. The functional blocks are described separately in this section. The analog circuits include a sigma-delta modulator/demodulator, decimation/interpolation filters, a speaker driver, low-pass filter and certain logic circuits. The digital circuits is composed of Tx/Rx clock generator/PLL, serial port, serial/parallel conversions and control registers. All the clock information the analog circuits need should be provided by the digital clock system since the best sampling instant of A/D and D/A depends on the received signal and transmit signals. The data format of A/D and D/A is 2's complement. Master clock (FQ) is obtained from an external signal connected to CLKIN. The different transmit and receive clocks are obtained by master clock frequency division in several programmable counters. The Tx and Rx clocks can be synchronized on external signals by performing the phase shifts in the frequency division process. Two independent digital phase locked loops are implemented using this principle, one for transmit clock system, the other, receive clock. The tracking of the transmit clock is automatically done by the transmit DPLL circuit. The receive DPLL circuit is controlled by the host processor and it is actually an adjustable phase shifter.
Final Version: DM336P-DS-F02 August 15, 2000
31
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6380 Absolute Maximum Ratings*
Power supply voltage ......................... -0.5V to +7.0V o o Case operating temperature.................. 0 C to 85 C o o Storage temperature ........................ -65 C to 150 C Applied voltage on any pin ....................................... .......................................... -0.5V VIN VDD+0.5V
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational section of this specification is not implied or intended. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DM6380 DC Electrical Characteristics (VDD = 5V, Tc = 0 oC to 85 oC)
Symbol VDD VCM IDD VIL VIH VOL VOH II CIN VREF VCMD_OU T VDIF_OUT VOFF_OU T RIN ROUT RL CL Parameter Operating Voltage Output Common Mode Voltage Supply Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Input Current Input Capacitance Differential Reference Voltage Output Output Common Mode Offset Differential Output Voltage Differential Output DC Offset Voltage Input Resistance RxIN Output Resistance TxA1, TxA2, SPKR Load Resistance TxA1, TxA2, SPKR Load Capacitance TxA1, TxA2, SPKR Min. 4.75 Typ. 5 2.5 25 Max. 5.25 Unit V V mA V V V V A pF V mV V mV k k k 50 pF Conditions
0.8 2.2 0.4 2.4 -10 1.9 -200 3 *VREF -100 100 1 20 2 1 5 2 10 2.1 200 3 *VREF 100
VI=VDD or VI=GND
=(TxA1+TxA2)/2-VCM TxA1-TxA2 3*VREF VDC (TXA1)-VDC (TXA2)
32
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set DM6380 AC Characteristics (VDD = 5V, Tc= 0 oC to 85 oC)
Serial Port Timing Symbol 1 2 3 4 5 6 7 8 9 10 11 Parameter SCLK Period SCLK Low Width SCLK High Width SCLK Rise Time SCLK Fall Time FS To SCLK Setup FS To SCLK Hold DI To SCLK Setup DI To SCLK Hold SCLK High To DO Valid SCLK To DO Hiz Min. 49 24 24 Typ. Max. Unit ns ns ns ns ns ns ns ns ns ns ns Conditions
5 5 17 17 5 5 8 8
4 5 1 2 3
SCLK FS DI
6 7 8 First Bus 10 First Bus 9 Last Bus 11 Last Bus Hiz
DO
DM6380 Performance
o o (VDD= 5V, Tc= 0 C to 85 C, FQ= 20.16MHz, Measurement Band= 220Hz to 3.6KHz, RX DPLL Free Running) Symbol Gabs THD DR PSRR CTxRx Parameter Absolute Gain At 1KHz Total Harmonic Distortion Dynamic Range Power Supply Rejection Ratio Crosstalk Min. -0.5 Typ. -84 86 50 95 Max. 0.5 Unit dB dB dB dB dB Conditions RX signal: VIN= 2.5 VPP, f = 1KHz Tx signal: VOUT (diff)= 5 VPP, f = 1KHz f = 1KHz f = 1KHz, VAC = 200m VPP Transmit channel to receive channel
Final Version: DM336P-DS-F02 August 15, 2000
33
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Application Circuit (For Reference Only)
34
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Application Circuit (For Reference Only)
Final Version: DM336P-DS-F02 August 15, 2000
35
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Application Circuit (For Reference Only)
36
Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Application Circuit (For Reference Only)
Final Version: DM336P-DS-F02 August 15, 2000
37
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Package Information
QFP 100L Outline Dimensions
HD D
100 81
unit: inches/mm
1
80
30
51
31
e
b 50 c
HE
GE
E
F
GD ~ ~ ~
GD A2 See Detail F Seating Plane A1
A
y
D
L L1
Detail F
Symbol A A1 A2 b c D E e F GD GE HD HE L L1 y
Dimensions In Inches 0.130 Max. 0.004 Min. 0.112 0.005 0.012 +0.004 -0.002 0.006 +0.004 -0.002 0.551 0.787 0.026 0.005 0.005 0.006
Dimensions In mm 3.30 Max. 0.10 Min. 2.85 0.13 0.31 +0.10 -0.05 0.15 +0.10 -0.05 14.00 20.00 0.65 0.13 0.13 0.15
0.742 NOM. 0.693 NOM. 0.929 NOM. 0.740 0.976 0.047 0.095 0.012 0.012 0.008 0.008
18.85 NOM. 17.60 NOM. 23.60 NOM. 18.80 24.79 1.19 2.41 0.31 0.31 0.20 0.20
0.006 Max. 0 ~ 12
0.15 Max. 0 ~ 12
Note: 1. Dimensions D&E do not include resin fins. 2. Dimensions GD & GE are for PC Board surface mount pad pitch design reference only. 3. All dimensions are based on metric system.
38 Final Version: DM336P-DS-F02 August 15, 2000
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set PLCC 28L Outline Dimensions
4 HD D 1 28 26
unit: inches/mm
5
25
HE
E
11
19
12
18
c
L
A2
GD
Symbol A A1 A2 b1
Dimensions In Inches 0.185 Max. 0.020 Min. 0.150 0.005
D
Seating Plane
b1 y
A1
e
b
A
Dimensions In mm 4.70 Max. 0.51 Min. 3.81 0.13
0.028 +0.004 -0.002 0.018 +0.004 -0.002 0.010 +0.004 -0.002 0.453 0.453 0.050 0.410 0.410 0.490 0.490 0.100 0.010 0.010 0.006 0.020 0.020 0.010 0.010 0.010
0.71 +0.10 -0.05 0.46 +0.10 -0.05 0.25 +0.10 -0.05 11.51 11.51 1.27 10.41 10.41 12.45 12.45 2.54 0.25 0.25 0.15 0.51 0.51 0.25 0.25 0.25
b c D E e GD GE HD HE L y
0.006 Max.
0.15 Max.
Note: 1. Dimensions D and E do not include resin fins. 2. Dimensions GD & GE are for PC Board surface mount pad pitch design reference only. 3. All dimensions are based on metric system.
Final Version: DM336P-DS-F02 August 15, 2000 39
GE
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set Ordering Information
Part Number DM6380L DM6381F DM6382F DM6383F Pin Count 28 100 100 100 Package PLCC QFP QFP QFP application circuits illustrated in this document are for reference purposes only. DAVICOM's terms and conditions printed on the order acknowledgment govern all sales by DAVICOM. DAVICOM will not be bound by any terms inconsistent with these unless DAVICOM agrees otherwise in writing. Acceptance of the buyer's orders shall be based on these terms.
Disclaimer
The information appearing in this publication is believed to be accurate. Integrated circuits sold by DAVICOM Semiconductor are covered by the warranty and patent indemnification provisions stipulated in the terms of sale only. DAVICOM makes no warranty, express, statutory, implied or by description regarding the information in this publication or regarding the information in this publication or regarding the freedom of the described chip(s) from patent infringement. FURTHER, DAVICOM MAKES NO WARRANTY OF MERCHANTABILITY OR FITNESS FOR ANY PURPOSE. DAVICOM deserves the right to halt production or alter the specifications and prices at any time without notice. Accordingly, the reader is cautioned to verify that the data sheets and other information in this publication are current before placing orders. Products described herein are intended for use in normal commercial applications. Applications involving unusual environmental or reliability requirements, e.g. military equipment or medical life support equipment, are specifically not recommended without additional processing by DAVICOM for such applications. Please note that
Company Overview
DAVICOM Semiconductor, Inc. develops and manufactures integrated circuits for integration into data communication products. Our mission is to design and produce IC products that re the industry's best value for Data, Audio, Video, and Internet/Intranet applications. To achieve this goal, we have built an organization that is able to develop chipsets in response to the evolving technology requirements of our customers while still delivering products that meet their cost requirements.
Products
We offer only products that satisfy high performance requirements and which are compatible with major hardware and software standards. Our currently available and soon to be released products are based on our proprietary designs and deliver high quality, high performance chipsets that comply with modem communication standards and Ethernet networking standards.
Contact Windows
For additional information about DAVICOM products, contact the sales department at: Headquarters Hsin-chu Office: 3F, No. 7-2, Industry E. Rd. IX, Science-Based Industrial Park, Hsin-chu, Taiwan, R.O.C. TEL: 886-3-579-8797 FAX: 886-3-579-8858 USA Office Sunnyvale, California 1135 Kern Ave. Sunnyvale, CA 94085 TEL: 408-736-8600 FAX: 408-736-8688 Email: sales@davicom8.com
Taipei Sales & Marketing Office: 8F, No. 3, Lane 235, Bao-chiao Road, Hsin-tien City, Taipei, Taiwan, R.O.C. TEL: 886-2-915-3030 FAX: 886-2-915-7575 Email: sales@davicom.com.tw
WARNING
Conditions beyond those listed for the absolute maximum may destroy or damage the products. In addition, conditions for sustained periods at near the limits of the operating ranges will stress and may temporarily (and permanently) affect and damage structure, performance and/or function.
Final Version: DM336P-DS-F02 August 15, 2000
40


▲Up To Search▲   

 
Price & Availability of DM336P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X