Part Number Hot Search : 
871P4 150601H IR3566A 18TQSPBF 70PFT 70PFT BDT86 F3142
Product Description
Full Text Search
 

To Download CMLT555110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLT5551 SURFACE MOUNT DUAL NPN SMALL SIGNAL HIGH VOLTAGE SILICON SWITCHING TRANSISTORS
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMLT5551 consists of two individual, isolated NPN silicon transistors, manufactured by the epitaxial planar process and epoxy molded in an SOT-563 suface mount package. This PICOminiTM devices has been designed for high voltage amplifier applications. MARKING CODE: 5C5
SOT-563 CASE
MAXIMUM RATINGS: (TA=25 C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
O
SYMBOL VCBO VCEO VEBO IC PD TJ, Tstg JA
O
UNITS 180 160 6.0 600 350 -65 to +150 357 V V V mA mW C C/W
O
O
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25 C unless otherwise noted) SYMBOL TEST CONDITIONS MIN MAX ICBO ICBO BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE fT Cob hfe NF VCB=120V VCB=120V, TA=100C IC=100A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=5.0V, IC=1.0mA VCE=5.0V, VCE=5.0V, IC=10mA IC=50mA 80 80 30 100 50 300 6.0 200 8.0 250 180 160 6.0 0.15 0.20 1.00 1.00 50 50
UNITS nA A V V V V V V V
VCE=10V, IC=10mA, f=100MHz VCB=10V, IE=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=200A, RS=10, f=10Hz to 15.7kHz
MHz pF
dB
R1 (20-January 2010)
CMLT5551 SURFACE MOUNT DUAL NPN SMALL SIGNAL HIGH VOLTAGE SILICON SWITCHING TRANSISTORS SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATION
LEAD CODE: 1) Emitter Q1 2) Base Q1 3) Collector Q2 4) Emitter Q2 5) Base Q2 6) Collector Q1 MARKING CODE: 5C5
R1 (20-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMLT555110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X