Part Number Hot Search : 
5SB10 34063A ST211 GTL2022 SP8604 TDZ16 EL2110CW 4LS37
Product Description
Full Text Search
 

To Download CF050P2-013-00DS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CF Series
Specifications
Insulation Resistance: Withstanding Voltage: Current Rating: Contact Resistance: Operating Temp. Range: Reflow Solder Temp.: Mating Cycles:
Compact Flash Card Reader, Type I and II (Reversed Type)
Part Number (Details)
1000M at 500V DC 500Vrms 1A AC/DC max. 40m max. at 20mV max. -55C to +85C 235C max for 3 sec. 10,000 times
CF
Series
050 P2 -0 1 3 - * 0 DS 1
No. of Contacts Stand-off Height 0 = Without
1 = Bottom Mounted on PCB
Materials and Finish
Insulator: LCP, glass filled (UL94V-0) Push Button: Glass reinforced PBT (UL94V-0) Cover: Stainless Steel Contacts: Brass Plating: Contacts - Gold (5") over Nickel (40") Solder Tails - SnBb (100") over Nickel (40")
3 = 90 SMT Ejector: 0 = Without 1 = Right Side Plating Area: Contacts: Gold (5") over 40" Nickel Solder Tails: 100" Tin over 40" Nickel No Mark = Without Cap 1 = With Cap for automatic assembly
Features
Adapter for Compact Flash Card type I and II Reversed type, for assembly underneath the PCB
Outline Dimensions (Stand-off = 2.20mm)
Recommended PCB Layout
Interface Dim. L (Length)
Munich 089 / 45109-0
Outline Dimensions (Ejector Option)
Power = 5.00mm Pin# 1, 13, 38, 50 General = 4.25mm all other pins Detect = 3.50mm Pin# 25, 26
YAMAICHI ELECTRONICS -
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER AND FOR REFERENCE ONLY Trading Division


▲Up To Search▲   

 
Price & Availability of CF050P2-013-00DS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X