Part Number Hot Search : 
CY7C14 KE300 CX24171 MP8719 A87VSYZB 90C841 CS005L DGGWQ
Product Description
Full Text Search
 

To Download BZT52C3V0S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZT52C2V0S - BZT52C39S
SURFACE MOUNT ZENER DIODE
SPICE MODELS: BZT52C2V0S BZT52C2V4S BZT52C2V7S BZT52C3V0S BZT52C3V3S BZT52C3V6S BZT52C3V9S BZT52C4V3S BZT52C4V7S BZT52C5V1S
BZT52C5V6S BZT52C6V2S BZT52C6V8S BZT52C7V5S BZT52C8V2S BZT52C9V1S BZT52C10S BZT52C11S BZT52C12S BZT52C13S BZT52C15S BZT52C16S
BZT52C18S BZT52C20S BZT52C22S BZT52C24S BZT52C27S BZT52C30S BZT523C33S BZT52C36S BZT52C39S
Features
* * * * Planar Die Construction Ultra-Small Surface Mount Package Ideally suited for Automated Assembly Processes Also Available in Lead Free Version
Dim A
H G A B D
SOD-323 Min 2.30 1.60 1.20 0.25 0.20 0.10 0 Max 2.70 1.80 1.40 0.35 0.40 0.15 8
Mechanical Data
* * * * * * * * Case: SOD-323, Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Also Available in Lead Free Plating (Matte Tin Finish). Please see Ordering Information, Note 6, on Page 2 Polarity: Cathode Band Marking: See Sheet 2 Weight: 0.004 grams (approx.)
J
B C D E G H J a
1.05 Typical
C
E
0.05 Typical
All Dimensions in mm
Maximum Ratings
Forward Voltage (Note 2) Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 200 625 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, as per http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used in minimize self-heating effect.
DS30093 Rev. 10 - 2
1 of 3 www.diodes.com
BZT52C2V0S - BZT52C39S
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Maximum Reverse Current (Note 2) IR uA 150 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 Temperature Coefficient of Zener Voltage @ IZT = 5mA mV/C Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 Max 0 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2
Type Number
Marking Code
Zener Voltage Range (Note 2) VZ @ IZT Nom (V) Min (V) 1.91 2.20 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 Max (V) 2.09 2.60 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 2.0 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2
Maximum Zener Impedance (Note 3) ZZT @ IZT W 100 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 600 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 ZZK @ IZK IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5
BZT52C2V0S BZT52C2V4S BZT52C2V7S BZT52C3V0S BZT52C3V3S BZT52C3V6S BZT52C3V9S BZT52C4V3S BZT52C4V7S BZT52C5V1S BZT52C5V6S BZT52C6V2S BZT52C6V8S BZT52C7V5S BZT52C8V2S BZT52C9V1S BZT52C10S BZT52C11S BZT52C12S BZT52C13S BZT52C15S BZT52C16S BZT52C18S BZT52C20S BZT52C22S BZT52C24S BZT52C27S BZT52C30S BZT52C33S BZT52C36S BZT52C39S Notes:
WY WX W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WJ WK WL WM WN WO WP WQ WR WS WT
2. Short duration test pulse used to minimize self-heating effect. 3. f = 1kHz. (Note 4) Packaging SOD-323 Shipping 3000/Tape & Reel
Ordering Information
Device
(Type Number)-7* Notes:
4. *Add "-7" to the appropriate type number in Table 1 above example: 6.2V Zener = BZT52C6V2S-7. 5. For Packaging Details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf. 6. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above. Example: BZT52C39S-7-F.
Marking Information
XX
DS30093 Rev. 10 - 2
XX = Product Type Marking Code (See Table Above)
2 of 3 www.diodes.com
BZT52C2V0S - BZT52C39S
300
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8
C3V3
C4V7
PD, POWER DISSIPATION (mW)
40 IZ, ZENER CURRENT (mA)
C8V2
200
30
20
100
10
Test Current IZ 5.0mA
0 0 100 TA, AMBIENT TEMPERATURE, C Fig. 1. Power Derating Curve 200
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics 2 10
30
Tj = 25C
1000
C10 C12
Tj = 25 C
IZ, ZENER CURRENT (mA)
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
20
C15
100
VR = 1V
C18
10
Test current IZ 5mA
C22 C27 C33 C39 C36
VR = 2V
10 1 10 100
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3. Zener Breakdown Characteristics 40
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4 Total Capacitance vs Nominal Zener Voltage
DS30093 Rev. 10 - 2
3 of 3 www.diodes.com
BZT52C2V0S - BZT52C39S


▲Up To Search▲   

 
Price & Availability of BZT52C3V0S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X