Part Number Hot Search : 
SK3A5P0 SMG5D60D NTE2375 SHD114 PMD10K60 LU221 A2B15 D3FS4A10
Product Description
Full Text Search
 

To Download BZT52C3V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZT52C2V0 - BZT52C39
SURFACE MOUNT ZENER DIODE
SPICE MODELS: BZT52C2V0 BZT52C2V4 BZT52C2V7 BZT52C3V0 BZT52C3V3 BZT52C3V6 BZT52C3V9 BZT52C4V3 BZT52C4V7 BZT52C5V1 BZT52C5V6 BZT52C6V2 BZT52C6V8 BZT52C7V5 BZT52C8V2 BZT52C9V1 BZT52C10 BZT52C11 BZT52C12 BZT52C13 BZT52C15 BZT52C16 BZT52C18 BZT52C20 BZT52C22 BZT52C24 BZT52C27 BZT52C30 BZT52C33 BZT52C36 BZT52C39
Features
* * * * * * * * * * * * * * Planar Die Construction 500mW Power Dissipation on Ceramic PCB General Purpose, Medium Current Ideally Suited for Automated Assembly Processes Available in Lead Free Version
SOD-123 Dim A
H G D
Min 3.55 2.55 1.40 -- 0.25 -- 0
Max 3.85 2.85 1.70 1.35 -- 0.10 8
J
B C D E G
Mechanical Data
Case: SOD-123, Plastic UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Also Available in Lead Free Plating (Matte Tin Finish). Please See Ordering Information, Note 5, on Page 2 Polarity: Cathode Band Marking: See Below Weight: 0.01 grams (approx.) Ordering Information: See Page 2
A B
0.55 Typical 0.11 Typical
C
E
H J a
All Dimensions in mm
Maximum Ratings
Forward Voltage (Note 2) Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 500 305 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Notes:
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2. 2. Short duration test pulse used to minimize self-heating effect.
Marking Information
XX
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3
XX = Product Type Marking Code (See Page 2) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
2001 M Apr 4
YM
2002 N May 5
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS18004 Rev. 21 - 2
1 of 3 www.diodes.com
BZT52C2V0 - BZT52C39
Electrical Characteristics
@ TA = 25C unless otherwise specified Maximum Reverse Current (Note 2) IZK mA 600 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 IR uA 150 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3
Type Number (Note 5)
Marking Codes
Zener Voltage Range (Note 2) Vz @IZT Nom (V) IZT 2.09 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 ZZT
Maximum Zener Impedance (Note 3)
@ IZT
ZZK @ IZK W
Typical Temperature Coefficient @ IZTC mV/C Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 Max 0 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2
Test Current IZTC mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2
Min (V) Max (V) mA 1.91 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 100 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130
BZT52C2V0 BZT52C2V4 BZT52C2V7 BZT52C3V0 BZT52C3V3 BZT52C3V6 BZT52C3V9 BZT52C4V3 BZT52C4V7 BZT52C5V1 BZT52C5V6 BZT52C6V2 BZT52C6V8 BZT52C7V5 BZT52C8V2 BZT52C9V1 BZT52C10 BZT52C11 BZT52C12 BZT52C13 BZT52C15 BZT52C16 BZT52C18 BZT52C20 BZT52C22 BZT52C24 BZT52C27 BZT52C30 BZT52C33 BZT52C36 BZT52C39 Notes:
WY, WY WX, WX W1, W1 W2, W2 W3, W3 W4, W4 W5, W5 W6, W6 W7, W7 W8, W8 W9, W9 WA, WA WB, WB WC, WC WD, WD WE, WE WF, WF WG, WG WH, WH WI, WI WJ, WJ WK, WK WL, WL WM, WM WN, WN WO, WO WP, WP WQ, WQ WR, WR WS, WS WT, WT
2.0 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2. 2. Short duration test pulse used to minimize self-heating effect. 3. f = 1kHz. (Note 4 & 5) Packaging SOD-123 Shipping 3000/Tape & Reel
Ordering Information
Device
(Type Number)-7*
* Add "-7" to the appropriate type number in Table 1 above example: 6.2V Zener = BZT52C6V2-7. Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. For lead free terminal plating part number, please add "-F" suffix to part number above. Example: BZT52C2V0-7-F.
DS18004 Rev. 21 - 2
2 of 3 www.diodes.com
BZT52C2V0 - BZT52C39
0.6
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8 C6V2
0.5
C3V3
C4V7
40 IZ, ZENER CURRENT (mA)
C8V2
PD, POWER DISSIPATION (W)
0.4
30
0.3
20
0.2
0.1
10
Test Current IZ 5.0mA
0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Dissipation vs Ambient Temperature
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
C39
2
10
30
Tj = 25C
C10 C12
10
Tj = 25C
IZ, ZENER CURRENT (mA)
20
C15
IZ, ZENER CURRENT (mA)
8
6
C18 Test current IZ 2mA
10
Test current IZ 5mA
C22 C27 C33 C36
4
Test Current IZ 2mA
2
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3 Zener Breakdown Characteristics
1000
0
40
10
30 40 50 60 70 80 90 100 VZ, ZENER VOLTAGE (V) Fig. 4 Zener Breakdown Characteristics
20
Tj = 25 C f = 1MHz
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
100
VR = 1V
VR = 2V
10 1 10 100
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 5 Total Capacitance vs Nominal Zener Voltage
DS18004 Rev. 21 - 2
3 of 3 www.diodes.com
BZT52C2V0 - BZT52C39


▲Up To Search▲   

 
Price & Availability of BZT52C3V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X