Part Number Hot Search : 
68HC908 TIP8B550 LT1976B ST75185C EVALZ V1210 SR6A6K12 TDA8390
Product Description
Full Text Search
 

To Download BAS116V08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS116V
SURFACE MOUNT LOW LEAKAGE DIODE
Please click here to visit our online spice models database.
Features
* * * * Surface Mount Package Ideally Suited for Automated Insertion Very Low Leakage Current Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 4 and 5)
Mechanical Data
* * * * * * * *
SOT-563
Case: SOT-563 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminal Connections: See Diagram Terminals: Finish Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.003 grams (approximate)
C1 NC A2
A1
NC
C2
TOP VIEW
BOTTOM VIEW
TOP VIEW Internal Schematic
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM IFRM @ t = 1.0s @ t = 1.0ms @ t = 1.0s IFSM Value 85 60 215 500 4.0 1.0 0.5 Unit V V mA mA A
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 2) Repetitive Peak Forward Current Non-Repetitive Peak Forward Surge Current
Thermal Characteristics
Characteristic Power Dissipation (Note 2) Thermal Resistance Junction to Ambient Air (Note 2) Operating and Storage Temperature Range Symbol PD RJA TJ, TSTG Value 150 833 -65 to +150 Unit mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage
@TA = 25C unless otherwise specified Symbol V(BR)R VFM Min 85 Typ Max 0.90 1.0 1.1 1.25 5.0 80 3.0 Unit V V nA nA pF s Test Condition IR = 100A IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, TJ = 150C VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100
Leakage Current (Note 3) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3. 4. 5.
IRM CT trr

2
No purposefully added lead. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used to minimize self-heating effect. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BAS116V
Document number: DS30562 Rev. 5 - 2
1 of 3 www.diodes.com
March 2008
(c) Diodes Incorporated
BAS116V
IF, INSTANTANEOUS FORWARD CURRENT (mA)
250
1,000
PD, POWER DISSIPATION (mW)
200
100
150
10
100
1.0
50
0.1
0 -50
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, Per Element
0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Power Derating Curve, Total Package
300
VR = 75V
IR, INSTANTANEOUS REVERSE CURRENT (nA)
10
Device mounted on an FR4 printed-circuit board
250 IF, FORWARD CURRENT (mA)
200
1
150
100
50
0.1
50 100 150 200 TA, AMBIENT TEMPERATURE (C) Fig. 3 Typical Reverse Characteristics, Per Element
0
0
0
50 100 150 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Current Derating Curve, Per Element
Ordering Information
Part Number BAS116V-7
Notes:
(Note 6) Case SOT-563 Packaging 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KAZ = Product Type Marking Code YM = Date Code Marking Y = Year (ex: R = 2004) M = Month (ex: 9 = September)
KAZ YM
Date Code Key Year Code Month Code
2004 R Jan 1 Feb 2
2005 S Mar 3
2006 T Apr 4
2007 U May 5 Jun 6
2008 V Jul 7
2009 W Aug 8
2010 X Sep 9 Oct O
2011 Y Nov N
2012 Z Dec D March 2008
(c) Diodes Incorporated
BAS116V
Document number: DS30562 Rev. 5 - 2
2 of 3 www.diodes.com
BAS116V Package Outline Dimensions
A
BC
D G
K H
M
SOT-563 Dim Min Max Typ A 0.15 0.30 0.20 B 1.10 1.25 1.20 C 1.55 1.70 1.60 D 0.50 G 0.90 1.10 1.00 H 1.50 1.70 1.60 K 0.55 0.60 0.60 L 0.10 0.30 0.20 M 0.10 0.18 0.11 All Dimensions in mm
L
Suggested Pad Layout
E E
Dimensions Value (in mm) Z G X
Z G C
2.2 1.2 0.375 0.5 1.7 0.5
Y C E
Y X
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
BAS116V
Document number: DS30562 Rev. 5 - 2
3 of 3 www.diodes.com
March 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAS116V08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X