Part Number Hot Search : 
STPS115 MMBZ5235 035CT AD713KN VDXXXX LT3495B 220M06 0000X
Product Description
Full Text Search
 

To Download B-2T-SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series B-2T, B-2
25-42.5 Amp * SCR/DIODE Modules * Eight Standard Circuits * For AC or DC Variable Voltage Output Up To 15KW
Modules come in eight standard circuits and are designed to control AC or DC variable voltage output up to 15KW. The package comes with standard .250 quick-connect terminals. All models have 2500 Vrms isolation and are UL recognized (file no. E72445). Optional isolation barriers are available. Manufactured in Crydom's ISO 9002 Certified facility for optimum product performance and reliability.
PART NUMBER Series Type B-Case style (Ceramic Base)
IDENTIFICATION Current Circuit Type 5 - 25 Amps 1-8 6 - 42.5 Amps (see schematic diagrams)
AC Line Voltage 1 - 120 Vac 2 - 240 Vac 3 - 280 Vac 4 - 480 Vac
Options F - Free Wheeling Diode (Circuits 1 & 2 Only) SE - External Suppressor
(-2T Only, Circuits 1-6 Only)
Case Style -2T (Standard) -2 With Isolation Barriers
Example: B512FSE-2T MECHANICAL DIMENSIONS
All dimensions are in inches (millimeters)
2.50 (63.5) 1.90 (48.2) MOUNTING HOLE/SLOT 0.21 (5.2) DIA.
ELECTRICAL SPECIFICATIONS
SYMBOL SPECIFICATION
MODEL NO.
B5
RATINGS
B6 42.5A
1.6V @ 42.5A
ID VF TJ di/dt
C 1.00 1.25 L (25.4 ) (31.7)
Maximum DC Output Current (Tc = 85C) Maximum Voltage Drop @ Amps Peak Operating Junction Temperature Range Critical Rate of Rise of On-State Current @ TJ=125C Critical Rate of Rise of Off-State Voltage [V/s] AC Line Input Voltage (Repetitive Peak Reverse Voltage) Maximum Non-Repetitive Surge Current (1/2Cycle, 60Hz) Maximum I2T for Fusing (t=8.3ms) [A2sec] Maximum Required Gate Current to Trigger @ 25C Maximum Required Gate Voltage to Trigger @ 25C
25A
1.65V @ 25A
B-2T
-40C to +125C 100A/s 500V/s 100A/s 500V/s
dv/dt VRMS
.50 (12.7)
C L
.25 TERMINAL (6.3)
120 (400 VRRM) 240 (600 VRRM) 280 (800 VRRM) 480 (1200 VRRM) 250A 260 60mA 2.5V 0.5W 5.0V 0.9C/W 2500 VRMS 600A 1500 80mA 3.0V 0.5W 5.0V 0.7C/W 2500 VRMS
ITSM
1.06 (26.9) .10 (2.5) .55 (14.0)
I2T IGT
B-2
2.50 (63.5) 1.90 (48.2)
MOUNTING HOLE/SLOT 0.21 (5.2) DIA.
VGT
PG(AV) Average Gate Power VGM
C L 1.25 (31.7)
Maximum Peak Gate Voltage (Reverse) Maximum Thermal Resistance Junction to Ceramic Base per Chip Isolation Voltage
RJC VISOL
C L
.25 TERMINAL (6.3)
MECHANICAL SPECIFICATIONS
Weight: (typical)
1.5 oz. (42.5g)
(c)1998 CRYDOM CORP Specifications subject to change without notice.
.10 (2.5)
.78 (19.7)
FastFax Document No. 227 SERIES B2T.062498, PAGE 1 OF 2
For recommended applications and more information contact: USA: (800) 8 CRYDOM * (800) 827-9366 * (619) 715-7200 * fax (619) 715-7280 Crydom Corp, 9525 Chesapeake Drive, San Diego, CA 92123 * e-mail: sales@crydom.com WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191 UK: (44)1202 812300 * fax (44)1202 812340 Crydom International Ltd., 85, Condor Close, Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU GERMANY: (49) (0)6874 182580 * fax (49)(0)6874 182585 Crydom GmbH, Gewerbegebiet Im Schachen, D-66687 Nunkirchen, Germany * e-mail: vertrieb@crydom.com
9002
Series B-2T, B-2
25-42.5 Amp * SCR/DIODE Modules * Eight Standard Circuits * For AC or DC Variable Voltage Output Up To 15KW
PART NUMBER Series Type B-Case style (Ceramic Base)
IDENTIFICATION Current Circuit Type 5 - 25 Amps 1-8 6 - 42.5 Amps (see schematic diagrams)
AC Line Voltage 1 - 120 Vac 2 - 240 Vac 3 - 280 Vac 4 - 480 Vac
Options F - Free Wheeling Diode (Circuits 1 & 2 Only) SE - External Suppressor
(-2T Only, Circuits 1-6 Only)
Case Style -2T (Standard) -2 With Isolation Barriers
Example: B512FSE-2T SERIES B-2T, B-2 CIRCUITS
B-2T
AC1 G1 G2
B-2
+ -G1 G2
B-2T
AC2 AC2
B-2
AC2 AC2
+
+ --
AC1
AC1
AC1
AC2
AC2
AC1
AC1
AC2
-+
+ + -G2
AC1
AC2
AC1
G1
G2
AC2 G2
G2
AC1
AC1
AC2
AC2
AC1
AC2
AC2
-+
+ -+ -G1 G2
AC1
AC2
AC2
G1
AC
+
--
AC1
AC2
3
AC1
7
G2
G1
G1
G2
AC2
AC1
-+
G4 G4
AC1 G1 G2
G1
G2
G1 AC
AC
+
+
4
G3 AC2 G4
8
G3
G3
G2
G2
G1
G2
+
--
--
--
AC2 G1
AC1
AC2 G1
AC1
-(c)1998 CRYDOM CORP Specifications subject to change without notice.
For recommended applications and more information contact: USA: (800) 8 CRYDOM * (800) 827-9366 * (619) 715-7200 * fax (619) 715-7280 Crydom Corp, 9525 Chesapeake Drive, San Diego, CA 92123 * e-mail: sales@crydom.com WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191 UK: (44)1202 812300 * fax (44)1202 812340 Crydom International Ltd., 85, Condor Close, Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU GERMANY: (49) (0)6874 182580 * fax (49)(0)6874 182585 Crydom GmbH, Gewerbegebiet Im Schachen, D-66687 Nunkirchen, Germany * e-mail: vertrieb@crydom.com
AC
+
--
AC
+
G2
--
+ --
--
AC
+
G1
G
AC1
2
G1
G1
G2
6
G1
G1
G1
G2
+
--
+
+
AC1
1
5
G2
G2
G1
G1
G1
G2
G2
G1
9002
FastFax Document No. 227 SERIES B2T.062498, PAGE 2 OF 2


▲Up To Search▲   

 
Price & Availability of B-2T-SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X