Part Number Hot Search : 
DTQS3 MP150 DS1402 SBL1050 CA602 54LS174 SWB403B PCK2510S
Product Description
Full Text Search
 

To Download AZ23C3V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ23C2V7 - AZ23C51
300mW DUAL SURFACE MOUNT ZENER DIODE
SPICE MODELS: AZ23C2V7 AZ23C3V0 AZ23C3V3 AZ23C3V6 AZ23C3V9 AZ23C4V3 AZ23C4V7 AZ23C5V1 AZ23C5V6 AZ23C6V2 AZ23C7V5 AZ23C8V2
AZ23C9V1 AZ23C10 AZ23C11 AZ23C12 AZ23C13 AZ23C15 AZ23C16 AZ23C18 AZ23C20 AZ23C22 AZ23C24 AZ23C27 AZ23C30 AZ23C33 AZ23C36
AZ23C39 AZ23C43 AZ23C47 AZ23C51
Features
* * * * * * Dual Zeners in Common Anode Configuration 300 mW Power Dissipation Rating Ideally Suited for Automatic Insertion D VZ For Both Diodes in One Case is 5% Common Cathode Style Available See DZ Series Also Available in Lead Free Version
TOP VIEW
SOT-23
A
Dim A B
B C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
C D E G H
M L
Mechanical Data
* * * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Also Available in Lead Free Plating (Matte Tin Finish). Please see Ordering Information, Note 5, on Page 1 Polarity: See Diagram Marking: Marking Code (See Page 2) Approx. Weight: 0.008 grams
E
D G H K J
J K L M a
All Dimensions in mm
Maximum Ratings
Power Dissipation (Note 1)
@TA = 25C unless otherwise specified Characteristic Symbol Pd RqJA Tj ,TSTG Value 300 417 -65 to +150 Unit mW C/W C
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Ordering Information
Device
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
(Type Number)-7*
* Add "-7" to the appropriate type number in Table on Page 2 example: 6.2V Zener = AZ23C6V2-7. Note: 1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above. Example: AZ23C51-7-F.
DS18003 Rev. 4 - 2
1 of 3 www.diodes.com
AZ23C2V7-AZ23C51
a Diodes Incorporated
Electrical Characteristics
@TA = 25C unless otherwise specified Maximum Zener Impedance (Note 3) ZZT @ IZT = 5.0mA Ohms 83 95 95 95 95 95 78 60 40 10 8.0 7.0 7.0 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90 100 100 100 ZZK @ IZK = 1.0mA Ohms 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 700 750 750 Min. Reverse Voltage (Note 2) @ IR = 0.1A VR (Volts) -- -- -- -- -- -- -- 0.8 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10.0 11.0 12.0 14.0 15.0 17.0 18.0 20.0 22.5 25.0 27.0 29.0 32.0 35.0 38.0
Type Number
Marking Code
Zener Voltage Range (Note 2) @ IZT = 5.0mA VZ (Volts) 2.5-2.9 2.8-3.2 3.1-3.5 3.4-3.8 3.7-4.1 4.0-4.6 4.4-5.0 4.8-5.4 5.2-6.0 5.8-6.6 6.4-7.2 7.0-7.9 7.7-8.7 8.5-9.6 9.4-10.6 10.4-11.6 11.4-12.7 12.4-14.1 13.8-15.6 15.3-17.1 16.8-19.1 18.8-21.2 20.8-23.3 22.8-25.6 25.1-28.9 28-32 31-35 34-38 37-41 40-46 44-50 48-54
Typical Temperature Coefficient TC (%/C) -0.065 -0.060 -0.055 -0.055 -0.050 -0.035 -0.015 +0.005 +0.020 +0.030 +0.045 +0.050 +0.055 +0.065 +0.065 +0.070 +0.075 +0.080 +0.080 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.110 +0.110 +0.110 +0.110
AZ23C2V7 AZ23C3V0 AZ23C3V3 AZ23C3V6 AZ23C3V9 AZ23C4V3 AZ23C4V7 AZ23C5V1 AZ23C5V6 AZ23C6V2 AZ23C6V8 AZ23C7V5 AZ23C8V2 AZ23C9V1 AZ23C10 AZ23C11 AZ23C12 AZ23C13 AZ23C15 AZ23C16 AZ23C18 AZ23C20 AZ23C22 AZ23C24 AZ23C27 AZ23C30 AZ23C33 AZ23C36 AZ23C39 AZ23C43 AZ23C47 AZ23C51 Note:
KD1 KD2 KD3 KD4 KD5 KD6 KD7 KD8 KD9 KDA KDB KDC KDD KDE KDF KDG KDH KDI KDJ KDK KDL KDM KDN KDO KDP KDQ KDR KDS KDT D30 D31 D32
2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz.
Marking Information
XXX = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4
YM
2002 N May 5
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS18003 Rev. 4 - 2
2 of 3 www.diodes.com
AZ23C2V7-AZ23C51
400
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8
C3V3
C4V7
Pd, POWER DISSIPATION (mW)
300
IZ, ZENER CURRENT (mA)
40
C8V2
30
200
20
100
10
Test Current IZ 5.0mA
0 0 100 200
0 0 1
TA, Ambient Temperature, (C)
Fig. 1 Power Derating Curve
3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
2
10
30
Tj = 25C
C10 C12
10
Tj = 25C
C39
C47 C43 C51
IZ, ZENER CURRENT (mA)
20
C15
IZ, ZENER CURRENT (mA)
8
6
Test Current IZ 5mA
C18
10
Test current IZ 5mA
C22 C27 C33 C36
4
2
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3 Zener Breakdown Characteristics 40
0 10 30 40 50 60 70 80 90 100 VZ, ZENER VOLTAGE (V) Fig. 4 Zener Breakdown Characteristics 20
1000
Tj = 25 C
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
100
VR = 1V
VR = 2V
10 1 10 100
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 5 Total Capacitance vs Nominal Zener Voltage
DS18003 Rev. 4 - 2
3 of 3 www.diodes.com
AZ23C2V7-AZ23C51


▲Up To Search▲   

 
Price & Availability of AZ23C3V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X