|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E le perT te s t p la T c tr ic a l u s o n ix ns and estM e T e s tin g s ta n d a rd M il-S td -2 0 2 th o d s . D IM E N S IO N S IN IN C H E S - D O N O T S C A L E T H IS D R A W IN G D IM E N S IO N S IN M E T R IC - [ ] .2 8 9 .0 1 0 [7 .4 3 0 .2 5 ] O R IE N T A T IO N M A R K E T IN G S A L E S D R A W IN G .2 5 0 .0 1 5 [6 .3 5 0 .3 8 ] C IR C U IT # 1 8 A W G (.0 4 0 [1 .0 2 ) D IA . C O P P E R , S T A N D A R D F IN IS H : 6 0 /4 0 S O L D E R T IN N E D R o H S F IN IS H : 9 5 .5 S n / 3 .8 A g / 0 .7 C u S O L D E R T IN N E D .6 8 7 [1 7 .4 5 ] .1 8 7 .0 1 5 [4 .7 5 0 .3 8 ] .2 8 1 .0 1 5 [7 .1 4 0 .3 8 ] .7 8 1 [1 9 .8 4 ] # 1 2 -3 2 U N E F -2 A B R A S S , S IL V E R P L A T E D NOTES 1. SU P 2. TU S TUS CUS 3. PAR STA PL ON ON TO TM ND : IE D W IX S T IX R MER ARK ARD IT H S IL ANDAR oH S C O MUST S IN G : T R PAR T:B VE DP MP PE AD LA RP AR L IA C IF EM CK LATE TNU NTP Y ST ARK IN K . DH MBE ART AND AND RoH EX NU R :42 NUM ARD VAR S PA T AN 0 2 -0 2 BER: OR R IA T IO R T:G DL 7. 42 oH NN RE S OCK W ASHER. 0 2 -0 P UM EN 27 AR BE IN K LF. T N U M B E R W H E N O R D E R IN G . R O N HEX FLATS. . M IN IM U M N O L O A D IN S E R T IO N L O S S (d B ) A T 2 5 C P E R M IL -S T D -2 2 0 10 MHz 5 100 MHz 50 T itle CAP. (p F ) 2500 M IN . A D D E D N O T E S 2 , 3 , M E T R IC , IR & D W V . S .M . 0 5 -1 9 -0 5 W O R K IN G VO LTAG E (V D C ) 8 5 C 500 1 1 2 5 C 350 CURRENT (Id c ) 15A I.R . M IN . @ 1 0 0 (V D C .) 10 G 9 DW V (V D C ) 1200 1 GHz 70 10 GHz 70 R E V IS IO N R E C O R D O r ig in a l R e le a s e 0 C .O . 1 9 9 8 0 3 2 4 -5 -0 1 --T O L E R A N C E S -U n le s s O th e r w is e S p e c ifie d D E C IM A L .0 3 1 [0 .7 9 ] ANGLES B U S H IN G S T Y L E E M I F IL T E R D ra w n A p p ro v e d S .M . 0 3 -2 6 -9 8 H .R . 0 3 -2 6 -9 8 S c a le 3X X -2 0 1 5 R e v -0 2 0 0 5 0 5 0 3 -6 -1 6 T U C S O N , A R IZ O N A A 4 2 0 2 -0 2 7 |
Price & Availability of 4202-027 |