Part Number Hot Search : 
NTE2415 LV100 DGGWQ SAM3U C100LV ZMM5250 ECCM9 ACVF10
Product Description
Full Text Search
 

To Download 4201-098 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E le perT te s t p la T
c tr ic a l u s o n ix ns and estM e
T e s tin g s ta n d a rd M il-S td -2 0 2 th o d s .
D IM E N S IO N S IN IN C H E S - D O N O T S C A L E T H IS D R A W IN G D IM E N S IO N S IN M E T R IC - [ ] O R IE N T A T IO N
M A R K E T IN G
S A L E S D R A W IN G
.1 8 7 .0 1 5 [4 .7 5 0 .3 8 ]
C IR C U IT
.2 7 3 .0 3 1 [6 .9 3 0 .7 9 ]
.0 9 3 .0 1 5 [2 .3 6 0 .3 8 ]
.2 6 6 .0 1 5 [6 .7 6 0 .3 8 ]
.8 9 0 .0 3 1 [2 2 .6 1 0 .7 9 ]
# 8 -3 2 U N C -2 A S IL V E R P L A T E D BRASS # 2 0 A W G (.0 SO LDER C COPP SEE NO 3 2 [0 .8 1 ]) OATED ER TE 3.
NOTE 1. SU HE 2. TU TU CU 3. LE 4. PA ST
S: P P L IE D W IT H S IL X N U T AN D LO C K S O N IX S T A N D A R S O N IX R o H S C O STOM ER M UST S A D F IN IS H : S T A N R T M A R K IN G : T R AN D AR D PAR T:B M IN . CAP. (p F ) 5 ,5 0 0
VER WA D PA MPL PEC DAR ADE LAC
PLATE SHER. RTNU IA N T P IF Y S T D PAR MARK K IN K .
D M BER :42 ART NUM ANDARD T # : 6 0 /4 0 AND VAR RoHS PA CURRENT (A d c ) 10 0 1 -0 9 BER: OR R S n /4 0 IA T IO R T:G 8. 42 oH Pb NN RE S 0 1 -0 9 8 L F PART N . RoHS P UMBER O E N IN K . .
U M B E R W H E N O R D E R IN G . A R T # : 9 5 .5 S n /3 .8 A g /0 .7 C u . N HEX FLATS. M IN IM U M N O L O A D IN S E R T IO N L O S S (d B ) A T 2 5 C P E R M IL -S T D -2 2 0 10 MHz 14 100 MHz 55
T itle
W O R K IN G VO LTAG E (W V d c ) 8 5 C 200 1 2 5 C 100
I.R . M IN . @ 1 0 0 (V D C .) 10 G 9
DW V (V D C ) 400
1 GHz 70
10 GHz 70
N O T E S . S .M . 0 8 -0 1 -0 5
RECORD
--T O L E R A N C E S -U n le s s O th e r w is e S p e c ifie d D E C IM A L ANGLES
-1 -0 4
2 0 0 5 0 7 2 6 -2 -5 0
B U S H IN G M O U N T PITYPE E M I F IL T E R
L .E . 0 2 -0 6 -0 4 T .C . 0 2 -0 6 -0 4 S c a le 4X
0
1
X -2 0 1 5 R e v -0 R E V IS IO N
O r ig in a l R e le a s e C .O . 2 0 0 4 0 2 0 5
D ra w n A p p ro v e d
T U C S O N , A R IZ O N A
A
ADDED
4 2 0 1 -0 9 8


▲Up To Search▲   

 
Price & Availability of 4201-098

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X