Part Number Hot Search : 
ZUR53W C3030 LP2951CM 4M32M 03B9D B4060 DSP56855 597K6FK
Product Description
Full Text Search
 

To Download 415-215-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Models 415-215 and 425-252 Voltsensors
Description
For process control systems and manufacturing test equipment, here is a complete Voltsensor system in a single package--no external components needed, just connect it to 115 VAC for power. These modules contain a DC power supply, reference voltage, adjustable setpoint, and the output is a DPDT relay. A LED indicator shows output status. The relay changes state as the DC input voltage varies around the set point. Because the unit has its own built-in power supply and the output is a set of relay contacts, you can apply floating inputs with voltages of up to 1500V above the AC line neutral. This isolation makes it feasible to connect ungrounded thermocouples directly to the amplifier inputs. The modules are epoxy potted for ruggedness and they can operate over a temperature range of 0 to 50C. The inputs are protected against damage due to overvoltage. When you need an alarm or control circuit in a rugged industrial environment where 15VDC power is not readily available, then these Voltsensors are an excellent choice. Small process control systems involving temperature control, weighing, and monitoring can easily be designed using these reliable, lowcost modules. No complicated wiring, simply connect input and output with a screwdriver and the control system is ready to operate.
Model 425-252
Model 425-252 has a trip range of -14VDC to +14VDC relative to the module common. Hysteresis is adjustable from 50 mV to 1 Volt, and sensitivity is 1 mV, so this module should be used on signals with several volts of amplitude. The input signal can be floating and the isolation from AC neutral is 500 megohm paralleled by 250 pF. With the latching jumper removed, the module will latch when the relay goes to the energized state. The latching state is broken by interrupting the AC line voltage to the module or momentarily reconnecting the latch jumper. Turning the set point adjustment potentiometer clockwise makes the set point more positive. Turning the hysteresis adjustment potentiometer clockwise increases the voltage difference between pull in and drop out.
Model 415-215
Model 415-215 is designed to accept low-level signals, such as strain-gage bridge outputs and floating thermocouple signals. Trip point range is 100mV relative to the module common. The input signal can have up to 6V common-mode voltage relative to module common, and all three input leads are isolated from ground (500 megohm in parallel with 200 pF). Floating inputs with voltages up to 1500V above the AC line neutral can be accommodated by this module. Latching and adjustable hysteresis from 50 V to 1 mV operate in the same manner as the 425-252.
A
FIGURE 1-a. Simplified Block Diagram, Model 425-252 Turning the set point adjustment potentiometer clockwise makes the set point more positive. Turning the hysteresis adjustment potentiometer clockwise increases the voltage difference between pull in and drop out.
FIGURE 1-b. Simplified Block Diagram, Model 415-215
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
1
Models 415-215 and 425-252 Voltsensors
Specifications
Model Input Trip Point Range Trip Point Stability Sensitivity & Repeatability ON/OFF Differential (Hysteresis or dead band) Adjustable Input Impedance Differential Common-Mode (Relative to AC In) Max. Input Voltage Relative to Module Common Relative to AC Input Neutral Output Rating Relay Contacts (DPDT) (Resistive Load) Response Time Relay Pull-in Time Relay Relax Time Pow er Requirements Temperature Range Siz e Inches Centimeters Weight 30 ms 10 ms 100,115,220,230, or 240 VAC, 50 - 440 Hz (3 Watts) Add voltage to model # (ex. 425-252-230) 0 - 50C 3.75" x 2.0" x 2.87" 9.53 x 5.1 x 7.62 18 oz. (510gm) 200V 1500V 5A @ 26 V D C 3A @ 115 VAC 2A @ 220 VAC 25V 1500V 425-252 -14V to +14V 100 mV/C 1 mV 50 mV to 1V 100 kohm 500M 250 pF 415-215 -100 mV to +100mV [1] 5 mV/C 20 mV 50 mV to 1 mV 10 megohm 500M 250 pF
[1] Differential input range of -100 mV range with common-mode voltage of up to +6V relative to the module common.
Operation
The Industrial Voltsensors consist of a DC power supply, reference voltage, adjustable set-point comparator, and DPDT relay-all in a rugged epoxy-potted module. As shown in Figures 1-a and 1-b, 115VAC is rectified to power the comparator and provide a reference voltage for the set point. This set point is adjustable by means of a multi-turn, highresolution cermet pot located next to the barrier strip. The comparator consists of a differential amplifier (415-215 only), summing network, buffer amplifier, DC amplifier, trigger circuit and an emitter follower which provides the necessary output to drive the DPDT relay. An LED indicates when the relay is energized. Output logic of the Models 425-252 and 415-215 is shown in Figure 2. The relay is energized in both units when the input voltage is more positive than the set voltage. Failsafe operation is achieved by operating the unit with the relay normally energized. This way a change in relay state will occur if the input voltage drops below the set voltage or if
Model 425-252 Operation
115VAC power is suddenly lost. By exchanging the input signal leads, the output logic can be reversed on the 425-252. The relay would then be energized when the input voltage is more negative than the set voltage. The module common is isolated from ground so either signal input can be designated as the system common.
Latching
Both models can be operated as latching units. When the input voltage is more positive than the set voltage for no less than 10msec the relay will latch in the energized state. The relay will remain latched even if the output voltage becomes more negative than the set voltage. To unlatch the relay, the AC line voltage to the unit must be interrupted for at least 100msec or the jumper reconnected, and the input voltage must be more negative than the set voltage. An external switch can be used in place of the latch jumper for ease of resetting.
A
Model 415-215 Operation
NOTE: With latching option, relay latched in energized state.
FIGURE 2. Output Logic
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
2
Models 415-215 and 425-252 Voltsensors
ON/OFF Differential (Hysteresis)
Both units have adjustable ON/OFF differential (hysteresis or dead band). This is the difference between the voltage at which the unit switches on with a positive going signal and the voltage at which the unit switches off with the same signal going in the opposite direction back through the set point. The hysteresis is adjustable from 50 mV to 1 V on the Model 425252 and 50 V to 1 mV on the Model 415-215. Increasing the hysteresis (turning the pot clockwise) will provide improved noise immunity at the expense of lesser sensitivity.
Input Impedance
Differential Input Impedance is defined as the impedance between the two input terminals. Common-Mode Input Impedance, in the case of the Industrial Voltsensors, is defined as the impedance between the shorted input terminals and AC input neutral. This impedance is essentially the power transformer impedance, as shown in Figure 1. Because of the built-in power supply and relay output, floating inputs with voltages up to 1500V above or below the AC line neutral can be accommodated by this module.
Applications
Mechanical Specifications
Model 415-215
Inputs are exchanged to obtain reverse output logic.
FIGURE 3. Two Models, 425-252, Connected as a Single Input, Dual Set Point, Dual Output Window Comparator.
Model 425-252
A
FIGURE 4. Model 415-215 Connected as a Bridge Amplifier and Comparator.
Installation
All connections can be made to the terminal strips with a screwdriver. Mounting hardware is supplied with each unit. This hardware consists of two #10-32, 3-inch long screws and mating #10-32 nuts and washers. To adjust the set point, an input signal is connected to the Voltsensor. The input is then adjusted to the desired set point voltage and the Voltsensor pot is turned until the relay changes state (LED goes on or off).
Mounting hardware and latch jumpers are supplied with each module.
Manufacturing Company, Inc. * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
3


▲Up To Search▲   

 
Price & Availability of 415-215-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X