Part Number Hot Search : 
L7805T AN731 IS42S CD4514 AD100 S0400 ANTXV 12011
Product Description
Full Text Search
 

To Download 4-1542002-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8
7
6
5
4
3
LTR O
2
1
REVISION(S)
DESCRIPTION ECN: 0S60-0055-04 ECR-06-021171 INIT E.T 9/6/06 APP'D V.K 9/6/06 E.T 03/09/04 S.D 03/11/04
D
2
PIN-FIN HS: 1.376 DIA. 0.500 HT.
1. MATERIAL:
A
D
HEAT SINK: ALUM. (BLACK ANODIZE) CLIP: BLACK PEI (UL94-VO) 2. BEFORE THE HEATSINK APPLICATION, THE USER SHOULD IDENTIFY THE SPECIFICATION OF MAXIMUM LOAD ON THE BGA PACKAGE.
3
1
4-LEG CLIP SIZE: 35mm
HEATSINK TORQUE SPECIFICATIONS CONVERTED TO FORCE. BARE DIE PACKAGE: 2.0 POUND-FORCE INCH TORQUE = 8.1 POUND-FORCE (0.23 NEWTON METER TORQUE = 36.03 NEWTON)
C
2.5 POUND-FORCE INCH TORQUE = 10.1 POUND-FORCE (0.28 NEWTON METER TORQUE = 44.93 NEWTON)
C
.012.002
FULL SIZE LID PACKAGE: 2.0 POUND-FORCE INCH TORQUE = 6.9 POUND-FORCE (0.23 NEWTON METER TORQUE = 30.69 NEWTON)
1.376.020 B .095 .370 MAX .238.005
DETAIL A SCALE =6X
2.5 POUND-FORCE INCH TORQUE = 8.7 POUND-FORCE (0.28 NEWTON METER TORQUE = 38.70 NEWTON) 3. REMOVE CLIP WITH REMOVAL TOOL P/N: 1542616-1 4. RoHS COMPLIANT AND CERTIFIED.
B
.500 1 - 27 UNS - 2A THREAD 1.390 SECTION B-B
B
A B .108.005 1.384 LIP LEG 1.474
ITEM
1 2 3
8 7
DESCRIPTION
MOUNTING CLIP HEAT SINK INTERFACE
QTY
1 1 1
DO NOT SCALE
A
Power 5 Watts 10 Watts 15 Watts
C/W @ C/W @ C/W @ C/W @ Ambient 200 LFM 400 LFM 600 LFM 10.22 5.74 4.45 3.20 9.44 5.88 4.59 3.39 8.76 5.82 4.65 3.49
DRAWN BY: DATE
CUSTOMER DRAWING
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
CONFIDENTIAL PROPERTY OF TYCO ELECTRONICS. NOT TO BE DISCLOSED TO OTHERS. REPRODUCED OR USED FOR ANY PURPOSES EXCEPT AS AUTHORIZED IN WRITING BY AN AUTHORIZED OFFICIAL OF TYCO. MUST BE RETURNED TO TYCO ON DEMAND, ON COMPLETION OF ORDERS OR OTHER PURPOSES FOR WHICH LENT. DIMENSONS ARE IN:
TITLE:
A 35mm HEATSINK ASSEMBLY (HTS430NF-U)
UNLESS OTHERWISE SPECIFIED TOLERANCES ARE: .XX .XXX .XXXX ANGLES . . .
MATERIAL: 03/09/04 SEE NOTE
FINISH:
E.TAO
ENGINEER: DATE
S.DELPRETE
FILENAME PROJECT
03/11/04
SYSTEM
INCHES SEE NOTE
TNIRD ANGLE PROJECTION
SCALE: 1.5:1 SIZE:
PART NO:
4-1542002-7
SHEET:
1 OF 1
REV:
A
DWG. NO.
C-4-1542002-7
A


▲Up To Search▲   

 
Price & Availability of 4-1542002-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X