Part Number Hot Search : 
PT21737 201121B PC4002L WMF2M8 TB25NM 201121B C2530 LTC5336E
Product Description
Full Text Search
 

To Download 39355-0016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 02/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Replacement Part Number: Documents: Drawing (PDF)
0393550016 Obsolete
3.5mm (.138") BeauTM EurostyleTM Right Angle PCB Header, Closed Ends, 16 Circuits http://www.molex.com/molex/products/listview.jsp? channel=Products&sType=p&query=039502101639502-1016
Product Literature (PDF) Series Terminal Blocks 39355 Wire-to-Board Available in green, blue or orange and gold plated contacts PCB Header EurostyleTMPluggable 39502-1016 Euro Block image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Name Replacement Part Number Type
Physical
Circuits (Loaded) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG 16 Black N/A 94V-0 None Tin Tin High Temperature Thermoplastic Right Angle 0.136 In 3.45 mm N/A No 0.138 In 3.50 mm 150 3.75 150 3.75 Yes Closed Ends No 140C N/A
Search Parts in this Series 39355Series Mates With 39351 Plugs
Electrical
Current - Maximum UL Voltage - Maximum 10A E48521 300V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 351916
Reference - Drawing Numbers
Sales Drawing SD-39355-001
This document was generated on 02/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 39355-0016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X