Part Number Hot Search : 
ELECTRON AX4145E 402C2293 UPD72 2310ANZ 5A400 110000 ASI10603
Product Description
Full Text Search
 

To Download 2N3904-T18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3904-T18
MECHANICAL DATA
Dimensions in mm (inches)
5.84 (0.230) 5.31 (0.209) 4.95 (0.195) 4.52 (0.178)
5.33 (0.210) 4.32 (0.170)
GENERAL PURPOSE HERMETIC NPN SILICON TRANSISTOR
FEATURES
* * * * SILICON NPN EPITAXIAL TRANSISTOR HERMETIC TO18 PACKAGE HI-REL SCREENING OPTIONS AVAILABLE HIGH SPEED SATURATED SWITCHING
0.48 (0.019) 0.41 (0.016) dia.
2.54 (0.100) Nom.
12.7 (0.500) min.
APPLICATIONS
3 2 1
TO-18 (TO-206AA)
Pin 1 - Emitter Underside View Pin 2 - Base Pin 3 - Collector
A hermetically sealed TO18 version of the popular 2N3904 plastic part intended for high reliability applications.
ABSOLUTE MAXIMUM RATINGS T
VCBO VCEO VEBO IC PD TJ / Stg
CASE
= 25 C unless otherwise stated
Collector - Base Voltage Collector - Emitter Voltage (IB = 0) Emitter - Base Voltage (IC = 0) Continuous Collector Current Total Power Dissipation at TA = 25C Derate Above 25C Operating and Storage Temperature Range
60V 40V 6.0V 200mA 0.31W 1.8mW/C -65 to +200C
THERMAL DATA
RJA Thermal Resistance Junction - Ambient Max 565 C/W
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 8022, ISSUE 1
2N3904-T18
ELECTRICAL CHARACTERISTICS (T
Symbol V(BR)CEO* V(BR)CBO V(BR)EBO ICEX Parameter Collector Emitter Breakdown Voltage Collector Base Breakdown Voltage Emitter Base Breakdown Voltage Collector Emitter Cut-Off Current =25C unless otherwise stated) Min. IB = 0 IE = 0 IC = 0 VEB = 3V VCE = 1.0V VCE = 1.0V VCE = 1.0V VCE = 1.0V VCE = 1.0V VCE = 10V IB = 1.0mA IB = 5.0mA IB = 1.0mA IB = 5.0mA 40 60 6 40 70 100 60 30 100 0.65 Typ. Max. 50 300 400 0.2 0.3 V 0.85 0.95 nA V Unit
case
Test Conditions IC = 1.0mA IC = 10A IE = 10A VCE = 30V IC = 0.1mA IC = 1.0mA
hFE*
DC Current Gain (VCE = 10V)
IC = 10mA IC = 50mA IC = 100mA
hfe VCE(sat)*
Small Signal Current Gain f=1.0KHz Collector-Emitter Saturation Voltage
IC = 1.0mA IC = 10mA IC = 50mA
VBE(sat)*
Base-Emitter Saturation Voltage
IC = 10mA IC = 50mA
DYNAMIC CHARACTERISTICS (T
fT Cobo CIBO Current Gain - Bandwidth Product
case
=25C unless otherwise stated) VCE = 20V VCB = 5V VEB = 0.5V 300 MHz
IC = 10mA f = 100MHz IE = 0 f = 1.0MHz IC = 0 f = 1.0MHz IC = 100A f = 1.0KHz
Output Capacitance
-
-
4 pF
Input Capacitance
-
-
8
NF td tr ts tf
Noise Figure Delay Time Rise Time
!
VCE = 5V RS = 1K VBE = 0.5V IB1 = 1.0mA VBE = 0.5V IB1=IB2= 1.0mA
-
-
5 35 35
dB
VCC = 3V IC = 10mA VCC = 3V IC = 10mA
ns 200 50
Storage Time Fall Time
* Pulse test tp = 300s, < 2% ! Parameter characteristic verified by design only
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 8022, ISSUE 1


▲Up To Search▲   

 
Price & Availability of 2N3904-T18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X