Part Number Hot Search : 
500J0 USA3D E1307 RF120 1H221 CY621 USM6G48A GM78L00
Product Description
Full Text Search
 

To Download 160-012-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERIES 160
Performance Data
Interrupting Capacity: Endurance: Overload Cycling: Dielectric Strength: Insulation Resistance: Voltage Drop: Vibration: Shock:
MS25361
Compact Protection For Higher Current Ratings
6,000 amps at 30V, DC. 3,500 amps at 120V, 400 Hz., AC At 120VAC, 400 Hz.: inductive load--5,000 cycles; resistive load--5,000 cycles; at 30V, DC: inductive load--2,500 cycles; resistive load--5,000 cycles; mechanical cycling, no load--5,000 cycles 100 operations at 200% rated current and rated voltage At sea level, 25C 1,500V, AC. At 70,000 ft., 71C 500V, AC Not less than 100 megohms at 500V, DC 0.15V, maximum Meets specification MIL. STD. 202, Method 204, Condition A-10g, 10-500 Hz. MS "V" type series (160-086) meets Condition B 15g, 10-2,000 Hz., and Condition C 10g 10-2,000 Hz. (Random vibration also available) Exceeds 30 g's, 11 Millisec (half-sine pulse) MIL STD. 202, Method 213 Test J Exceeds 10 g's 113 grams (0.25 lbs.)
Single-Pole High Performance Protection For Heavy-Duty Systems: Protects circuits from 50 to 100 amps s Heavy-Duty Construction: Breaker features large contacts and wide terminals s Not Sensitive To Frequency: May be used on either AC or DC circuits s Qualified: To MIL-C-5809 and MS25361 Designed to protect heavy-duty aircraft and non-aircraft electrical systems, this trip-free breaker features separate, durable, overload and mechanical latches. In addition, the overload latch is designed for precise operation. Extra heavy contacts are spring-loaded to maintain high-contact pressure and assure long life. Contact material has high resistance to arcing and the corrosive action of moisture--thus assuring low voltage drop throughout the life of the breaker. The 160 series is the only heavy-duty aircraft-type circuit breaker available in the 50 to 100 ampere rating range.
s s
Acceleration: Weight:
Overload Calibration Data
Specification Table MIN Must Hold Must Trip 200% Overload 400% Overload 600% Overload 105 -- 15 2 1 MAX -- 138 65 10 4 MIN 70 -- -- -- -- MAX -- 125 -- -- -- MIN 125 -- -- -- -- MAX -- 165 -- -- -- % For 1 Hour % Within 1 Hour Seconds Seconds Seconds @ 25C @ +71C @ -40C Test Time Parameters
Trip curve available - consult factory
Dimensions
Ordering Information
Part Numbers Ampere Rating (XX) 50 60 70 75 80 90
Mechanical Products, Inc. 1824 River Street P.O. Box 729 Jackson, MI 49204 (517) 782-0391 FAX (517) 782-2810
MS No. Example
Voltage Drop Max.* 0.15 0.15 0.15 0.15 0.15 0.15 0.15
Standard Unit MS25361-(XX) 160-012-50 160-012-60 160-012-70 160-012-75 160-012-80 160-012-90 160-012-100
High Vibration MS25361-(XX)V 160-086-50 160-086-60 160-086-70 160-086-75 160-086-80 160-086-90 160-086-100
100
*At rated nominal current. For other amp ratings, consult factory.
(c)Copyright 1995, Mechanical Products, Inc. All Rights Reserved.
SERIES 160
(MS25361 OF MIL-C-5809) PERCENTAGE OF CURCUIT BREAKER'S RATED CURRENT
Compact Protection For Higher Current Ratings
Designed to protect heavy-duty aircraft and non-aircraft electrical systems, this trip-free breaker features separate, durable, overload and mechanical latches. The 160 series is the only heavy-duty aircraft-type circuit breaker available in the 50 to 100 ampere rating range.
TIME TO OPEN (TRIP) IN SECONDS
Overload Calibration Data
Specification Table MIN Must Hold Must Trip 200% Overload 400% Overload 600% Overload 105 -- 15 2 1 MAX -- 138 65 10 4 MIN 70 -- -- -- -- MAX -- 125 -- -- -- MIN 125 -- -- -- -- MAX -- 165 -- -- -- % For 1 Hour % Within 1 Hour Seconds Seconds Seconds @ 25C @ +71C @ -40C Test Time Parameters
Mechanical Products, Inc. 1824 River Street, P.O. Box 729, Jackson, MI 49204 (517) 782-0391, FAX (517) 782-2810
SERIES 160 Dimensions
Mechanical Products, Inc. 1824 River Street, P.O. Box 729, Jackson, MI 49204 (517) 782-0391, FAX (517) 782-2810
(c)Copyright 1995, Mechanical Products, Inc. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of 160-012-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X