Part Number Hot Search : 
9MSGWY6E PN313B X0405NE 2N3898 CTAF01TK 85EPS HSM106 U1898
Product Description
Full Text Search
 

To Download 100C0614 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F E AT U R E S D C - 4 50 MHz 20 Watts CW Non-Reflective SMA Connectors
MODEL NO. 100C0614
SP 5T RE L AY
SP5T
.08
2.836 .62 (TYP)
SMA FEMALE (6 PLACES) .093 DIA Thru 4 Holes 1 J4 J5 1.50 .03 50 50 50 50 50 J1 2 J2 3 J3 4 J4 5 J5
.08 J1 J2 J3
*
*
*
*
*
1.336
J6 SOLDER TERMINAL (6 PLACES) 3.00 .03 PART IDENTIFICATION 6 +V COM
* *
* *
*
* *
*
* *
*
*
J6 .22 TYP 1 2 3 .xx = .02 .xxx = .010 4 5 6 .62 .03
GUARANTEED PERFORM ANCE
Parameter Min Typ Max Units
DC 0.35 0.5 70 60 1.15/1 1.3/1 50 450 0.4 0.6 MHz dB dB dB dB See Table DC - 250 MHz 250 - 450 MHz DC - 250 MHz 250 - 450 MHz DC - 250 MHz 250 - 450 MHz
Conditions
I.L. (dB)
VSWR
ISO (dB)
T YP I CA L P E R F OR MA NC E
at 25 C
Operating Frequency DC Voltage Insertion Loss Isolation VSWR
Thru
1.8
0.8
120
60 50
1.2/1 1.4/1 5 20 +85
1.6
0.6
90 ISO
1.4
0.4
60
Impedance Switching Speed RF Power Operate Operating Temperature -55
+25
OHMS mSEC W CW C TA
I. LOSS 1.2 0.2 30
VSWR 1.0 0 0 1 4 40 100 10 FREQUENCY (MHz) 400 1000
CONTROL VOLTAGE TABLE Voltage Current - Typical 6 65 mA per throw 12 32 mA per throw 18 21 mA per throw 26 17 mA per throw
PART NO. EXAMPLE - SEE TABLE 100C0614 - 26 Dash No. same Basic as coil voltage Part Number
DA I C O In d u s t r i e s


▲Up To Search▲   

 
Price & Availability of 100C0614

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X