Part Number Hot Search : 
7C09169 R2004 FP402 YD5901 SDS7000 PI74A BPW46L SA103
Product Description
Full Text Search
 

To Download ZUMT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT323 NPN SILICON PLANAR SWITCHING TRANSISTOR
ISSUE 1 - NOVEMBER 1998 FEATURES * Fast switching PARTMARKING DETAIL COMPLEMENTARY TYPE - T16 - ZUMT2907A
ZUMT2222A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC Ptot Tj:Tstg MAX. UNIT V V V 10 10 10 10 0.3 1.0 0.6 35 50 75 35 100 50 40 1.2 2.0 nA A nA nA V V V V VALUE 75 40 6 600 330 -55 to +150 UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
www..com
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transfer Ratio
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO ICEX VCE(sat) VBE(sat) hFE
MIN. 75 40 6
CONDITIONS. IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VCB=60V, IE=0, Tamb=150C VEB=3V, IC=0 VCE=60V, VEB(off)=3V IC=150mA, IB=15mA* IC=500mA, IB=50mA* IC=150mA, IB=15mA* IC=500mA, IB=50mA* IC=0.1mA, VCE=10V* IC=1mA, VCE=10V IC=10mA, VCE=10V* IC=10mA, VCE=10V, Tamb=-55C IC=150mA, VCE=10V* IC=150mA, VCE=1V* IC=500mA, VCE=10V*
300
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for this device
ZUMT2222A
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Transition Frequency Output Capacitance Input Capacitance Delay Time Rise Time Storage Time Fall Time SYMBOL fT Cobo Cibo td tr ts tf MIN. 300 MAX. UNIT MHz pF pF ns ns ns ns CONDITIONS. IC=20mA, VCE=20V f=100MHz VCB=10V, IE=0, f=140KHz VEB=0.5V, IC=0 f=140KHz VCC=30V, VBE(off) =0.5V IC=150mA, IB1=15mA (See Delay Test Circuit) VCC=30V, IC=150mA IB1= IB2=15mA (See Storage Test Circuit)
8 25 10 25 225 60
DELAY AND RISE - TEST CIRCUIT
+30V
Generator rise time <2ns Pulse width (t1)<200ns Duty cycle = 2%
619 9.9V
200
0 0.5V
Scope: Rin > 100 k Cin < 12 pF Rise Time < 5 ns
STORAGE TIME AND FALL TIME - TEST CIRCUIT
+30V
=100s <5ns +16.2 V
0
1K
1N916
-13.8 V
-3V
Scope: Rin > 100 k Cin < 12 pF Rise Time < 5 ns
=500s
Duty cycle = 2%


▲Up To Search▲   

 
Price & Availability of ZUMT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X