Part Number Hot Search : 
TMG10C80 HER108 18N65 AD7868BR UCA6430N C1417CG MEAPGS CSND691
Product Description
Full Text Search
 

To Download VD5028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ENCODER / DECODER 4 / VD5026/5027/5028 ----------------------------------------------------------------------------------------------------------------1.0 FEATURES Wide operating voltage (2 - 6V) Low standby power consumption On-chip RC oscillator, no crystal required Four time transmission with polarity checking Maximum of 4,194,304 combinations encoding capability Minimize external components Easy interface with RF, Ultrasonic or Infrared transmission Media Bonding option available to maximize encoding capacity possible addressing states. (0, 1, open and 4th state)
www..com 2.0 ELECTRICAL CHARACTERISTICS
(2 - 6V) , 4 4,194,304 RF, , 4 (0, with 4 4th),
VDD = 5V, TA = 25
(unless otherwise specified ) LIMITS SYMBOL MIN TYP 5 MAX 6 0.6 400 0.19 72 25 V A A mA mA
KHz
PARAMETER
UNIT
Operating Voltage Standby Current Operating Current Output Voltage High Output Voltage Low Frequency Source Current (VOH = 4V) Sink Current (VOL = 1V) Input Current
VDD ISB IDD |VOH| VOL FREQ Ioh Iol Iin (TE)
2 4.0 45 -2.0 2.0 -
mA mA A
3.0 APPLICATION Security systems Theft alarm systems Cordless telephone Smoke and fire alarm systems TV GAME remote controllers Garage door controller Other remote control systems (TOYS, TV ...)
ENCODER / DECODER 4 / VD5026/5027/5028 ----------------------------------------------------------------------------------------------------------------4.0 APPLICATION INFORMATION Three state Operation
RX
VDD VT
VD5028-3
DI
VDD DO
TX
www..com
The IC substrate should be connected to VDD. VDD
VD5026-3
TE
RX
VDD VT
VD5027-3
DI D3 D2 D1 D0


▲Up To Search▲   

 
Price & Availability of VD5028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X