Part Number Hot Search : 
STEVA 1N6327US S012K R5150 BBY62 DB300S 2PFT2 NLX1G11
Product Description
Full Text Search
 

To Download SSG4575 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSG4575
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
RoHS Compliant Product
N Channel 6A, 60V,RDS(ON) 36m[ P Channel -4.2A, - 60V,RDS(ON) 72m[
SOP-8
Description
0.40 0.90 0.19 0.25
45
o
The SSG4575 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial industrial surface mount application and suited for low voltage applications such as DC/DC converters.
0.35 0.49 1.27Typ.
0.375 REF
6.20 5.80 0.25 3.80 4.00
4.80 5.00
0.10~0.25
0 o 8
o
1.35 1.75
Features
* Simple Drive Requirement * Lower On-resistance
D1 8 D1 7 D2 6 D2 5
Dimensions in millimeters
D1
D2
* Fast Switching Performance
Date Code
4575SS
G1 S1 G2
1 S1
2 G1
3 S2
4 G2
S2
Absolute Maximum Ratings
Parameter
Drain-Source Voltage
www..com Gate-Source Voltage
Symbol
VDS VGS
Ratings N-Channel
60
20
P-Channel
-60
20 -4.2 -3.3 -30 2
Unit
V V A A A W
W/ C
o o
Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1
3
ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o
o
6 4.7 30
3
Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
0.016
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient
3
Symbol
Rthj-a
Ratings
62.5
Unit
o
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 7
SSG4575
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
o
N Channel 6A, 60V,RDS(ON) 36m[ P Channel -4.2A, - 60V,RDS(ON) 72m[
Electrical Characteristics N Channel( Tj=25 C
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25oC) Drain-Source Leakage Current (Tj=70 C) Static Drain-Source On-Resistance 2
o
Unless otherwise specified)
Typ.
_
Symbol
BVDSS BVDS/ Tj
Min.
60
_
Max.
_
_
Unit
V V/ C V nA uA uA
o
Test Condition
VGS=0V, ID=250uA Reference to 25 C, ID=1mA VDS=VGS, ID=250uA VGS= 20V VDS=60V,VGS=0 VDS=48V,VGS=0 VGS=10V, ID=5A VGS=4.5V, ID=3A
o
0.04
_ _ _ _ _ _
VGS(th) IGSS
IDSS
1.0
_ _ _ _
3.0
100
1 25 36 42 29
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _ _ _ _ _ _ _ _
m [
Total Gate Charge
2
18 5 10 10 6 32 10 1670 160 117 8
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time 2 Rise Time Turn-off Delay Time Fall Time www..com Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
nC
ID=5A VDS=48V VGS=4.5V
_
_ _ _
VDD=30V ID=1A nS VGS=10V RG=3.3[ RD=30 [
2670
_ _
pF
VGS=0V VDS=25V f=1.0MHz
_
_
S
VDS=10V, ID=4A
Source-Drain Diode
Parameter
Forward On Voltage 2
Reverse Recovery Time 2 Reverse Recovery Charge
Symbol
VDS
Trr Qrr
Min.
_
Typ.
_
Max.
1.2
Unit
V
Test Condition
IS=1.7A, VGS=0V.
Is= 5A, VGS=0V dl/dt=100A/uS
_ _
34 48
_ _
nS nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. o 3.Surface mounted on 1 in 2 copper pad of FR4 board; 135 C/W when mounted on Min. copper pad.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 7
SSG4575
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
o
N Channel 6A, 60V,RDS(ON) 36m[ P Channel -4.2A, - 60V,RDS(ON) 72m[
Electrical Characteristics P-Channel( Tj=25 C
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C) Static Drain-Source On-Resistance2
o o
Unless otherwise specified)
Typ.
_
Symbo
BVDSS BVDS/ Tj
Min.
-60
_
Max.
_ _
Unit
V V/ C V nA uA uA
o
Test Condition
VGS=0V, ID=-250uA Reference to 25 C, ID=-1mA VDS=VGS, ID=-250uA VGS= 20V VDS=-60V,VGS=0 VDS=-48V,VGS=0 VGS=-10V, ID=-4A VGS=-4.5V, ID=-3A
o
-0.04
_ _ _ _ _ _
VGS(th) IGSS
IDSS
-1.0
_ _ _ _
-3.0
100
-1 -25 72 88 34
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _ _ _ _ _ _ _ _
m [
Total Gate Charge
2
21 5 9 12 6 82 36 1780 157 130 6
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time 2 Rise Time Turn-off Delay Time Fall Time www..com Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
nC
ID=-4A VDS=-48V VGS=-4.5V
_
_ _ _
VDS=-30V ID=-1A nS VGS=-10V RG=3.3[ RD=30[
2850
_ _
pF
VGS=0V VDS=-25V f=1.0MHz
_
_
S
VDS=-10V, ID=-4A
Source-Drain Diode
Parameter
Forward On Voltage 2
Reverse Recovery Time 2 Reverse Recovery Charge
Symbol
VDS
Trr Qrr
Min.
_
Typ.
_
Max.
-1.2
Unit
V
Test Condition
IS=-1.7A, VGS=0V.
Is=-4A, VGS=0V dl/dt=100A/uS
_ _
43 87
_ _
nS nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. o 3.Surface mounted on 1 in 2 copper pad of FR4 board; 135 C/W when mounted on Min. copper pad.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 7
SSG4575
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6A, 60V,RDS(ON) 36m[ P Channel -4.2A, - 60V,RDS(ON) 72m[
Characteristics Curve N-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
www..com
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode
http://www.SeCoSGmbH.com/
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 7
SSG4575
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6A, 60V,RDS(ON) 36m[ P Channel -4.2A, - 60V,RDS(ON) 72m[
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
www..com
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
http://www.SeCoSGmbH.com/
Fig 12. Gate Charge Waveform
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 5 of 7
SSG4575
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6A, 60V,RDS(ON) 36m[ P Channel -4.2A, - 60V,RDS(ON) 72m[
P-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
www..com
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
http://www.SeCoSGmbH.com/
Fig 5. Forward Characteristics of Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 6 of 7
SSG4575
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6A, 60V,RDS(ON) 36m[ P Channel -4.2A, - 60V,RDS(ON) 72m[
P-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
www..com
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 7 of 7


▲Up To Search▲   

 
Price & Availability of SSG4575

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X