Part Number Hot Search : 
2SD1380 2SK1451 AK8776 WT78L05 1N3254 MBT39 SS220 UF5403
Product Description
Full Text Search
 

To Download SSG4565 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSG4565
Elektronische Bauelemente N Channel 7.6A, 40V,RDS(ON) 25m[ P Channel 6.5A, 40V,RDS(ON) 33m [
Enhancement Mode Power Mos.FET
RoHS Compliant Product
SOP-8
Description
0.40 0.90 0.19 0.25
The SSG4565 provide the designer with the best combination of fast switching, ruggedized device design, Ultra low on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial industrial surface mount application and suited for low voltage applications such as DC/DC converters.
0.35 0.49 1.27Typ.
45
6.20 5.80 0.25
o
0.375 REF
3.80 4.00
4.80 5.00
0.10~0.25
Features
* Simple Drive Requirement * Lower On-resistance
D1 8 D1 7 D2 6 D2 5
D1
0 o 8
o
1.35 1.75
Dimensions in millimeters
* Fast Switching Performance
Date Code
D2
4565SS
G1 G2
1 S1
2 G1
3 S2
4 G2
S1
S2
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage www..com Continuous Drain Current 3 Continuous Drain Current Pulsed Drain Current
1 3
Symbol
VDS VGS ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o o
Ratings N-Channel P-Channel
40
20 7.6 6 30 2 0.016
Unit
V V A A A W
W/ C
o o
-40
_ +20
-6.5 -5.2 -30
Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient
3
Symbol
Rthj-a
Ratings
62.5
o
Unit
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 7
SSG4565
Elektronische Bauelemente N Channel 7.6A, 40V,RDS(ON) 25m [ P Channel 6.5A, 40V,RDS(ON) 33m [
Enhancement Mode Power Mos.FET
o
Electrical Characteristics N- Channel (Tj=25 C Unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 oC) Drain-Source Leakage Current (Tj=70 oC) Static Drain-Source On-Resistance
2 2
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
40
_
Typ.
_
Max.
_ _
Unit
V V/ oC V nA uA uA
Test Condition
VGS=0V, ID=250uA Reference to 25 oC,ID=1mA VDS=VGS, ID=250uA VGS= 20V VDS=40V,VGS=0 VDS=32V,VGS=0 VGS=10V, ID=7A VGS=4.5V, ID=5A
0.03
_ _ _ _ _ _
1.0
_ _ _ _
3.0
100
1 25 25 32
27
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _ _ _ _ _ _ _ _
m[
Total Gate Charge
17 4 10 11 8 30 11 1400 250 170 12
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time
www..com
2
nC
ID=7A VDS=32V VGS=4.5V
_
_ _ _
VDD=20V ID=1A nS VGS=10V RG=3.3[ RD=20 [
Fall Time
Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
2400
_ _
pF
VGS=0V VDS=25V f=1.0MHz
_
_
S
VDS=10V, ID=7A
Source-Drain Diode
Parameter
Forward On Voltage
2
Symbol
VSD
Min.
_ _
Typ.
_
Max.
1.2
_
Unit
V
Test Condition
IS=1.7A, VGS=0V. Is=7A, VGS=0V dl/dt=100A/us
Reverse Recovery Time
2
Trr
Qrr
26
ns
Reverse Recovery Charge
_
21
_
nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on 1 inch2 copper pad of FR4 board; 270C/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 7
SSG4565
Elektronische Bauelemente
N Channel 7.6A, 40V,RDS(ON) 25m[ P Channel 6.5A, 40V,RDS(ON) 33m [
Enhancement Mode Power Mos.FET
o
Electrical Characteristics P-Channel( Tj=25 C
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 oC) Static Drain-Source On-Resistance
2 o
Unless otherwise specified)
Typ.
_
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
-40
_
Max.
_ _
Unit
V V/ C V nA uA uA
o
Test Condition
VGS=0V, ID=-250uA Reference to 25 C ,ID=-1mA VDS=VGS, ID=-250uA VGS= 20V VDS=-40V,VGS=0 VDS=-32V,VGS=0 VGS=-10V, ID=-6A VGS=-4.5V, ID=-4A
o
-0.03
_ _ _ _ _ _
-1.0
_ _ _ _
-3.0
100
-1 -25 33 42
32
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _ _ _ _ _ _ _ _
m[
Total Gate Charge 2 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time 2 Rise Time Turn-off Delay Time Fall Time www..com Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
20 4 10 11 7 67 43 1440 250 190 10
nC
ID=-6A VDS=-32V VGS=-4.5V
_
_ _ _
VDS=-20V ID=-1A nS VGS=-10V RG=3.3 [ RD=20[
2300
_ _
pF
VGS=0V VDS=-25V f=1.0MHz
_
_
S
VDS=-10V, ID=-6A
Source-Drain Diode
Parameter
Forward On Voltage 2 Reverse Recovery Time
2
Symbol
VSD Trr
Qrr
Min.
_ _
Typ.
_
Max.
-1.2 _
_
Unit
V
Test Condition
IS=-1.7A, VGS=0V. Is=-6A, VGS=0V
dl/dt=100A/us
27
23
ns
Reverse Recovery Charge
_
nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on 1 inch2 copper pad of FR4 board; 270C/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 7
SSG4565
Elektronische Bauelemente
N Channel 7.6A, 40V,RDS(ON) 25m[ P Channel 6.5A, 40V,RDS(ON) 33m[
Enhancement Mode Power Mos.FET
Characteristics Curve N-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
www..com
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode
http://www.SeCoSGmbH.com/
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 7
SSG4565
Elektronische Bauelemente
N Channel 7.6A, 40V,RDS(ON) 25m[ P Channel 6.5A, 40V,RDS(ON) 33m[
Enhancement Mode Power Mos.FET
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
www..com
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
http://www.SeCoSGmbH.com/
Fig 12. Gate Charge Waveform
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 5 of 7
SSG4565
Elektronische Bauelemente
N Channel 7.6A, 40V,RDS(ON) 25m[ P Channel 6.5A, 40V,RDS(ON) 33m[
Enhancement Mode Power Mos.FET
P-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
www..com
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode
http://www.SeCoSGmbH.com/
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 6 of 7
SSG4565
Elektronische Bauelemente
N Channel 7.6A, 40V,RDS(ON) 25m[ P Channel 6.5A, 40V,RDS(ON) 33m [
Enhancement Mode Power Mos.FET
P-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
www..com
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
http://www.SeCoSGmbH.com/
Fig 12. Gate Charge Waveform
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 7of 7


▲Up To Search▲   

 
Price & Availability of SSG4565

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X