Part Number Hot Search : 
IRF7413A D9893F 0PX667J 100395CW SSF8205 FLQ14 161A1 D4NK6
Product Description
Full Text Search
 

To Download SSG4503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Elektronische Bauelemente
Enhancement Mode Power Mos.FET
RoHS Compliant Product
N Channel 6.9A, 30V,RDS(ON) 28m[ P Channel -6.3A, -30V,RDS(ON) 36m[
SSG4503
SOP-8
Description
0.40 0.90 0.19 0.25
The SSG4503 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial industrial surface mount application and suited for low voltage applications such as DC/DC converters.
0.35 0.49 1.27Typ.
45
6.20 5.80 0.25
o
0.375 REF
3.80 4.00
4.80 5.00
0.10~0.25
Features
* Simple Drive Requirement * Lower On-Resistance
0 o 8
o
1.35 1.75
Dimensions in millimeters
D1 8
D1 7
D2 6
D2 5
D1 D2
* Fast Switching Performance
Date Code
4503SS
G1 G2
1 S1
2 G1
3 S2
4 G2
S1
S2
Absolute Maximum Ratings
www..com
Parameter
Symbol
VDS VGS 30
20
o
Ratings
-30
20 -6.3 -5 -30 2.0 0.016
Unit
V V A A A W
W/ C
o o
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o
6.9 5.5 30
T otal Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient
3
Symbol
Max. Rthj-a
Ratings
62.5
o
Unit
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 7
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6.9A, 30V,RDS(ON) 28m[ P Channel -6.3A, -30V,RDS(ON) 36m[
SSG4503
Electrical Characteristics N Channel( Tj=25 C
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25oC) Drain-Source Leakage Current (Tj=70 C ) Static Drain-Source On-Resistance
2 o
o
Unless otherwise specified)
Typ.
_
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
30
_
Max.
_ _
Unit
V V/oC V nA uA uA m[
Test Condition
VGS=0V, ID=250uA Reference to 25 C, ID=1mA VDS=VGS, ID=250uA VGS= 20V VDS=30V,VGS=0 VDS=24V,VGS=0 VGS=10V, ID=6A VGS=4.5V, ID=4A ID=6 A VDS=24V VGS=4.5V
o
0.005
_ _ _ _ _ _
1.0
_ _ _ _
3.0
100
1 25 28 42
15
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _ _ _ _ _ _ _ _
Total Gate Charge 2 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time
www..com
9 2 6 8 7 19 6 610 160 120 5.7
nC
_
_ _ _
VDD=15V ID=1 A nS VGS=10 V RG=3.3 [ RD=15 [
Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
970
_ _
pF
VGS=0V VDS=25V f=1.0MHz VDS=10V, ID=6 A
_
_
S
Source-Drain Diode
Parameter
Forward On Voltage
2
Symbol
VSD Trr Qrr
Min.
_ _ _
Typ.
_
Max.
1.2
_ _
Unit
V
Test Condition
IS=6 A, VGS=0V.Tj=25 oC IS=6A,V GS=0V dl/dt=100A/us
Reverse Recovery Time Reverse Recovery Charge
18 11
nS nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on 1 inch2 copper pad of FR4 board;135 C/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 7
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
o
N Channel 6.9A, 30V,RDS(ON) 28m[ P Channel -6.3A, -30V,RDS(ON) 36m[
SSG4503
Electrical Characteristics P-Channel( Tj=25 C Unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70oC) Static Drain-Source On-Resistance
2 o
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
-30
_
Typ.
_
Max.
_ _
Unit
V V/ oC V nA uA uA m[
Test Condition
VGS=0V, ID=-250uA Reference to 25oC, ID=-1mA VDS=VGS, ID=-250uA VGS= 20V VDS=-30V,VGS=0 VDS=-24V,VGS=0 VGS=-10V, ID=-6A VGS=-4.5V, ID=-4A ID=-6A VDS=-24V VGS=-4.5V
-0.004
_ _ _ _ _ _
-1.0
_ _ _ _
-3.0
100
-1 -25 36 55
24
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _ _ _ _ _ _ _ _
Total Gate Charge 2 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time 2 Rise Time Turn-off Delay Time Fall Time
www..com
15 3 9 12 8 42 34 960 300 220 5.8
nC
_
_ _ _
VDS=-15V ID=-1A nS VGS=-10V RG=3.3[ RD=15 [
Input Capacitance
1540
_ _
Output Capacitance Reverse Transfer Capacitance Forward Transconductance
pF
VGS=0V VDS=-25V f=1.0MHz
_
_
S
VDS=-10V, ID=-6A
Source-Drain Diode
Parameter
Forward On Voltage
2
Symbol
VSD Trr Qrr
Min.
_ _ _
Typ.
_
Max.
-1.2
_ _
Unit
V
Test Condition
IS=-6A, VGS=0V.Tj=25 oC IS=-6A,VGS=0V dl/dt=100A/us
Reverse Recovery Time Reverse Recovery Charge
24 18
nS nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on 1 inch2 copper pad of FR4 board;135 C/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 7
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6.9A, 30V,RDS(ON) 28m[ P Channel -6.3A, -30V,RDS(ON) 36m[
SSG4503
Characteristics Curve N-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
www..com
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
http://www.SeCoSGmbH.com/
Fig 5. Forward Characteristics of Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 7
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6.9A, 30V,RDS(ON) 28m[ P Channel -6.3A, -30V,RDS(ON) 36m[
SSG4503
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
www..com
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
http://www.SeCoSGmbH.com/
Fig 12. Gate Charge Waveform
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 5 of 7
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6.9A, 30V,RDS(ON) 28m[ P Channel -6.3A, -30V,RDS(ON) 36m[
SSG4503
P-Channel
GND Description
Typically a large storage capacitor is connected from this pin to ground to insure that the input 1.3V or open= output enable.
NC
tage does not sag below the minimum dropout voltage during the load V higher than Vout in order for the device to
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
www..com
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
http://www.SeCoSGmbH.com/
Fig 5. Forward Characteristics of Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 6 of 7
Elektronische Bauelemente
Enhancement Mode Power Mos.FET
N Channel 6.9A, 30V,RDS(ON) 28m[ P Channel -6.3A, -30V,RDS(ON) 36m[
SSG4503
P-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
www..com
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev.A
Page 7 of 7


▲Up To Search▲   

 
Price & Availability of SSG4503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X