Part Number Hot Search : 
CY7C104 STD123N T113031 BTA106 Y7C13 BXMP1012 37010 P4KA27A
Product Description
Full Text Search
 

To Download SN755870KPZT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
3
4
12. IC INFORMATION
www..com
A
* The information shown in the list is basic information and may not correspond exactly to that shown in the schematic diagrams.
List of IC
SN755870KPZT, BCM7038KPB1G-B2, R5520H001B, R2S11002AFT, R2S11001FT, UPD64015AGM-UEM, AD9985KSTZ-110, SII9023CTU
SN755870KPZT
(50 SCAN A ASSY : IC2801 - IC2806) (50 SCAN B ASSY : IC2901 - IC2906)
* PLASMA DISPLAY PANEL IC
PIN LAYOUT (Top View)
B
OUT2 OUT1 N.C. VDDH VDDH N.C. GND1 GND1 CLR SI OC2 OC1 VDD LAT CLK SO DIR GND1 GND1 N.C. VDDH VDDH N.C. OUT64 OUT63 OUT3 OUT4 OUT5 OUT6 OUT7 OUT8 OUT9 OUT10 OUT11 OUT12 OUT13 OUT14 OUT15 OUT16 OUT17 OUT18 OUT19 OUT20 OUT21 OUT22 OUT23 OUT24 OUT25 OUT26 OUT27 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
C
D
VDDH
OUT28 OUT29 OUT30 OUT31 OUT32 N.C. VDDH VDDH N.C. GND1 GND1 GND1 N.C. GND2 GND1 GND1 N.C. VDDH VDDH N.C. OUT33 OUT34 OUT35 OUT36 OUT37
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
OUT62 OUT61 OUT60 OUT59 OUT58 OUT57 OUT56 OUT55 OUT54 OUT53 OUT52 OUT51 OUT50 OUT49 OUT48 OUT47 OUT46 OUT45 OUT44 OUT43 OUT42 OUT41 OUT40 OUT39 OUT38
88
VDD
BLOCK DIAGRAM
DK Level Shift Circuit Data Output Control Circuit 64-bit Shift Register 99 OUT1
SI 91
DA
E
DK Level Shift Circuit 1-30, 46-76, OUT2 - OUT63 100
64-bit Latch
DA
DK SO 85 Level Shift Circuit 77 OUT64
Data
DA
F
86 CLK
84 DIR
92 CLR
87 LAT
89 OC1
90 GND2 GND1 GND1 OC2
196
1 2
PDP-5071PU
3 4
VDDH
5
6
7
8
www..com
PIN FUNNCTION
No.
1 - 30 31 32 - 33 34 35 - 37 38 39 40 - 41 42 43 - 44 45 46 - 77 78 79 - 80 81 82 - 83 84 85 86 87 N.C. VDDH N.C. GND1 N.C. GND2 GND1 N.C. VDDH N.C. OUT33 - OUT64 N.C. VDDH N.C. GND1 DIR SO CLK LAT
A
Pin Name
OUT3 - OUT32
I/O
O - - - - - - - - - - O - - - - I I/O I I High-voltage push-pull output Not used Power for High-voltage circuit Not used GND Not used GND GND Not used Power for High-voltage circuit Not used High-voltage push-pull output Not used Power for High-voltage circuit Not used GND
Pin Function
B
Setting the shift direction of shift-register L : reverse side shift (SOSI), H : forward side shift (SISO) Serial data In/Out Serial clock Input Down-side edge trigger
C
LAT data Input L : The data of shiftregister is transferred to ouput latch. H : The ouput data of latch is holded. Power for Logic circuit Output control Output is controlled by truth table right side. OC1 OC2 L L H H L H L H OUT ALL Hi-Z DATA ALL L ALL H
D
88 89
VDD OC1
- I
90 91 92 93 - 94 95 96 - 97 98 99 - 100
OC2 SI CLR GND1 N.C. VDDH N.C. OUT1 - OUT2
I I/O I - - - - O Serial data In/Out
All output reset CLR terminal : L normal operation, CLR terminal : H All output "H" GND Not used Power for High-voltage circuit Not used High-voltage push-pull output
E
F
PDP-5071PU
5 6 7 8
197


▲Up To Search▲   

 
Price & Availability of SN755870KPZT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X