Part Number Hot Search : 
2N7002 AN179 CXX0G AT25F SSD25 54240 C2412 HA1315
Product Description
Full Text Search
 

To Download SKBB250C32002200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRSM VRRM V 100 400 800 900 1200 V(BR)min V 1300
VVRMS
ID (Tamb = 45 C) 4A Types SKB B 40 C3200/2200 SKB B 80 C3200/2200 SKB B 250 C3200/2200 SKB B 380 C3200/2200 SKB B 500 C3200/2200 Avalanche Type SKBa B 500 C3200/2200 800 3 Cmax F 10000 3000 1700 1800 800 Rmin 0,25 0,8 1,6 2,4 3
Miniature Bridge Rectifiers SKB B . . . C 3200/2200 SKBa B . . . C 3200/2200
V 40 125 250 380 500 VVRMS V 500
Symbol Conditions ID IDCL IFSM i2t PRSM VF V(TO) rT IRD Tamb = 45 C;isolated1) chassis2) Tamb = 45 C;isolated1) chassis2) Tvj = 25 C, 10 ms Tvj = 150 C, 10 ms Tvj = 25 C, 8,3...10 ms Tvj = 150 C, 8,3...10 ms tp = 10 s; avalanche type Tvj = 25 C; IF = 10 A Tvj = 150 C Tvj = 150 C Tvj = 25 C; VRD = VRRM = 100 V 400 V VRD = V(BR)min Tvj = 150 C; VDR = VRRM trr fG Rthja Tvj Tstg RC Fu w Case PR = 1 W isolated1) chassis2) Tvj = 25 C = 100 V 400 V
SKB... SKBa ... 2,7 4,0 2,2 3,2 115 100 66 50 2000 1,25 0,85 24 20 5 5 1 0,6 typ. 10 2000 22 15 - 40...+ 150 - 55...+ 150 20...50 10 4 10 G5
Units A A A A A A A 2s A 2s W V V m A A A mA mA s Hz C/W C/W C C nF A g Features * Compact plastic package with in-line terminals * High blocking voltage * SKBa with avalanche characteristics * Plastic material used for carries Underwriters Laboratories flammability classification 94 V-0 Typical Applications * Internal power supplies for electronic equipment * DC power supplies * Control equipment * TV sets * Avalanche types for inductive loads: Solenoids, Motor brakes
1) 2)
Freely suspended or mounted on an insulator Mounted on a painted metal sheet of min. 250 x 250 x 1 mm
0896 B 11 - 9
(c) by SEMIKRON
B 11 - 10
(c) by SEMIKRON
(c) by SEMIKRON
B 11 - 11
B 11 - 12
(c) by SEMIKRON


▲Up To Search▲   

 
Price & Availability of SKBB250C32002200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X