|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VRSM VVRMS VRRM V 120 400 800 1000 1200 V 40 125 250 380 500 ID (Tamb = 45 C) 1,8 A Cmax F SKB B 40 C 1000 L5B 5000 SKB B 80 C 1000 L5B 1600 SKB B 250 C 1000 L5B 800 SKB B 380 C 1000 L5B 600 SKB B 500 C 1000 L5B 400 Types Rmin 0,5 1,5 3 4,5 6 Types 2,5 A Cmax F SKB B 40 C 1500 L5B 7000 SKB B 80 C 1500 L5B 2200 SKB B 250 C 1500 L5B 1000 SKB B 380 C 1500 L5B 700 SKB B 500 C 1500 L5B 500 Rmin 0,4 1,1 2,5 4 5 Miniature Bridge Rectifiers SKB B . . . C 1000 L5B SKB B . . . C 1500 L5B SKBa B 500 C 1000 L5B SKBa B 500 C 1500 V(BR) VVRMS Avalanche Types V min 1300 500 SKBa B 500 C 1000 L5B 400 6 SKBa B 500 C 1500 www..com 500 5 Symbol Conditions ID IDCL Tamb = 45 C; isolated1) chassis2) Tamb = 33 C; isolated1) Tamb = 45 C; isolated1) chassis2) Tvj = 25 C, 10 ms Tvj = 150 C, 10 ms Tvj = 25 C, 8,3 ... 10 ms Tvj = 150 C, 8,3 ... 10 ms tp = 10 s; avalanche types Tvj = 25 C; IF = 10 A Tvj = 150 C Tvj = 150 C Tvj = 25 C; VRD = VRRM = 120 V 400 V VRD = V(BR)min Tvj = 150 C; VRD = VRRM = 120 V 400 V trr fG Rthja Tvj Tstg RC Fu w Case PR = 1 W isolated1) chassis2) Tvj = 25 C SKB B...C 1000 SKBa B 500 C 1000 SKB B...C 1500 SKBa B 500 C 1500 1,2 A 1,8 A - 1A 1,5 A 58 A 50 A 17 A2s 12,5 A2s 1000 W 1,65 V 0,85 V 100 m 20 A 5 A 5 A 1 mA 0,6 mA typ. 10 s 2000 Hz 42 C/W 27 C/W 1,5 A - 1,5 A - - 80 A 70 A 32 A2s 24,5 A2s 1000 W 1,5 V 0,85 V 60 mA IFSM i2t PRSM VF V(TO) rT IRD Features * Compact plastic package with in-line terminals * High blocking voltage * SKBa with avalanche characteristics Typical Applications * Internal power supplies for electronic equipment * DC power supplies * Control equipment * TV sets * Avalanche types for inductive loads: Solenoids, Motor brakes 36 C/W - - 40...+ 150 C - 55...+ 150 C 10 nF + 20...50 1,5 A 2g G2 2A 2g 1) 2) Freely suspended or mounted on an insulator Mounted on a painted metal sheet of min. 250 x 250 x 1 mm 0895 B 11 - 3 (c) by SEMIKRON www..com B 11 - 4 (c) by SEMIKRON www..com (c) by SEMIKRON B 11 - 5 www..com B 11 - 6 (c) by SEMIKRON |
Price & Availability of SKBAB250C1000 |